Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC-715-DFF-GFL19.440 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # VC-715-DFF-GFL19.440
Description  LVPECL Voltage Controlled Crystal Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-715-DFF-GFL19.440 Datasheet(HTML) 4 Page - Vectron International, Inc

  VC-715-DFF-GFL19.440 Datasheet HTML 1Page - Vectron International, Inc VC-715-DFF-GFL19.440 Datasheet HTML 2Page - Vectron International, Inc VC-715-DFF-GFL19.440 Datasheet HTML 3Page - Vectron International, Inc VC-715-DFF-GFL19.440 Datasheet HTML 4Page - Vectron International, Inc VC-715-DFF-GFL19.440 Datasheet HTML 5Page - Vectron International, Inc VC-715-DFF-GFL19.440 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VC-715 Voltage Controlled Crystal Oscillator
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Page 4 of 6
Suggested Output Load Configurations
4
3
240
0.01
µF
1
6
2
Gnd
OD
5
Vc
0.10
µF
+3.3V
240
100
Z = 50
Z = 50
COutput
Vcc
Output
Gnd
Vc
OD
Output
240
3
4
240
COutput
2
1
5
6
Vcc
0.01
µF
0.10
µF
+3.3V
OD
-1.3V
COutput
Output
4
3
2
5
Vc
0.01
µF
1
6
Vcc
0.10
µF
+2.0V
LV-PECL to LV-PECL: For short transmission lengths, the power
consumption could be reduced by removing the 100
resistor and
doubling the value of the pull down resistors.
Functional Test: Allows standard power supply configuration.
Since AC coupled, the LV-PECL levels cannot be measured.
LV-PECL to LVDS: Restricted for short transmission lengths.
Configuration may require modification depending on LVDS receiver.
Gnd
3
Output
4
Z = 50
+3.3V
COutput
OD
Vc
2
1
5
Vcc
6
0.01
µF
0.10
µF
Z = 50
40
40
150
150
49
49
+3.3V
Production Test: Allows direct DC coupling into 50
measurement
equipment. Must bias the power supplys as shown. Similar to Figure 1.
0.01
µF
0.01
µF


Similar Part No. - VC-715-DFF-GFL19.440

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-715 VECTRON-VC-715 Datasheet
122Kb / 6P
   LVPECL Voltage Controlled Crystal Oscillator
VC-715 VECTRON-VC-715_06 Datasheet
122Kb / 6P
   LVPECL Voltage Controlled Crystal Oscillator
More results

Similar Description - VC-715-DFF-GFL19.440

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-715 VECTRON-VC-715_06 Datasheet
122Kb / 6P
   LVPECL Voltage Controlled Crystal Oscillator
logo
Cypress Semiconductor
CY2V014 CYPRESS-CY2V014 Datasheet
262Kb / 9P
   LVPECL Voltage Controlled Crystal Oscillator (VCXO)
logo
Crystek Corporation
CVPD-914 CRYSTEKCRYSTAL-CVPD-914 Datasheet
113Kb / 1P
   Differential LVPECL Voltage Controlled Crystal Oscillator 9X14 mm SMD, 3.3V, LVPECL
CVPD-920 CRYSTEKCRYSTAL-CVPD-920 Datasheet
74Kb / 1P
   Differential LVPECL Voltage Controlled Crystal Oscillator 9X14 mm SMD, 3.3V, LVPECL
logo
TAITIEN ELECTRONICS CO....
XO-0083-VW-LVDS-TYPE TAITIEN-XO-0083-VW-LVDS-TYPE Datasheet
285Kb / 1P
   5.0 x 3.2mm SMD LVPECL/LVDS Voltage Controlled Crystal Oscillator
logo
NIHON DEMPA KOGYO
NV7050SG NDK-NV7050SG Datasheet
617Kb / 2P
   Crystal Oscillator Voltage-Controlled Crystal Oscillator (VCXO)
logo
Advanced XTAL Products
AXIS7050C63 AXTAL-AXIS7050C63 Datasheet
265Kb / 1P
   Voltage Controlled Crystal Oscillator
logo
Epson ToYoCom
TCO-291J EPSONTOYOCOM-TCO-291J Datasheet
341Kb / 2P
   VOLTAGE -CONTROLLED CRYSTAL OSCILLATOR
logo
Vectron International, ...
VXCO-5000-DAE-G VECTRON-VXCO-5000-DAE-G Datasheet
377Kb / 5P
   Voltage Controlled Crystal Oscillator
logo
MTRONPTI
XO7080 MTRONPTI-XO7080 Datasheet
57Kb / 2P
   Voltage Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com