Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SO-502-CJD-LNN300 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # SO-502-CJD-LNN300
Description  SAW Based Clock Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

SO-502-CJD-LNN300 Datasheet(HTML) 3 Page - Vectron International, Inc

  SO-502-CJD-LNN300 Datasheet HTML 1Page - Vectron International, Inc SO-502-CJD-LNN300 Datasheet HTML 2Page - Vectron International, Inc SO-502-CJD-LNN300 Datasheet HTML 3Page - Vectron International, Inc SO-502-CJD-LNN300 Datasheet HTML 4Page - Vectron International, Inc SO-502-CJD-LNN300 Datasheet HTML 5Page - Vectron International, Inc SO-502-CJD-LNN300 Datasheet HTML 6Page - Vectron International, Inc SO-502-CJD-LNN300 Datasheet HTML 7Page - Vectron International, Inc SO-502-CJD-LNN300 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SO-502 SAW Based Oscillator
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
3
Rev: 06June05
8.89±0.15
[0.350±0.006]
13.97±0.20
[0.550±0.008]
0.46±0.05
[0.018±0.002]
2.54±0.13
[0.100±0.005]
5.08±0.13
[0.200±0.005]
4.49+0.20
-0.30
[0.177+0.008
-0.012
]
mm
[inch]
7.63
[0.300]
VS-500-LFF-GNN
XXX.XXX
VI YWW
1
4
3
6
2
5
Outline Diagram
Pad Layout
Table 3. Pin Out – PECL Option
Pin
Symbol
Function
1
-
N/C
2
OD
N/C or Output Disable
1
3
GND
Case and Electrical Ground
4
Output
Output
5
COutput
Complementary Output
6
VCC
Power Supply Voltage
Table Notes:
1. By setting Output Disable pin low, the RF output is disabled and pin 4 is held high, pin 5 is held low.
The threshold for Output Disable is 1.4V above pin 3.
Output disable pin can be left floating for normal operation
Figure 1. 100K PECL Waveform
Vcc - 1.6V
Vcc - 1.3V
Vcc - 1.0V
80%
20%
tR
tF
tA
tB
SYM = 100 x tA / tB
mm
[inch]
8.80
[0.346]
1.27
[0.050]
2.54
[0.100]
5.08
[0.200]
3.00
[0.118]
SO-502-BJF-GNN
XXX.XXX
∆ VI YYWW


Similar Part No. - SO-502-CJD-LNN300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SO-1021-7127 ETC2-SO-1021-7127 Datasheet
86Kb / 1P
   RELAY SOCKET 10 AMP
logo
Texas Instruments
SO-14 TI1-SO-14 Datasheet
551Kb / 30P
[Old version datasheet]   STAR STAR Surface Mount Tape-and-Reel Specification
logo
Advanced Monolithic Sys...
SO-14 ADMOS-SO-14 Datasheet
67Kb / 5P
   Packaging for Automatic Handling
logo
Texas Instruments
SO-16 TI1-SO-16 Datasheet
551Kb / 30P
[Old version datasheet]   STAR STAR Surface Mount Tape-and-Reel Specification
logo
Advanced Monolithic Sys...
SO-16 ADMOS-SO-16 Datasheet
67Kb / 5P
   Packaging for Automatic Handling
More results

Similar Description - SO-502-CJD-LNN300

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CCSO-914X-1000 CRYSTEKCRYSTAL-CCSO-914X-1000_15 Datasheet
264Kb / 3P
   SAW Based Clock Oscillator
logo
Vectron International, ...
SO-720 VECTRON-SO-720 Datasheet
132Kb / 7P
   SAW Based Clock Oscillator
SO-720 VECTRON-SO-720_07 Datasheet
136Kb / 7P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCSO-914X CRYSTEKCRYSTAL-CCSO-914X_15 Datasheet
338Kb / 4P
   SAW Based Clock Oscillator
CCSO-914X3-1000 CRYSTEKCRYSTAL-CCSO-914X3-1000_15 Datasheet
264Kb / 3P
   SAW Based Clock Oscillator
CCSO-914X-245 CRYSTEKCRYSTAL-CCSO-914X-245 Datasheet
385Kb / 3P
   SAW Based Clock Oscillator
CCSO-914Y12-1090 CRYSTEKCRYSTAL-CCSO-914Y12-1090 Datasheet
171Kb / 3P
   SAW Based Clock Oscillator
logo
Vectron International, ...
PS-702 VECTRON-PS-702 Datasheet
760Kb / 7P
   SAW Based Clock Oscillator
PS-702-ECT-KAA VECTRON-PS-702-ECT-KAA Datasheet
340Kb / 7P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCS575S CRYSTEKCRYSTAL-CCS575S Datasheet
139Kb / 2P
   SAW Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com