Electronic Components Datasheet Search |
|
SO-502-CKD-LNN300 Datasheet(PDF) 2 Page - Vectron International, Inc |
|
SO-502-CKD-LNN300 Datasheet(HTML) 2 Page - Vectron International, Inc |
2 / 8 page SO-502 SAW Based Oscillator Vectron International, 267 Lowell Rd, Hudson NH 03051-4916 Tel: 1-88-VECTRON-1 Website: www.vectron.com 2 Rev: 06June05 Table 1. Electrical Performance Parameter Symbol Minimum Typical Maximum Units Notes Frequency Center Frequency FN 300 1350 MHz 1,2 Frequency Stability (Referenced to FO) FSTAB +50, -250 ppm 1,2,7 Aging (10 years) +50, -100 ppm 5 Supply Voltage (B) VCC 11.4 12 12.6 V 2,3 Voltage (C) VCC 4.75 5 5.25 V 2,3 Voltage (D) VCC 3.135 3.3 3.450 V 2,3 Current (No Load) ICC 55 70 mA 2,3 Output- Sinewave Options Sinewave, into 50 Ώ (G) PO 0 dBm 2,3 Sinewave, into 50 Ώ (J) PO +7 dBm 2,3 Sinewave, into 50 Ώ (K) PO +10 dBm 2,3 Harmonics -20 dBc 2,3 Jitter @ 622.08 MHz (12 kHz to 20 MHz) 0.28 ps,rms 5,6 Jitter @ 622.08 MHz (50 kHz to 80 MHz) 0.29 ps,rms 5,6 Output- PECL Logic Option (F) Output Level Low VOL VCC-1.95 VCC-1.63 V 2,3,4 Output Level High VOL VCC-0.98 VCC-0.75 V 2,3,4 Rise & Fall Time tR,tF 200 350 ps 2,3,4 Symmetry (Duty Cycle) SYM 45 49/51 55 % 2,3,4 Operating Temperature TOP See Ordering Table ºC 1 Package Size 9.0 x 14.0 x 4.5 mm Table Notes: 1. See Standard Frequencies and Ordering Information 2. Parameters are tested with production test circuit 3. Parameters are tested at ambient temperature with test limits guard-banded for specified operating temperature. 4. Output levels are standard 100K PECL compatible and measured from 20% to 80% of a full output swing (Fig 1). 5. Not tested in production, guaranteed by design, verified at qualification. 6. Integrated across 12 kHz to 20 MHz or 50 kHz to 80 MHz per GR-253-CORE Issue3. 7. Maximum Frequency occurs at room temperature Table 2. Typical Single Side-Band Phase Noise (dBc/Hz) for Sinewave Output Output Frequency 100 Hz Offset 1 kHz Offset 10 kHz Offset 100 kHz Offset 1 MHz Offset 622.08 MHz -70 -100 -125 -155 -160 1000 MHz -70 -100 -125 -155 -160 |
Similar Part No. - SO-502-CKD-LNN300 |
|
Similar Description - SO-502-CKD-LNN300 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |