Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-751-LFF-HNN625.0000 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # VS-751-LFF-HNN625.0000
Description  Dual Frequency VCSO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VS-751-LFF-HNN625.0000 Datasheet(HTML) 4 Page - Vectron International, Inc

  VS-751-LFF-HNN625.0000 Datasheet HTML 1Page - Vectron International, Inc VS-751-LFF-HNN625.0000 Datasheet HTML 2Page - Vectron International, Inc VS-751-LFF-HNN625.0000 Datasheet HTML 3Page - Vectron International, Inc VS-751-LFF-HNN625.0000 Datasheet HTML 4Page - Vectron International, Inc VS-751-LFF-HNN625.0000 Datasheet HTML 5Page - Vectron International, Inc VS-751-LFF-HNN625.0000 Datasheet HTML 6Page - Vectron International, Inc VS-751-LFF-HNN625.0000 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
VS-751 Voltage Controlled SAW Oscillator
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Power Supply
VCC
0 to 6
V
Input Current
IIN
100
mA
Output Current
IOUT
25
mA
Voltage Control Range
VC
0 to VCC
V
Storage Temperature
TSTR
-55 to 125
C
Soldering Temperature / Duration
TPEAK / tP
260 / 40
C / sec
Stresses in excess of the absolute maximum ratings can permanently damage the device. Also, exposure to
these absolute maximum ratings for extended periods may adversely affect device reliability. Functional
operation is not implied at these or any other conditions in excess of those represented in the operational
sections of this datasheet. Permanent damage is also possible if any device input (Vc or FS) draws greater
than 100mA.
Suggested Output Load Configurations
4
3
240
0.01 F
16
2
Gnd
FS
5
Vc
0.10 F
+3.3V
240
100
Z = 50
Z = 50
COutput
Vcc
Output
240
240
LV-PECL to LV-PECL: For short transmission lengths, the power
onsumption could be reduced by removing the 100
resistor and
ubling the value of the pull down resistors.
unctional Test: Allows standard power supply configuration.
ince AC coupled, the LV-PECL levels cannot be measured.
LV-PECL to LVDS: Restricted for short transmission lengths.
Configuration may require modification depending on LVDS receiver.
c
do
F
S
Z = 50
Z = 50
40
40
150
150
49
49
+3.3V
Production Test: Allows direct DC coupling into 50
measurement
equipment. Must bias the power supplys as shown. Similar to Figure 1.
0.01 F
0.01 F
+3.3V
Vc
16
Vcc
0.01 F
0.10 F
Gnd
34
FS
2
5
COutput
Output
+2.0V
Vc
16
Vcc
0.01 F
0.10 F
-1.3V
34
FS
2
5
COutput
Output
+3.3V
Vc
16
Vcc
0.01 F
0.10 F
Gnd
34
FS
2
5
COutput
Output
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Page 4 of 7
Rev: 09Jan06


Similar Part No. - VS-751-LFF-HNN625.0000

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-751 VECTRON-VS-751 Datasheet
501Kb / 8P
   Dual Frequency VCSO
VS-751 VECTRON-VS-751_09 Datasheet
501Kb / 8P
   Dual Frequency VCSO
More results

Similar Description - VS-751-LFF-HNN625.0000

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-509 VECTRON-VS-509_11 Datasheet
207Kb / 9P
   Dual Frequency VCSO
VS-550 VECTRON-VS-550_06 Datasheet
144Kb / 7P
   Dual Frequency VCSO
VS-709 VECTRON-VS-709 Datasheet
719Kb / 9P
   Dual Frequency VCSO
VS-504 VECTRON-VS-504 Datasheet
872Kb / 6P
   Dual Frequency VCSO
VS-709 VECTRON-VS-709_12 Datasheet
719Kb / 9P
   Dual Frequency VCSO
VS402 VECTRON-VS402 Datasheet
569Kb / 6P
   Dual Frequency VCSO
VS-751 VECTRON-VS-751_09 Datasheet
501Kb / 8P
   Dual Frequency VCSO
VS-550 VECTRON-VS-550 Datasheet
146Kb / 7P
   DUAL FREQUENCY VCSO
VS-509 VECTRON-VS-509 Datasheet
200Kb / 9P
   Dual Frequency VCSO
VS-750 VECTRON-VS-750 Datasheet
263Kb / 7P
   Dual Frequency VCSO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com