Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VXB2 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VXB2
Description  VXB2 Microprocessor Crystals
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VXB2 Datasheet(HTML) 1 Page - Vectron International, Inc

  VXB2 Datasheet HTML 1Page - Vectron International, Inc VXB2 Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VXB2 Microprocessor Crystals
Package Options
Frequency Range
Standard
Frequencies
Mode
Stability Options
Load Capacitance
STD Calibration
Tolerance
Equivalent Series
Resistance
Shunt
Capacitance
Drive Level
Crystal Aging
Standard
Packaging
Typical P/N
B2 = 4.4 mm tall surface mount
3.5 MHz to 75.00 MHz
See Standard Frequency Table
1 = Fundamental (3.5 to 30 MHz)
3 = 3
rd Overtone (24.1 to 75 MHz)
A = ±100 PPM -20°C to +70°C
B =±50 PPM
-20°C to +70°C
C =±100 PPM -40°C to +85°C
D =±50 PPM
-40°C to +85°C
F = ±30 PPM
-20°C to +70°C
0 = Series Resonant
1 = 16 pF
2 = 20 pF
3 = 32 pF
4 = 18 pF
5 = 10 pF
6 = 30 pF
±25 PPM at +25°C
Tolerances to ±10 PPM are available
See ESR Table II
7 pf Maximum
10 to 2,000 uW
<5 ppm/1
st year
Tape & Reel (500 pc minimum)
VXB2-3A2-56M448
B2 = 5.0 mm tall package
3 = 3
rd Overtone
A = ±100 PPM -20°C to +70°C
2 = 20 pF load
Generate your own part number!
We welcome your custom requests and will
issue a custom part number for items that
are not listed.
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com


Similar Part No. - VXB2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VXB2 VECTRON-VXB2 Datasheet
113Kb / 4P
   Microprocessor Crystals
VXB2-1-D-E-00 VECTRON-VXB2-1-D-E-00 Datasheet
356Kb / 3P
   HC-49/US SMD Crystal
VXB2-1-D-J-00 VECTRON-VXB2-1-D-J-00 Datasheet
356Kb / 3P
   HC-49/US SMD Crystal
VXB2-1-D-T-00 VECTRON-VXB2-1-D-T-00 Datasheet
356Kb / 3P
   HC-49/US SMD Crystal
VXB2-1-D-W-00 VECTRON-VXB2-1-D-W-00 Datasheet
356Kb / 3P
   HC-49/US SMD Crystal
More results

Similar Description - VXB2

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VXM7 VECTRON-VXM7 Datasheet
91Kb / 4P
   Microprocessor Crystals
VXB1 VECTRON-VXB1 Datasheet
130Kb / 2P
   Microprocessor Crystals
VXB1 VECTRON-VXB1_08 Datasheet
113Kb / 4P
   Microprocessor Crystals
VXA4 VECTRON-VXA4 Datasheet
44Kb / 2P
   Microprocessor Crystals
VXA7 VECTRON-VXA7 Datasheet
42Kb / 2P
   VXA7 Microprocessor Crystals
logo
List of Unclassifed Man...
HC49UP ETC2-HC49UP Datasheet
44Kb / 1P
   MICROPROCESSOR CRYSTALS / RESISTANCE WELD
BA32C3 ETC2-BA32C3 Datasheet
39Kb / 1P
   HC-49/US Microprocessor Crystals
logo
Caliber Electronics Inc...
BA32C1 CALIBER-BA32C1 Datasheet
44Kb / 1P
   HC-49/US Microprocessor Crystals
logo
Abracon Corporation
ABSM2 ABRACON-ABSM2 Datasheet
102Kb / 1P
   MICROPROCESSOR CRYSTALS MOLDED PLASTIC SURFACE MOUNT
logo
List of Unclassifed Man...
CA32C3 ETC2-CA32C3 Datasheet
36Kb / 1P
   HC-49/US SMD Microprocessor Crystals
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com