Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-502-CHD-GNN-1344.3256 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # VS-502-CHD-GNN-1344.3256
Description  Voltage Controlled SAW Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VS-502-CHD-GNN-1344.3256 Datasheet(HTML) 1 Page - Vectron International, Inc

  VS-502-CHD-GNN-1344.3256 Datasheet HTML 1Page - Vectron International, Inc VS-502-CHD-GNN-1344.3256 Datasheet HTML 2Page - Vectron International, Inc VS-502-CHD-GNN-1344.3256 Datasheet HTML 3Page - Vectron International, Inc VS-502-CHD-GNN-1344.3256 Datasheet HTML 4Page - Vectron International, Inc VS-502-CHD-GNN-1344.3256 Datasheet HTML 5Page - Vectron International, Inc VS-502-CHD-GNN-1344.3256 Datasheet HTML 6Page - Vectron International, Inc VS-502-CHD-GNN-1344.3256 Datasheet HTML 7Page - Vectron International, Inc VS-502-CHD-GNN-1344.3256 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1 Website: www.vectron.com
1
Rev: 27January06
Product Data Sheet
PRELIMINARY
VS-502
Voltage Controlled SAW Oscillator
Features
• Output frequencies from 300 MHz to 1350 MHz
• Ultra low jitter < 0.2 ps-rms (12 kHz to 20 MHz)
< 0.2 ps-rms (50 kHz to 80 MHz)
• Low phase noise, -160 dBc/Hz @ 1 MHz offset (1 GHz)
• Small low profile 9.0 * 14.0 * 4.5 mm SMT package
• 3.3 V, 5.0 V and 12V Supply Options
• LV-PECL, PECL, or Sinewave (0 to +10 dBm into 50 Ώ)
• Output disable feature (For LVPECL - PECL option)
Product is free of lead and compliant to
EC RoHS Directive
Applications
• Point to Point / Point to Multi Point Radios
• Instrumentation
• PLL Frequency Translation
• Test & Measurement
• Military & Avionics
Description
The VS-502 is a SAW based voltage controlled oscillator that
operates at the fundamental frequency of the internal SAW
resonator. This direct approach enables this series to achieve
low phase noise and jitter performance at high output
frequencies and over wide operating temperature range. The
oscillator is housed in a hermetically sealed J-lead surface
mount package offered on tape and reel. As an option, it has
an output disable to facilitate on-board test


Similar Part No. - VS-502-CHD-GNN-1344.3256

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-500 VECTRON-VS-500 Datasheet
1Mb / 8P
   Voltage Controlled SAW Oscillator
VS-500 VECTRON-VS-500 Datasheet
362Kb / 8P
   Voltage Controlled SAW Oscillator
VS-500-KEF-GNN VECTRON-VS-500-KEF-GNN Datasheet
362Kb / 8P
   Voltage Controlled SAW Oscillator
VS-500-KEF-GNN155.5200 VECTRON-VS-500-KEF-GNN155.5200 Datasheet
1Mb / 8P
   Voltage Controlled SAW Oscillator
VS-500-KEF-GNN156.2500 VECTRON-VS-500-KEF-GNN156.2500 Datasheet
1Mb / 8P
   Voltage Controlled SAW Oscillator
More results

Similar Description - VS-502-CHD-GNN-1344.3256

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
M675 IDT-M675 Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M630 ICST-M630 Datasheet
87Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M624 ICST-M624 Datasheet
52Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS700 VECTRON-VS700_09 Datasheet
840Kb / 7P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
VCSO-OC12-1 SYNERGY-VCSO-OC12-1 Datasheet
419Kb / 3P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS-501 VECTRON-VS-501_12 Datasheet
408Kb / 6P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501 Datasheet
205Kb / 5P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
MSO1000-3 SYNERGY-MSO1000-3 Datasheet
326Kb / 4P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M660-01 ICST-M660-01 Datasheet
552Kb / 3P
   Voltage Controlled SAW Oscillator
logo
API Technologies Corp
TOM9339 APITECH-TOM9339 Datasheet
58Kb / 1P
   Voltage Controlled SAW Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com