Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3416 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3416
Description  Dual Bootstrapped MOSFET Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3416 Datasheet(HTML) 5 Page - Analog Devices

  ADP3416 Datasheet HTML 1Page - Analog Devices ADP3416 Datasheet HTML 2Page - Analog Devices ADP3416 Datasheet HTML 3Page - Analog Devices ADP3416 Datasheet HTML 4Page - Analog Devices ADP3416 Datasheet HTML 5Page - Analog Devices ADP3416 Datasheet HTML 6Page - Analog Devices ADP3416 Datasheet HTML 7Page - Analog Devices ADP3416 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
REV. A
ADP3416
–5–
R1
R2
R3
T
IN
DRVH
5V/DIV
2V/DIV
DRVL
5V/DIV
40ns/DIV
TA = 25 C
VCC = 5V
TPC 1. DRVH Fall and DRVL Rise
Times
JUNCTION TEMPERATURE – C
0
0
25
125
50
75
100
5
10
15
20
25
30
35
DRVH @ VCC = 7V
DRVL @ VCC = 7V
DRVH @ VCC = 5V
DRVL @ VCC = 5V
TPC 4. DRVH and DRVL Fall Times
vs. Temperature
IN FREQUENCY – kHz
0
0
200
400
600
800
5
10
15
20
25
30
35
1000 1200 1400
TA = 25 C
CLOAD = 3nF
VCC = 5V
VCC = 7V
TPC 7. Supply Current vs.
Frequency
R1
R2
R3
T
DRVH
5V/DIV
IN
2V/DIV
DRVL
2V/DIV
40ns/DIV
TA = 25 C
VCC = 5V
TPC 2. DRVL Fall and DRVH Rise
Times
LOAD CAPACITANCE – nF
10
1.0
15
25
35
45
55
2.0
3.0
4.0
5.0
DRVH @ VCC = 7V
DRVL @ VCC = 7V
DRVH @ VCC = 5V
DRVL @ VCC = 5V
50
40
30
20
TPC 5. DRVH and DRVL Rise Times
vs. Load Capacitance
JUNCTION TEMPERATURE – C
5.0
0
25
50
75
100
5.5
6.0
6.5
7.0
7.5
8.0
8.5
125
CLOAD = 3nF
fIN = 250kHz
VCC = 7V
VCC = 5V
TPC 8. Supply Current vs.
Temperature
JUNCTION TEMPERATURE – C
0
25
125
50
75
100
20
25
30
35
40
45
50
DRVH @ VCC = 7V
DRVH @ VCC = 5V
DRVL @ VCC = 5V
DRVL @ VCC = 7V
CLOAD = 3nF
TPC 3. DRVH and DRVL Rise Times
vs. Temperature
LOAD CAPACITANCE – nF
7
1.0
2.0
3.0
4.0
5.0
12
17
22
27
32
37
DRVH @ VCC = 7V
DRVL @ VCC = 7V
DRVH @ VCC = 5V
DRVL @ VCC = 5V
1.5
2.5
3.5
4.5
TPC 6. DRVH and DRVL Fall Times
vs. Load Capacitance
Typical Performance Characteristics—


Similar Part No. - ADP3416

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3410 AD-ADP3410 Datasheet
148Kb / 11P
   Dual MOSFET Driver with Bootstrapping
REV. 0
ADP3410KRU AD-ADP3410KRU Datasheet
148Kb / 11P
   Dual MOSFET Driver with Bootstrapping
REV. 0
ADP3412 AD-ADP3412 Datasheet
135Kb / 8P
   Dual MOSFET Driver with Bootstrapping
REV. 0
ADP3412JR AD-ADP3412JR Datasheet
135Kb / 8P
   Dual MOSFET Driver with Bootstrapping
REV. 0
ADP3413 AD-ADP3413 Datasheet
142Kb / 8P
   Dual Bootstrapped MOSFET Driver with Output Disable
REV. 0
More results

Similar Description - ADP3416

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3414 AD-ADP3414 Datasheet
141Kb / 8P
   Dual Bootstrapped MOSFET Driver
REV. 0
ADP3417 AD-ADP3417 Datasheet
1Mb / 8P
   Dual Bootstrapped MOSFET Driver
REV. A
logo
ON Semiconductor
ADP3414 ONSEMI-ADP3414 Datasheet
383Kb / 9P
   Dual Bootstrapped MOSFET Driver
May 2010 - Rev. 3
logo
Fairchild Semiconductor
FAN5109 FAIRCHILD-FAN5109 Datasheet
119Kb / 13P
   Dual Bootstrapped 12V MOSFET Driver
FAN5009 FAIRCHILD-FAN5009 Datasheet
167Kb / 13P
   Dual Bootstrapped 12V MOSFET Driver
FAN5109B FAIRCHILD-FAN5109B Datasheet
696Kb / 14P
   Dual Bootstrapped 12V MOSFET Driver
logo
ON Semiconductor
ADP3120A ONSEMI-ADP3120A_12 Datasheet
126Kb / 8P
   Dual Bootstrapped, 12 V MOSFET Driver
June, 2012 ??Rev. 4
logo
Analog Devices
ADP3413 AD-ADP3413 Datasheet
142Kb / 8P
   Dual Bootstrapped MOSFET Driver with Output Disable
REV. 0
logo
Vishay Siliconix
SI9913 VISHAY-SI9913 Datasheet
52Kb / 6P
   Dual MOSFET Bootstrapped Driver with Break-Before-Make
Rev. A, 21-Dec-00
logo
Lowpower Semiconductor ...
LP1113 POWER-LP1113 Datasheet
659Kb / 8P
   Dual Bootstrapped, 12V MOSFET Driver with Output Disable
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com