Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LN534YAMY Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # LN534YAMY
Description  Numeric Display
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LN534YAMY Datasheet(HTML) 1 Page - Panasonic Semiconductor

  LN534YAMY Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Unit: mm
317
Lead wire dimension
Amber
Orange
VF
IF
Max
IR
IO
Amber
Amber
Orange
Orange
Lighting
Color
3 Digit 11.0mm (.4”) Series
s Absolute Maximum Ratings (T
a = 25°C)
Lighting Color
Conventional Part No.
Global Part No.
Lighting Color
LN534YAMY ····· LNM434AA01 ····· Amber
LN534YKMY ···· LNM434KA01 ····· Amber
LN534OAMO ····· LNM834AA01 ····· Orange
LN534OKMO ···· LNM834KA01 ····· Orange
★ IFPの条件は,duty 10%,Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
Numeric Display
LN534YAMY
LN534YKMY
LN534OAMO
LN534OKMO
Unit
Anode
Cathode
Anode
Cathode
µcd
µcd
µcd
mA
V
V
nm
nm
mA
µAV
s Electro
−Optical Characteristics (T
a = 25°C)
Conventional
Part No.
Common
Typ
Typ
Max
Typ
Typ
IF
VR
λ
P
∆λ
PD(mW)
IF(mA)
IFP(mA)
VR(V)
Topr(°C)
Tstg(°C)
60
60
20
20
100
100
5
3
−25 ∼ +80
−25 ∼ +80
−30 ∼ +85
−30 ∼ +85
Min
Typ
IO /d.p
600
600
1200
1200
200
200
300
300
200
200
500
500
10
10
10
10
2.2
2.2
2.1
2.1
2.8
2.8
2.8
2.8
590
590
630
630
30
30
40
40
20
20
20
20
10
10
10
10
5
5
3
3
Terminal Connection
Pin
No.
Assignment
1
Cathode e1
Assignment
2
3
4
5
6
7
8
9
10
Cathode d1
Common Anode D1
Cathode c1
Cathode dp1
Cathode e2
Cathode d2
Common Anode D2
Cathode c2
Cathode dp2
11
12
13
14
15
16
17
18
Cathode e3
Cathode d3
Common Anode D3
Cathode c3
Cathode dp3
Cathode b3
Cathode a3
Common Anode D3
19
Cathode f3
20
Cathode g3
21
Cathode g2
22
Cathode b2
23
Cathode a2
24
Common Anode D2
25
Cathode f2
26
Cathode g1
27
Cathode b1
28
Cathode a1
29
Common Anode D1
30
Cathode f1
Anode e1
Anode d1
Common Cathode D1
Anode c1
Anode dp1
Anode e2
Anode d2
Common Cathode D2
Anode c2
Anode dp2
Anode e3
Anode d3
Common Cathode D3
Anode c3
Anode dp3
Anode b3
Anode a3
Common Cathode D3
Anode f3
Anode g3
Anode g2
Anode b2
Anode a2
Common Cathode D2
Anode f2
Anode g1
Anode b1
Anode a1
Common Cathode D1
Anode f1
1.6
1.8
2.0
2.4
2.2
100
50
30
5
3
10
1
Forward Current
Ambient Temperature
IF VF
0
0
20
10
5
15
20
25
40
60
80
100
IF Ta
Forward Voltage
3
1
5
10
50
100
30
10000
5000
3000
500
300
1000
100
IO IF
33.0
11.0
11.0
7.0
4.3
10
°
3 –
φ 1.4
2.0
× 14.0 = 28.0
0.5
*2.0
1
a
b
c
d
e
f
D1
D2
D3
dp1
dp2
dp3
2 3 4 5 6 7 8 9 10 11 12 13 14 15
30 29 28 27 26 25 24 23 22 21 20 19 18 17 16
g


Similar Part No. - LN534YAMY

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN534GAMG PANASONIC-LN534GAMG Datasheet
23Kb / 1P
   Numeric Display
LN534GKMG PANASONIC-LN534GKMG Datasheet
23Kb / 1P
   Numeric Display
LN534RAMR PANASONIC-LN534RAMR Datasheet
23Kb / 1P
   Numeric Display
LN534RKMR PANASONIC-LN534RKMR Datasheet
23Kb / 1P
   Numeric Display
More results

Similar Description - LN534YAMY

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN513RA PANASONIC-LN513RA Datasheet
21Kb / 1P
   Numeric Display
LN513YA PANASONIC-LN513YA Datasheet
21Kb / 1P
   Numeric Display
LN513YAS PANASONIC-LN513YAS Datasheet
21Kb / 1P
   Numeric Display
LN514RA PANASONIC-LN514RA Datasheet
21Kb / 1P
   Numeric Display
LN518RA PANASONIC-LN518RA Datasheet
21Kb / 1P
   Numeric Display
LN523YAMY PANASONIC-LN523YAMY Datasheet
21Kb / 1P
   Numeric Display
LN543OAN8 PANASONIC-LN543OAN8 Datasheet
25Kb / 1P
   Numeric Display
LN5110OGAMW PANASONIC-LN5110OGAMW Datasheet
20Kb / 1P
   Numeric Display
LN514YA PANASONIC-LN514YA Datasheet
21Kb / 1P
   Numeric Display
LN516RA PANASONIC-LN516RA Datasheet
21Kb / 1P
   Numeric Display
LN523RAMR PANASONIC-LN523RAMR Datasheet
22Kb / 1P
   Numeric Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com