Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC-400-GFC-405H155.52 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VC-400-GFC-405H155.52
Description  Voltage Controlled Crystal Oscillators (VCXO?셲)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-400-GFC-405H155.52 Datasheet(HTML) 2 Page - Vectron International, Inc

  VC-400-GFC-405H155.52 Datasheet HTML 1Page - Vectron International, Inc VC-400-GFC-405H155.52 Datasheet HTML 2Page - Vectron International, Inc VC-400-GFC-405H155.52 Datasheet HTML 3Page - Vectron International, Inc VC-400-GFC-405H155.52 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
21
Voltage Controlled Crystal Oscillators (VCXO’s)
NOTES:
1. Pin numbers are for reference only.
They do not appear on the unit.
2. Dimensions are in inches and (millimeters).
NOTES:
1. Pin numbers are for reference only.
They do not appear on the unit.
2. Dimensions are in inches and (millimeters).
*Pin 9 present only on complementary
output units. Requires 5 pin base.
PIN
FUNCTION
PECL
ECL
1
VCXO
VCXO
7
GROUND
SUPPLY(-)
8
OUTPUT Q
Q
9*
OUTPUT Q
Q
14
SUPPLY(+)
GND
CO-410/411 Outline Drawing
VC-400/401 Outline Drawing
VC-400/401/410/411 Series
Pin Out Information
*Pin 9 present only on complementary
output units. Requires 5 pin base.
PIN
FUNCTION
PECL
ECL
1
VCXO
VCXO
7
GROUND
SUPPLY(-)
8
OUTPUT Q
Q
9*
OUTPUT Q
Q
14
SUPPLY(+)
GND
Pin Out Information
VC-400: 4 pin
VC-401: 5 pin
VC-410: 4 pin
VC-411: 5 pin
VCXO
8798_AA's Vectron
05/30/02
3:11 PM
Page 21


Similar Part No. - VC-400-GFC-405H155.52

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-480 VECTRON-VC-480 Datasheet
120Kb / 2P
   Voltage Controlled Crystal Oscillators
VC-480-CAD-155A-2 VECTRON-VC-480-CAD-155A-2 Datasheet
120Kb / 2P
   Voltage Controlled Crystal Oscillators
VC-480-CAD-155A-52 VECTRON-VC-480-CAD-155A-52 Datasheet
120Kb / 2P
   Voltage Controlled Crystal Oscillators
VC-480-CAF-205A-2 VECTRON-VC-480-CAF-205A-2 Datasheet
120Kb / 2P
   Voltage Controlled Crystal Oscillators
VC-480-CAF-205A-52 VECTRON-VC-480-CAF-205A-52 Datasheet
120Kb / 2P
   Voltage Controlled Crystal Oscillators
More results

Similar Description - VC-400-GFC-405H155.52

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OC160 ETC-OC160 Datasheet
51Kb / 2P
   Oven Controlled Crystal Oscillators (OCXO?셲)
OC-260 ETC-OC-260 Datasheet
91Kb / 2P
   Oven Controlled Crystal Oscillators (OCXO?셲)
logo
Vectron International, ...
EX-240 VECTRON-EX-240 Datasheet
44Kb / 2P
   Oven Controlled Crystal Oscillators (OCXO?셲)
logo
Kyocera Kinseki Corpota...
KV7050A KSS-KV7050A Datasheet
129Kb / 1P
   Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050R-P3 KSS-KV7050R-P3 Datasheet
125Kb / 1P
   Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050G-P3 KSS-KV7050G-P3 Datasheet
126Kb / 1P
   Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV5032C-C3 KSS-KV5032C-C3 Datasheet
120Kb / 1P
   Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050B-C3 KSS-KV7050B-C3 Datasheet
131Kb / 1P
   Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050C-P3 KSS-KV7050C-P3 Datasheet
140Kb / 1P
   Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
logo
Advanced Crystal Techno...
ACT7000 ACT-ACT7000 Datasheet
44Kb / 1P
   4-pin through hole Voltage Controlled Crystal Oscillators (VCXO)
10/08/04
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com