Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-500-LEF-GNN781.2500 Datasheet(PDF) 8 Page - Vectron International, Inc

Part # VS-500-LEF-GNN781.2500
Description  Voltage Controlled SAW Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VS-500-LEF-GNN781.2500 Datasheet(HTML) 8 Page - Vectron International, Inc

  VS-500-LEF-GNN781.2500 Datasheet HTML 1Page - Vectron International, Inc VS-500-LEF-GNN781.2500 Datasheet HTML 2Page - Vectron International, Inc VS-500-LEF-GNN781.2500 Datasheet HTML 3Page - Vectron International, Inc VS-500-LEF-GNN781.2500 Datasheet HTML 4Page - Vectron International, Inc VS-500-LEF-GNN781.2500 Datasheet HTML 5Page - Vectron International, Inc VS-500-LEF-GNN781.2500 Datasheet HTML 6Page - Vectron International, Inc VS-500-LEF-GNN781.2500 Datasheet HTML 7Page - Vectron International, Inc VS-500-LEF-GNN781.2500 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
VS-500 Voltage Controlled SAW Oscillator
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Page 8 of 8
Rev: 14Nov03
Standard Frequencies (MHz)
155.5200
156.2500
159.3750
161.1328
164.3555
166.6286
167.3316
177.7371
311.0400
622.0800
624.7048
625.0000
627.3296
629.9878
644.5313
657.4219
666.5143
669.3266
669.6429
670.8386
672.1627
690.5692
693.4830
693.7500
716.5372
718.7500
719.7344
748.0709
750.0000
779.5686
781.2500
805.6641
Other Frequencies Available Upon Request.
Ordering Information
VS - 500 - L F F - G N N – xxx.xxx
Part Number Cross Reference
Old Part Number
New Part Number
VS-500A
VS-500-KEF-GNN
VS-500F
VS-500-KEF-HNN
For Additional Information, Please Contact:
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice.
No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
Product Family
VS: VCSO
Package
500: 9 x 14 x 4.5 mm
Input
L: 3.3 V
K: 5.0V
1
Output
E: ECL
2
F: PECL
Operating Temperature
F: -40 to 85
°C
Other (Future Use)
N: N/A
Other (Future Use)
N: N/A
Absolute Pull Range
G: +/- 50 ppm
H: +/- 100 ppm
Frequency (See Above)
155 – 850 MHz
USA: Vectron International, 267 Lowell Rd, Hudson, NH 03051 . . . . Tel: 1-88-VECTRON-1
Fax: 1-888-FAX-VECTRON
EUROPE: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tel: +49 (0) 3328-4784-17
Fax: +49 (0) 3328-4784-30
ASIA: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tel: +86-21-28909740
Fax: +86-21-28909999
1
For all new 5.0V supply requirements, PECL output configuration is suggested.
2
ECL “E” Is Only Available In 5.0V
“K” Configuration and is offered to make the Vc Input Impedance backward compatible with the VS-500A & VS-500F
products. For further information, please contact your local Vectron Marketing Representative.


Similar Part No. - VS-500-LEF-GNN781.2500

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-500-LEF-GNN VECTRON-VS-500-LEF-GNN Datasheet
362Kb / 8P
   Voltage Controlled SAW Oscillator
More results

Similar Description - VS-500-LEF-GNN781.2500

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
M675 IDT-M675 Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M630 ICST-M630 Datasheet
87Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M624 ICST-M624 Datasheet
52Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS700 VECTRON-VS700_09 Datasheet
840Kb / 7P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
VCSO-OC12-1 SYNERGY-VCSO-OC12-1 Datasheet
419Kb / 3P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS-502 VECTRON-VS-502 Datasheet
202Kb / 8P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501_12 Datasheet
408Kb / 6P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501 Datasheet
205Kb / 5P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
MSO1000-3 SYNERGY-MSO1000-3 Datasheet
326Kb / 4P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M660-01 ICST-M660-01 Datasheet
552Kb / 3P
   Voltage Controlled SAW Oscillator
logo
API Technologies Corp
TOM9339 APITECH-TOM9339 Datasheet
58Kb / 1P
   Voltage Controlled SAW Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com