Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-502-BGC-FNN-1344.3256 Datasheet(PDF) 5 Page - Vectron International, Inc

Part # VS-502-BGC-FNN-1344.3256
Description  Voltage Controlled SAW Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VS-502-BGC-FNN-1344.3256 Datasheet(HTML) 5 Page - Vectron International, Inc

  VS-502-BGC-FNN-1344.3256 Datasheet HTML 1Page - Vectron International, Inc VS-502-BGC-FNN-1344.3256 Datasheet HTML 2Page - Vectron International, Inc VS-502-BGC-FNN-1344.3256 Datasheet HTML 3Page - Vectron International, Inc VS-502-BGC-FNN-1344.3256 Datasheet HTML 4Page - Vectron International, Inc VS-502-BGC-FNN-1344.3256 Datasheet HTML 5Page - Vectron International, Inc VS-502-BGC-FNN-1344.3256 Datasheet HTML 6Page - Vectron International, Inc VS-502-BGC-FNN-1344.3256 Datasheet HTML 7Page - Vectron International, Inc VS-502-BGC-FNN-1344.3256 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VS-502 Voltage Controlled SAW Oscillator
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1 Website: www.vectron.com
5
Rev: 27January06
Table 4. Pin Out – Sinewave Option
Pin
Symbol
Function
1
VC
VCSO Control Voltage
2
-
N/C
3
VEE
Ground
4
Output
VCSO Sinewave Output
5
VCC
Vcc2
1
6
VCC
Vcc1
Table Notes:
1. If Vcc1 is +12V and a separate 5V is not applied to pin 5 then pin 5 must be connected through a 220Ώ 1/4W external resistor.
Suggested Output Load Configurations – SINEWAVE Operation
+5V
Vcc
0.01uF
0.01uF
From PLL
NC
Output AC Coupled with
50 Ώ to ground
0.1uF
1
2
3
6
5
4
+12V
Vcc
0.01uF
0.01uF
220 Ώ
1/4W
From PLL
NC
Output AC Coupled with
50 Ώ to ground
0.1uF
1
2
3
6
5
4


Similar Part No. - VS-502-BGC-FNN-1344.3256

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-500 VECTRON-VS-500 Datasheet
1Mb / 8P
   Voltage Controlled SAW Oscillator
VS-500 VECTRON-VS-500 Datasheet
362Kb / 8P
   Voltage Controlled SAW Oscillator
VS-500-KEF-GNN VECTRON-VS-500-KEF-GNN Datasheet
362Kb / 8P
   Voltage Controlled SAW Oscillator
VS-500-KEF-GNN155.5200 VECTRON-VS-500-KEF-GNN155.5200 Datasheet
1Mb / 8P
   Voltage Controlled SAW Oscillator
VS-500-KEF-GNN156.2500 VECTRON-VS-500-KEF-GNN156.2500 Datasheet
1Mb / 8P
   Voltage Controlled SAW Oscillator
More results

Similar Description - VS-502-BGC-FNN-1344.3256

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
M675 IDT-M675 Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M630 ICST-M630 Datasheet
87Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M624 ICST-M624 Datasheet
52Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS700 VECTRON-VS700_09 Datasheet
840Kb / 7P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
VCSO-OC12-1 SYNERGY-VCSO-OC12-1 Datasheet
419Kb / 3P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS-501 VECTRON-VS-501_12 Datasheet
408Kb / 6P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501 Datasheet
205Kb / 5P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
MSO1000-3 SYNERGY-MSO1000-3 Datasheet
326Kb / 4P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M660-01 ICST-M660-01 Datasheet
552Kb / 3P
   Voltage Controlled SAW Oscillator
logo
API Technologies Corp
TOM9339 APITECH-TOM9339 Datasheet
58Kb / 1P
   Voltage Controlled SAW Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com