Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC-400-CED-405H155.52 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # VC-400-CED-405H155.52
Description  Voltage Controlled Crystal Oscillators (VCXO?셲)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VC-400-CED-405H155.52 Datasheet(HTML) 4 Page - Vectron International, Inc

  VC-400-CED-405H155.52 Datasheet HTML 1Page - Vectron International, Inc VC-400-CED-405H155.52 Datasheet HTML 2Page - Vectron International, Inc VC-400-CED-405H155.52 Datasheet HTML 3Page - Vectron International, Inc VC-400-CED-405H155.52 Datasheet HTML 4Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
23
Voltage Controlled Crystal Oscillators (VCXO’s)
Recommended Soldering Profile
Ordering Information
VC
Temperature
Temperature
*Minimum
Code
Range
Stability
Deviation
B-205G
0/+50°C
±20 ppm
±50 ppm
C-205G
0/+70°C
±20 ppm
±50 ppm
C-405H
0/+70°C
±40 ppm
±100 ppm
D-305J
-20/+70°C
±30 ppm
±60 ppm
D-405H
-20/+70°C
±40 ppm
±100 ppm
F-405J
-40/+85°C
±40 ppm
±60 ppm
F-505H
-40/+85°C
±50 ppm
±100 ppm
F-205G
-40/+85°C
±20 ppm
±50 ppm
Frequency
10 - 170 MHz
400
D
C
205G
155.52
Product Family
VC =VCXO
Supply Voltage
C = 5.0V ±5%
D = 3.3V ±5%
G = -5.2V ±5%
J = -4.5V ±5%
MHz
Package
400 = 4 pin DIP
401 = 5 pin DIP
410 = 4 pin Gullwing
411 = 5 pin Gullwing
415 = SMD
Output
C = ECL
D = PECL
E = Complementary ECL
F = Complementary PECL
VC-400/401/410/411/415 Series
B
VCXO
8798_AA's Vectron
05/30/02
3:11 PM
Page 23


Similar Part No. - VC-400-CED-405H155.52

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VC-480 VECTRON-VC-480 Datasheet
120Kb / 2P
   Voltage Controlled Crystal Oscillators
VC-480-CAD-155A-2 VECTRON-VC-480-CAD-155A-2 Datasheet
120Kb / 2P
   Voltage Controlled Crystal Oscillators
VC-480-CAD-155A-52 VECTRON-VC-480-CAD-155A-52 Datasheet
120Kb / 2P
   Voltage Controlled Crystal Oscillators
VC-480-CAF-205A-2 VECTRON-VC-480-CAF-205A-2 Datasheet
120Kb / 2P
   Voltage Controlled Crystal Oscillators
VC-480-CAF-205A-52 VECTRON-VC-480-CAF-205A-52 Datasheet
120Kb / 2P
   Voltage Controlled Crystal Oscillators
More results

Similar Description - VC-400-CED-405H155.52

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OC160 ETC-OC160 Datasheet
51Kb / 2P
   Oven Controlled Crystal Oscillators (OCXO?셲)
OC-260 ETC-OC-260 Datasheet
91Kb / 2P
   Oven Controlled Crystal Oscillators (OCXO?셲)
logo
Vectron International, ...
EX-240 VECTRON-EX-240 Datasheet
44Kb / 2P
   Oven Controlled Crystal Oscillators (OCXO?셲)
logo
Kyocera Kinseki Corpota...
KV7050A KSS-KV7050A Datasheet
129Kb / 1P
   Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050R-P3 KSS-KV7050R-P3 Datasheet
125Kb / 1P
   Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050G-P3 KSS-KV7050G-P3 Datasheet
126Kb / 1P
   Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV5032C-C3 KSS-KV5032C-C3 Datasheet
120Kb / 1P
   Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050B-C3 KSS-KV7050B-C3 Datasheet
131Kb / 1P
   Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
KV7050C-P3 KSS-KV7050C-P3 Datasheet
140Kb / 1P
   Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
logo
Advanced Crystal Techno...
ACT7000 ACT-ACT7000 Datasheet
44Kb / 1P
   4-pin through hole Voltage Controlled Crystal Oscillators (VCXO)
10/08/04
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com