Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8183 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS8183
Description  Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8183 Datasheet(HTML) 4 Page - ON Semiconductor

  CS8183 Datasheet HTML 1Page - ON Semiconductor CS8183 Datasheet HTML 2Page - ON Semiconductor CS8183 Datasheet HTML 3Page - ON Semiconductor CS8183 Datasheet HTML 4Page - ON Semiconductor CS8183 Datasheet HTML 5Page - ON Semiconductor CS8183 Datasheet HTML 6Page - ON Semiconductor CS8183 Datasheet HTML 7Page - ON Semiconductor CS8183 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CS8183
http://onsemi.com
4
TYPICAL CHARACTERISTICS
18
16
14
12
10
8
6
4
2
0
Figure 2. Quiescent Current vs. Output Current
0
20
40
60
80
100
120 140 160 180 200
OUTPUT CURRENT (mA)
Figure 3. Quiescent Current vs. Input Voltage
(Operating Mode)
1
0.9
0.8
0.7
0.6
0.5
0.3
0.2
0.1
0
0
5
10
15
20
25
30
35
40
45
VIN, INPUT VOLTAGE (V)
0.4
Figure 4. Quiescent Current vs. Input Voltage
(Sleep Mode)
Figure 5. Vout Reverse Current
Figure 6. Vout Reverse Current
100
90
80
70
60
50
30
20
10
0
0
5
10
15
20
25
30
35
40
45
VIN, INPUT VOLTAGE (V)
40
20
18
16
14
12
10
6
4
2
0
0
5
10
15
20
25
FORCED Vout VOLTAGE (V)
8
140
120
100
80
60
40
20
0
0
5
10
15
20
25
FORCED Vout VOLTAGE (V)
30
35
40
I (Vout) = 20 mA
I (Vout) = 1 mA
Vref / ENABLE = 0 V
Vin = 6 V*
Vref = 5 V**
Vin = 0 V
* Graph is duplicate for Vin > 1.6V.
**Dip (@5V) shifts with Vref voltage.
Vin = 6 V*
Vref = 5 V**
Vin = 0 V
* Graph is duplicate for Vin > 1.6V.
**Dip (@5V) shifts with Vref voltage.


Similar Part No. - CS8183

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8183 ONSEMI-CS8183 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
CS8183YDWF20G ONSEMI-CS8183YDWF20G Datasheet
140Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
October, 2008 ??Rev. 18
CS8183YDWFR20G ONSEMI-CS8183YDWFR20G Datasheet
140Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
October, 2008 ??Rev. 18
CS8183 ONSEMI-CS8183_09 Datasheet
140Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
October, 2008 ??Rev. 18
More results

Similar Description - CS8183

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8183 ONSEMI-CS8183_09 Datasheet
140Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
October, 2008 ??Rev. 18
CS8182 ONSEMI-CS8182_09 Datasheet
154Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
September, 2012 ??Rev. 27
CS8182 ONSEMI-CS8182 Datasheet
109Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
February, 2006 ??Rev. 23
NCV8182C ONSEMI-NCV8182C Datasheet
244Kb / 12P
   Tracking Regulator/Line Driver - Micropower, Low Dropout 200 mA
August, 2020 ??Rev. 1
CS8182 ONSEMI-CS8182_16 Datasheet
115Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
June, 2016 ??Rev. 28
NCV8184 ONSEMI-NCV8184_12 Datasheet
419Kb / 20P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
October, 2012 ??Rev. 27
NCV8184 ONSEMI-NCV8184_06 Datasheet
185Kb / 13P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
May, 2006 ??Rev. 18
NCV8184 ONSEMI-NCV8184 Datasheet
143Kb / 14P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
August, 2004 ??Rev. 15
logo
Texas Instruments
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
logo
Toshiba Semiconductor
TCR6DA1528 TOSHIBA-TCR6DA1528 Datasheet
309Kb / 17P
   200 mA Dual Outputs CMOS Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com