Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY22313ZXCT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY22313ZXCT
Description  Two-PLL Clock Generator with Direct Rambus-TM (Lite) Support
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22313ZXCT Datasheet(HTML) 9 Page - Cypress Semiconductor

  CY22313ZXCT Datasheet HTML 1Page - Cypress Semiconductor CY22313ZXCT Datasheet HTML 2Page - Cypress Semiconductor CY22313ZXCT Datasheet HTML 3Page - Cypress Semiconductor CY22313ZXCT Datasheet HTML 4Page - Cypress Semiconductor CY22313ZXCT Datasheet HTML 5Page - Cypress Semiconductor CY22313ZXCT Datasheet HTML 6Page - Cypress Semiconductor CY22313ZXCT Datasheet HTML 7Page - Cypress Semiconductor CY22313ZXCT Datasheet HTML 8Page - Cypress Semiconductor CY22313ZXCT Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CY22313
Document #: 38-07434 Rev. *E
Page 9 of 9
Document History Page
Document Title: CY22313 Two-PLL Clock Generator with Direct Rambus™ (Lite) Support
Document Number: 38-07434
REV.
ECN NO.
Issue
Date
Orig. of
Change
Description of Change
**
117092
07/02/02
CKN
New Data Sheet
*A
121365
11/15/02
CKN
Reordered Pin Description table
Changed all 3.3V references to 3.45V
Changed RI_FS min. spec to 60 KOhms
Changed note 4
Inserted max. spec for Edge Rates
Reduced min. spec for Edge Rates on 1.8V and 1.675V outputs
Inserted phase noise specifications
Created separate specs for Jitter, depending on output voltage
Correctly specified CF in Table 1
*B
121773
02/17/03
CKN
Added tPU row to the Recommended Operating Conditions table
*C
125454
05/19/03
CKN
Updated Switching Characteristics table
Added CY22313LF ordering information and corresponding note
*D
127393
06/12/03
RGL
Removed “PRELIMINARY”
Rephrased Note 18 to provide clarity on marking
*E
239051
See ECN
RGL
Corrected the Lead Free Coding in the Ordering Information table


Similar Part No. - CY22313ZXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
CY22381 CYPRESS-CY22381 Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
344Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
450Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
More results

Similar Description - CY22313ZXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2212 CYPRESS-CY2212 Datasheet
200Kb / 10P
   Direct Rambus??Clock Generator (Lite)
logo
Integrated Circuit Syst...
ICS9219 ICST-ICS9219 Datasheet
80Kb / 8P
   Direct Rambus Clock Generator Lite
logo
Cypress Semiconductor
W134S CYPRESS-W134S Datasheet
198Kb / 12P
   Direct Rambus Clock Generator
logo
Texas Instruments
CDCFR83A TI-CDCFR83A Datasheet
370Kb / 14P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
NXP Semiconductors
PCK2011 PHILIPS-PCK2011 Datasheet
62Kb / 11P
   Direct RAMbus Clock Generator
1999 Jan 19
logo
Silicon Laboratories
W134 SILABS-W134 Datasheet
112Kb / 11P
   Direct Rambus??Clock Generator
logo
Cypress Semiconductor
W134M CYPRESS-W134M_05 Datasheet
207Kb / 12P
   Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83 TI1-CDCFR83_08 Datasheet
479Kb / 15P
[Old version datasheet]   Direct Rambus Clock generator
CDCR83A TI1-CDCR83A_14 Datasheet
564Kb / 17P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS9212-13 ICST-ICS9212-13 Datasheet
161Kb / 7P
   Direct Rambus??Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com