Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-502-BHC-CNN-1344.3256 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VS-502-BHC-CNN-1344.3256
Description  Voltage Controlled SAW Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VS-502-BHC-CNN-1344.3256 Datasheet(HTML) 2 Page - Vectron International, Inc

  VS-502-BHC-CNN-1344.3256 Datasheet HTML 1Page - Vectron International, Inc VS-502-BHC-CNN-1344.3256 Datasheet HTML 2Page - Vectron International, Inc VS-502-BHC-CNN-1344.3256 Datasheet HTML 3Page - Vectron International, Inc VS-502-BHC-CNN-1344.3256 Datasheet HTML 4Page - Vectron International, Inc VS-502-BHC-CNN-1344.3256 Datasheet HTML 5Page - Vectron International, Inc VS-502-BHC-CNN-1344.3256 Datasheet HTML 6Page - Vectron International, Inc VS-502-BHC-CNN-1344.3256 Datasheet HTML 7Page - Vectron International, Inc VS-502-BHC-CNN-1344.3256 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VS-502 Voltage Controlled SAW Oscillator
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1 Website: www.vectron.com
2
Rev: 27January06
Table 1. Electrical Performance
Parameter
Symbol Minimum
Typical
Maximum
Units
Notes
Frequency
Center Frequency
FN
300
1350
MHz
1,2
Absolute Pull Range
APR
± 50
ppm
9,2,3
Linearity (+12V Supply)
± 20
%
4,2,9,3
Linearity (+5V Supply)
± 10
%
4,2,9,3
Linearity (+3.3V Supply)
± 10
%
4,2,9,3
Gain Transfer
+ 350
ppm/V
2,8
Temperature Stability (-40ºC to +85ºC)
± 200
ppm
6,9
Supply
Voltage (B)
VCC
11.4
12
12.6
V
2,3
Voltage (C)
VCC
4.75
5
5.25
V
2,3
Voltage (D) - PECL Output Only
VCC
3.135
3.3
3.450
V
2,3
Current (No Load)
ICC
55
70
mA
2,3
Output- Sinewave Options
Sinewave, into 50 Ώ (G)
PO
0
dBm
2,3
Sinewave, into 50 Ώ (H)
PO
+3
dBm
2,3
Sinewave, into 50 Ώ (J)
PO
+7
dBm
2,3
Sinewave, into 50 Ώ (K)
PO
+10
dBm
2,3
Harmonics
-20
dBc
2,3
Jitter @ 622.08 MHz (12 kHz to 20 MHz)
0.10
ps,rms
7,6
Jitter @ 622.08 MHz (50 kHz to 80 MHz)
0.10
ps,rms
7,6
Output- PECL Logic Option (F)
Output Level Low
VOL
VCC-1.63
V
2,3,5
Output Level High
VOL
VCC-0.98
V
2,3,5
Rise & Fall Time
tR,tF
200
350
ps
2,3,5
Symmetry (Duty Cycle)
SYM
45
49/51
55
%
2,3,5
Control Voltage
Input Impedance
ZC
104
110
115
k Ώ
6
Modulation BW (Driven from Low Impedance)
BW
100
kHz
6
Operating Temperature
TOP
See Ordering Table
ºC
1,3
Package Size
9.0 x 14.0 x 4.5
mm
Table Notes:
1. See Standard Frequencies and Ordering Information
2. Parameters are tested with production test circuit
3. Parameters are tested at ambient temperature with test limits guard-banded for specified operating temperature.
4. Measured as the maximum deviation from the best straight-line fit, per MIL-0-55310.
5. Output levels are standard 100K PECL compatible and measured from 20% to 80% of a full output swing (Fig 1).
6. Not tested in production, guaranteed by design, verified at qualification.
7. Integrated across 12 kHz to 20 MHz, or 50 KHz to 80 MHz per GR-253-CORE Issue3.
8. Tested with Vc = 0.3V to 3V for 3.3V supply, Vc = 0.5V to 4.5 V for 5V supply, Vc = 0.5V to 11.5V for 12V supply
9. Maximum frequency occurs at room temperature
Table 2. Typical Single Side-Band Phase Noise (dBc/Hz) for Sinewave Output
Output Frequency
100 Hz Offset
1 kHz Offset
10 kHz Offset
100 kHz Offset
1 MHz Offset
640 MHz
-75
-110
-135
-150
-160
1000 MHz
-65
-95
-125
-150
-155


Similar Part No. - VS-502-BHC-CNN-1344.3256

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-500 VECTRON-VS-500 Datasheet
1Mb / 8P
   Voltage Controlled SAW Oscillator
VS-500 VECTRON-VS-500 Datasheet
362Kb / 8P
   Voltage Controlled SAW Oscillator
VS-500-KEF-GNN VECTRON-VS-500-KEF-GNN Datasheet
362Kb / 8P
   Voltage Controlled SAW Oscillator
VS-500-KEF-GNN155.5200 VECTRON-VS-500-KEF-GNN155.5200 Datasheet
1Mb / 8P
   Voltage Controlled SAW Oscillator
VS-500-KEF-GNN156.2500 VECTRON-VS-500-KEF-GNN156.2500 Datasheet
1Mb / 8P
   Voltage Controlled SAW Oscillator
More results

Similar Description - VS-502-BHC-CNN-1344.3256

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
M675 IDT-M675 Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M630 ICST-M630 Datasheet
87Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M624 ICST-M624 Datasheet
52Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS700 VECTRON-VS700_09 Datasheet
840Kb / 7P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
VCSO-OC12-1 SYNERGY-VCSO-OC12-1 Datasheet
419Kb / 3P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS-501 VECTRON-VS-501_12 Datasheet
408Kb / 6P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501 Datasheet
205Kb / 5P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
MSO1000-3 SYNERGY-MSO1000-3 Datasheet
326Kb / 4P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M660-01 ICST-M660-01 Datasheet
552Kb / 3P
   Voltage Controlled SAW Oscillator
logo
API Technologies Corp
TOM9339 APITECH-TOM9339 Datasheet
58Kb / 1P
   Voltage Controlled SAW Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com