Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS90C387RVJD Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90C387RVJD
Description  85MHz Dual 12-Bit Double Pumped Input LDI Transmitter - VGA/UXGA
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90C387RVJD Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DS90C387RVJD Datasheet HTML 2Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 3Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 4Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 5Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 6Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 7Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 8Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 9Page - National Semiconductor (TI) DS90C387RVJD Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Transmitter Switching Characteristics (Continued)
Note 5: The limits are based on bench characterization of the device’s jitter response over the power supply voltage range. Output clock jitter is measured with a
cycle-to-cycle jitter of ±2ns applied to the input clock signal while data inputs are switching (see figures 10 and 11). A jitter event of 2ns, represents worse case jump
in the clock edge from most graphics VGA chips currently available. This parameter is used when calculating system margin as described in AN-1059.
Note 6: Receiver Skew Margin is defined as the valid data sampling region at the receiver inputs. This margin takes into account transmitter output pulse positions
(min and max) and the receiver input setup and hold time (internal data sampling window - RSPOS). This margin allows for LVDS interconnect skew, inter-symbol
interference (both dependent on type/length of cable) and clock jitter.
RSKM
≥ cable skew (type, length) + source clock jitter (cycle to cycle).
Note 7: This limit is based on the capability of deskew circuitry. This margin allows for LVDS interconnect skew, inter-symbol interference (both dependent on
type/length of cable) and clock jitter. RSKM with deskew is ± 1 LVDS bit time (1/7th clock period) data to clock skew.
Note 8: The parameters are guaranteed by design. The limits are based on statistical analysis of the device performance over PVT(process, voltage and
temperature) range.
Note 9: From V = 1.5V of CLKINP to VDIFF= 0V of CLK1P when R_FB = High, DUAL = Low or High, BAL = Low.
DIGITAL SWITCHING CHARACTERISTICS for Two-Wire Serial
Communication Interface
Unless otherwise noted, below specifications apply for V
cc=+3.3V, load capacitance on output lines = 80 pF. Load capacitance
on output lines can be up to 400 pF provided that external pull-up switch is on board. The following parameters are the timing
relationships between SCL and SDA signals related to the DS90C387R.
Symbol
Parameter
Min
Typ
Max
Units
t
1
SCL (Clock) Period
2.5
µs
t
2
Data in Set-Up Time to SCL High
100
ns
t
3
Data Out Stable after SCL Low
0
ns
t
4
SDA Low Set-Up Time to SCL Low (Start Condition)
100
ns
t
5
SDA High Hold Time after SCL High (Stop Condition)
100
ns
AC Timing Diagrams
10128832
FIGURE 1. Two-Wire Serial Communication Interface Timing Diagram when I2CSEL = Vcc
www.national.com
6


Similar Part No. - DS90C387RVJD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C387RVJD/NOPB TI1-DS90C387RVJD/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   Dual 12-Bit Double Pumped Input LDI Transmitter - VGA/UXGA
DS90C387RVJDX/NOPB TI1-DS90C387RVJDX/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   Dual 12-Bit Double Pumped Input LDI Transmitter - VGA/UXGA
More results

Similar Description - DS90C387RVJD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90C387R TI1-DS90C387R_15 Datasheet
1Mb / 32P
[Old version datasheet]   Dual 12-Bit Double Pumped Input LDI Transmitter - VGA/UXGA
logo
List of Unclassifed Man...
CS5826 ETC1-CS5826 Datasheet
80Kb / 1P
   Dual Pixel LVDS Display Interface (LDI) Transmitter
logo
THine Electronics, Inc.
THC63LVDM83D-Z THINE-THC63LVDM83D-Z Datasheet
1Mb / 17P
   24bit COLOR OPEN LDI(LVDS) TRANSMITTER
logo
Sony Corporation
CXB1455R SONY-CXB1455R Datasheet
234Kb / 15P
   VGA/SVGA/XGA 24-bit Transmitter
logo
THine Electronics, Inc.
THC63LVD823 THINE-THC63LVD823 Datasheet
227Kb / 16P
   Single(135MHz)/Dual(170MHz) Link LVDS Transmitter for SXGA/SXGA/UXGA
logo
STMicroelectronics
STLVDS385 STMICROELECTRONICS-STLVDS385 Datasheet
260Kb / 14P
   3.3V PROGRAMMABLE LVDS TRANSMITTER 24-BIT FLAT PANEL DISPLAY (FPD) LINK-85MHZ
logo
THine Electronics, Inc.
THC63LVD1027 THINE-THC63LVD1027 Datasheet
349Kb / 22P
   85MHz 10Bits Dual LVDS Repeater
logo
National Semiconductor ...
DS90CR288A NSC-DS90CR288A Datasheet
224Kb / 20P
   28-Bit Channel Link-85MHz
logo
Analog Devices
AD8522ARZ AD-AD8522ARZ Datasheet
244Kb / 8P
   5 Volt, Serial Input, Dual 12-Bit DAC
REV. A
logo
Maxim Integrated Produc...
MAX532 MAXIM-MAX532 Datasheet
162Kb / 16P
   Dual, Serial-Input, Voltage-Output, 12-Bit MDAC
Rev. 1; 3/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com