Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8550IDGKR Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DAC8550IDGKR
Description  16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8550IDGKR Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button DAC8550IDGKR Datasheet HTML 3Page - Burr-Brown (TI) DAC8550IDGKR Datasheet HTML 4Page - Burr-Brown (TI) DAC8550IDGKR Datasheet HTML 5Page - Burr-Brown (TI) DAC8550IDGKR Datasheet HTML 6Page - Burr-Brown (TI) DAC8550IDGKR Datasheet HTML 7Page - Burr-Brown (TI) DAC8550IDGKR Datasheet HTML 8Page - Burr-Brown (TI) DAC8550IDGKR Datasheet HTML 9Page - Burr-Brown (TI) DAC8550IDGKR Datasheet HTML 10Page - Burr-Brown (TI) DAC8550IDGKR Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.ti.com
I(SOURCE/SINK) − mA
0
1
2
3
4
5
6
0
3
5
8
10
DAC Loaded With 0000H
DAC Loaded With FFFFH
VDD = 5.5 V
VREF = VDD −10 mV
0
50
100
150
200
250
300
0
8192
16384 24576
32768 40960
49152 57344 65536
Digital Input Code
VDD = VREF = 5.5 V
Reference Current Included
0
50
100
150
200
250
−40
−10
20
50
80
110
Temperature − 5C
VDD = VREF = 5.5 V
Reference Current Included
100
120
140
160
180
200
220
240
260
280
300
2.7
3.1
3.4
3.8
4.1
4.5
4.8
5.2
5.5
VDD − Supply Voltage − V
VREF = VDD
Reference Current Include, No Load
0
0.3
0.5
0.8
1
2.7
3.1
3.4
3.8
4.1
4.5
4.8
5.2
5.5
VDD − Supply Voltage − V
VREF = VDD
100
500
900
1300
1700
0
1
2
3
4
5
VDD = VREF = 5.5 V
TA = 25°C, SCL Input (All Other Inputs = GND)
V(LOGIC) − V
DAC8550
SLAS476C – MARCH 2006 – REVISED MARCH 2006
TYPICAL CHARACTERISTICS: V
DD = 5 V (continued)
At T
A = 25°C, unless otherwise noted. Unsigned binary equivalent inputs are shown in all figures.
SOURCE AND SINK CURRENT CAPABILITY
SUPPLY CURRENT
vs
DIGITAL INPUT CODE
Figure 7.
Figure 8.
POWER-SUPPLY CURRENT
SUPPLY CURRENT
vs
vs
TEMPERATURE
SUPPLY VOLTAGE
Figure 9.
Figure 10.
POWER-DOWN CURRENT
SUPPLY CURRENT
vs
vs
SUPPLY VOLTAGE
LOGIC INPUT VOLTAGE
Figure 11.
Figure 12.
7
Submit Documentation Feedback


Similar Part No. - DAC8550IDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8550IDGKR TI1-DAC8550IDGKR Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
DAC8550IDGKRG4 TI1-DAC8550IDGKRG4 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
More results

Similar Description - DAC8550IDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
DAC7551-Q1 TI1-DAC7551-Q1 Datasheet
886Kb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8552 BURR-BROWN-DAC8552 Datasheet
594Kb / 22P
   16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1_15 Datasheet
1Mb / 27P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
DAC7551 TI1-DAC7551_13 Datasheet
1Mb / 22P
[Old version datasheet]   12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7564IAPW TI1-DAC7564IAPW Datasheet
1Mb / 51P
[Old version datasheet]   12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8555 BURR-BROWN-DAC8555 Datasheet
1Mb / 27P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8554 BURR-BROWN-DAC8554 Datasheet
1Mb / 26P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com