Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-500-LFF-GNN779.5686 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # VS-500-LFF-GNN779.5686
Description  Voltage Controlled SAW Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VS-500-LFF-GNN779.5686 Datasheet(HTML) 3 Page - Vectron International, Inc

  VS-500-LFF-GNN779.5686 Datasheet HTML 1Page - Vectron International, Inc VS-500-LFF-GNN779.5686 Datasheet HTML 2Page - Vectron International, Inc VS-500-LFF-GNN779.5686 Datasheet HTML 3Page - Vectron International, Inc VS-500-LFF-GNN779.5686 Datasheet HTML 4Page - Vectron International, Inc VS-500-LFF-GNN779.5686 Datasheet HTML 5Page - Vectron International, Inc VS-500-LFF-GNN779.5686 Datasheet HTML 6Page - Vectron International, Inc VS-500-LFF-GNN779.5686 Datasheet HTML 7Page - Vectron International, Inc VS-500-LFF-GNN779.5686 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VS-500 Voltage Controlled SAW Oscillator
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Page 3 of 8
Rev: 14Nov03
8.89±0.15
[0.350±0.006]
13.97±0.20
[0.550±0.008]
0.46±0.05
[0.018±0.002]
2.54±0.13
[0.100±0.005]
5.08±0.13
[0.200±0.005]
4.49
+0.20
-0.30
[0.177+0.008
-0.012
]
mm
[inch]
7.63
[0.300]
VS-500-LFF-GNN
XXX.XXX
VI YWW
1
4
3
6
2
5
Outline Diagram
Pad Layout
Pin Out
Pin
Symbol
Function
1
VC
VCSO Control Voltage
2
OD
Output Disable
*
Disabled = LV-CMOS Logic 0 (or GND)
Enabled = LV-CMOS Logic 1 (or Open)
3
GND
Case and Electrical Ground
4
Output
VCSO Output
5
COutput
VCSO Complementary Output
6
VCC
Power Supply Voltage (3.3V / 5.0V
±10%)
*For 5.0V Operation, CMOS Levels Should Be Applied.
Tape and Reel (EIA-481-2-A)
Tape Dimensions (mm)
Reel Dimensions (mm)
Dimension
W
F
Do
Po
P1
A
B
C
D
N
W1
W2
# Per
Tolerance
Typ
Typ
Typ
Typ
Typ
Typ
Min
Typ
Min
Min
Typ
Max
Reel
VS-500
24
11.5
1.5
4
12
330
1.5
13
20.2
100
24.4
30.4
200
Po
W
A
N
F
P1
W1
W2
C
B
D
ØDo
mm
[inch]
8.80
[0.346]
1.27
[0.050]
2.54
[0.100]
5.08
[0.200]
3.00
[0.118]


Similar Part No. - VS-500-LFF-GNN779.5686

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-500-LFF-GNN VECTRON-VS-500-LFF-GNN Datasheet
362Kb / 8P
   Voltage Controlled SAW Oscillator
More results

Similar Description - VS-500-LFF-GNN779.5686

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
M675 IDT-M675 Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M630 ICST-M630 Datasheet
87Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M624 ICST-M624 Datasheet
52Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS700 VECTRON-VS700_09 Datasheet
840Kb / 7P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
VCSO-OC12-1 SYNERGY-VCSO-OC12-1 Datasheet
419Kb / 3P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS-502 VECTRON-VS-502 Datasheet
202Kb / 8P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501_12 Datasheet
408Kb / 6P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501 Datasheet
205Kb / 5P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
MSO1000-3 SYNERGY-MSO1000-3 Datasheet
326Kb / 4P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M660-01 ICST-M660-01 Datasheet
552Kb / 3P
   Voltage Controlled SAW Oscillator
logo
API Technologies Corp
TOM9339 APITECH-TOM9339 Datasheet
58Kb / 1P
   Voltage Controlled SAW Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com