Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD40A4052H Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HD40A4052H
Description  HMCS400-series microcomputers designed to increase program productivity with large-capacity memory
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD40A4052H Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HD40A4052H Datasheet HTML 4Page - Hitachi Semiconductor HD40A4052H Datasheet HTML 5Page - Hitachi Semiconductor HD40A4052H Datasheet HTML 6Page - Hitachi Semiconductor HD40A4052H Datasheet HTML 7Page - Hitachi Semiconductor HD40A4052H Datasheet HTML 8Page - Hitachi Semiconductor HD40A4052H Datasheet HTML 9Page - Hitachi Semiconductor HD40A4052H Datasheet HTML 10Page - Hitachi Semiconductor HD40A4052H Datasheet HTML 11Page - Hitachi Semiconductor HD40A4052H Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 101 page
background image
HD404054 Series/HD404094 Series
8
RAM-Mapped Register Area ($000–$03F):
• Interrupt Control Bits Area ($000–$003)
This area is used for interrupt control bits (figure 3). These bits can be accessed only by RAM bit
manipulation instructions (SEM/SEMD, REM/REMD, and TM/TMD). However, note that not all the
instructions can be used for each bit. Limitations on using the instructions are shown in figure 4.
• Special Function Register Area ($004–$018, $024–$034)
This area is used as mode registers and data registers for external interrupts, serial interface 1,
timer/counters, voltage comparator, and as data control registers for I/O ports. The structure is shown in
figures 2 and 5. These registers can be classified into three types: write-only (W), read-only (R), and
read/write (R/W). RAM bit manipulation instructions cannot be used for these registers.
• Register Flag Area ($020–$023)
This area is used for the WDON, and other register flags and interrupt control bits (figure 3). These bits
can be accessed only by RAM bit manipulation instructions (SEM/SEMD, REM/REMD, and
TM/TMD). However, note that not all the instructions can be used for each bit. Limitations on using
the instructions are shown in figure 4.
Memory Register (MR) Area ($040–$04F): Consisting of 16 addresses, this area (MR0–MR15) can be
accessed by register-register instructions (LAMR and XMRA). The structure is shown in figure 6.
Data Area ($090–$23F): 432 digits from $090 to $23F.
Stack Area ($3C0–$3FF): Used for saving the contents of the program counter (PC), status flag (ST), and
carry flag (CA) at subroutine call (CAL or CALL instruction) and for interrupts. This area can be used as a
16-level nesting subroutine stack in which one level requires four digits. The data to be saved and the save
conditions are shown in figure 6.
The program counter is restored by either the RTN or RTNI instruction, but the status and carry flags can
only be restored by the RTNI instruction. Any unused space in this area is used for data storage.


Similar Part No. - HD40A4052H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD40A4052H RENESAS-HD40A4052H Datasheet
381Kb / 103P
   microcomputer designed to increase program productivity
More results

Similar Description - HD40A4052H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD404054 RENESAS-HD404054 Datasheet
381Kb / 103P
   microcomputer designed to increase program productivity
HD404318 RENESAS-HD404318 Datasheet
305Kb / 68P
   microcomputer designed to increase program productivity
HD404328 RENESAS-HD404328 Datasheet
311Kb / 96P
   microcomputer designed to increase program productivity
logo
Hitachi Semiconductor
HD404339 HITACHI-HD404339 Datasheet
337Kb / 78P
   4-bit HMCS400-Series microcomputer with large-capacity memory
logo
Renesas Technology Corp
HD404339 RENESAS-HD404339 Datasheet
321Kb / 80P
   microcomputer with large-capacity memory designed to
HD404459 RENESAS-HD404459 Datasheet
420Kb / 122P
   4-bit HMCS400-series microcomputers
logo
Hitachi Semiconductor
HD404202 HITACHI-HD404202 Datasheet
3Mb / 67P
   CMOS 4-bit Single-Chip Microcomputers with the same architecture as the HMCS400 Series
logo
CIT Relay & Switch
A21CSQ12VDC1.6 CIT-A21CSQ12VDC1.6 Datasheet
141Kb / 3P
   Large switching capacity up to 40A
A3F1CSQ24VDC2 CIT-A3F1CSQ24VDC2 Datasheet
139Kb / 4P
   Large switching capacity up to 80A
logo
Inchange Semiconductor ...
2SA1507 ISC-2SA1507 Datasheet
114Kb / 2P
   Large Current Capacity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com