Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT23S08E-3DC Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT23S08E-3DC
Description  3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT23S08E-3DC Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT23S08E-3DC Datasheet HTML 1Page - Integrated Device Technology IDT23S08E-3DC Datasheet HTML 2Page - Integrated Device Technology IDT23S08E-3DC Datasheet HTML 3Page - Integrated Device Technology IDT23S08E-3DC Datasheet HTML 4Page - Integrated Device Technology IDT23S08E-3DC Datasheet HTML 5Page - Integrated Device Technology IDT23S08E-3DC Datasheet HTML 6Page - Integrated Device Technology IDT23S08E-3DC Datasheet HTML 7Page - Integrated Device Technology IDT23S08E-3DC Datasheet HTML 8Page - Integrated Device Technology IDT23S08E-3DC Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT23S08E
3.3V ZERO DELAY CLOCK MULTIPLIER
PIN CONFIGURATION
SOIC/ TSSOP
TOP VIEW
REF
CLKA1
S2
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
CLKA2
GND
CLKB1
FBK
CLKA4
GND
S1
VDD
VDD
CLKB2
CLKB3
CLKB4
CLKA3
Symbol
Rating
Max.
Unit
VDD
SupplyVoltageRange
–0.5 to +4.6
V
VI(2)
InputVoltageRange(REF)
–0.5 to +5.5
V
VI
InputVoltageRange
–0.5to
V
(except REF)
VDD+0.5
IIK (VI < 0)
InputClampCurrent
–50
mA
IO
ContinuousOutputCurrent
±50
mA
(VO = 0 to VDD)
VDD or GND
ContinuousCurrent
±100
mA
TA = 55°C
Maximum Power Dissipation
0.7
W
(instillair)(3)
TSTG
StorageTemperatureRange
–65to+150
°C
Operating
CommercialTemperature
0 to +70
°C
Temperature
Range
Operating
IndustrialTemperature
-40 to +85
°C
Temperature
Range
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
2. The input and output negative-voltage ratings may be exceeded if the input and output
clamp-current ratings are observed.
3. The maximum package power dissipation is calculated using a junction temperature
of 150
°C and a board trace length of 750 mils.
APPLICATIONS:
• SDRAM
• Telecom
• Datacom
• PC Motherboards/Workstations
• Critical Path Delay Designs
Pin Number
FunctionalDescription
REF (1)
1
InputReferenceClock,5VoltTolerantInput
CLKA1(2)
2
Clock Output for Bank A
CLKA2(2)
3
Clock Output for Bank A
VDD
4
3.3V Supply
GND
5
Ground
CLKB1(2)
6
Clock Output for Bank B
CLKB2(2)
7
Clock Output for Bank B
S2(3)
8
Select Input, Bit 2
S1(3)
9
Select Input, Bit 1
CLKB3(2)
10
Clock Output for Bank B
CLKB4(2)
11
Clock Output for Bank B
GND
12
Ground
VDD
13
3.3V Supply
CLKA3(2)
14
Clock Output for Bank A
CLKA4(2)
15
Clock Output for Bank A
FBK
16
PLLFeedbackInput
NOTES:
1. Weak pull down.
2. Weak pull down on all outputs.
3. Weak pull ups on these inputs.
PIN DESCRIPTION
ABSOLUTE MAXIMUM RATINGS(1)


Similar Part No. - IDT23S08E-3DC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT23S08E RENESAS-IDT23S08E Datasheet
236Kb / 12P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
logo
Integrated Device Techn...
IDT23S08E IDT-IDT23S08E_09 Datasheet
77Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
More results

Similar Description - IDT23S08E-3DC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT23S08E IDT-IDT23S08E_09 Datasheet
77Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S08 IDT-IDT23S08_09 Datasheet
77Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S08 RENESAS-IDT23S08 Datasheet
235Kb / 11P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
logo
Integrated Device Techn...
IDT23S08 IDT-IDT23S08 Datasheet
60Kb / 10P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S08E RENESAS-IDT23S08E Datasheet
236Kb / 12P
   3.3V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MAY 2010
IDT23S08T RENESAS-IDT23S08T Datasheet
221Kb / 7P
   2.5V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
MARCH 2006
logo
Integrated Device Techn...
IDT23S08T IDT-IDT23S08T Datasheet
51Kb / 6P
   2.5V ZERO DELAY CLOCK MULTIPLIER, SPREAD SPECTRUM COMPATIBLE
IDT23S05E IDT-IDT23S05E_09 Datasheet
69Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
IDT23S05 IDT-IDT23S05 Datasheet
62Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
logo
Renesas Technology Corp
IDT23S05 RENESAS-IDT23S05 Datasheet
323Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER, SPREAD SPECTRUM COMPATIBLE
AUGUST 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com