Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71T016SA20BFI Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT71T016SA20BFI
Description  2.5V CMOS Static RAM 1 Meg (64K x 16-Bit)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71T016SA20BFI Datasheet(HTML) 9 Page - Integrated Device Technology

  IDT71T016SA20BFI Datasheet HTML 1Page - Integrated Device Technology IDT71T016SA20BFI Datasheet HTML 2Page - Integrated Device Technology IDT71T016SA20BFI Datasheet HTML 3Page - Integrated Device Technology IDT71T016SA20BFI Datasheet HTML 4Page - Integrated Device Technology IDT71T016SA20BFI Datasheet HTML 5Page - Integrated Device Technology IDT71T016SA20BFI Datasheet HTML 6Page - Integrated Device Technology IDT71T016SA20BFI Datasheet HTML 7Page - Integrated Device Technology IDT71T016SA20BFI Datasheet HTML 8Page - Integrated Device Technology IDT71T016SA20BFI Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
sramhelp@idt.com
Santa Clara, CA 95054
fax: 408-492-8674
800-544-7726
www.idt.com
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
Datasheet Document History
9
IDT71T016SA, 2.5V CMOS Static RAM
1 Meg (64K x 16-bit)
Commercial and Industrial Temperature Ranges
Rev
Date
Page
Description
0
08/23/01
Created new datasheet
1
04/16/04
p. 1-8
Updated datasheet to full release version.
p. 3
Updated overshoot and undershoot specifications and typical DC electrical
characteristics.


Similar Part No. - IDT71T016SA20BFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71T016 IDT-IDT71T016 Datasheet
80Kb / 8P
   LOW POWER 2V CMOS SRAM 1 MEG (64K x 16-BIT)
IDT71T016L150PH IDT-IDT71T016L150PH Datasheet
80Kb / 8P
   LOW POWER 2V CMOS SRAM 1 MEG (64K x 16-BIT)
IDT71T016L150PHI IDT-IDT71T016L150PHI Datasheet
80Kb / 8P
   LOW POWER 2V CMOS SRAM 1 MEG (64K x 16-BIT)
IDT71T016L200PH IDT-IDT71T016L200PH Datasheet
80Kb / 8P
   LOW POWER 2V CMOS SRAM 1 MEG (64K x 16-BIT)
IDT71T016L200PHI IDT-IDT71T016L200PHI Datasheet
80Kb / 8P
   LOW POWER 2V CMOS SRAM 1 MEG (64K x 16-BIT)
More results

Similar Description - IDT71T016SA20BFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71016S IDT-IDT71016S_14 Datasheet
82Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016 IDT-IDT71016 Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Renesas Technology Corp
71016S RENESAS-71016S Datasheet
201Kb / 10P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.02.20
logo
Integrated Device Techn...
IDT71V016SA12PHG IDT-IDT71V016SA12PHG Datasheet
289Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Renesas Technology Corp
71V016SA RENESAS-71V016SA Datasheet
210Kb / 11P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
logo
Integrated Device Techn...
71V016SA10PHG IDT-71V016SA10PHG Datasheet
289Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016 IDT-IDT71V016 Datasheet
80Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016SA IDT-IDT71V016SA Datasheet
100Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Pyramid Semiconductor C...
P3C1021 PYRAMID-P3C1021 Datasheet
451Kb / 10P
   HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
logo
Integrated Device Techn...
IDT7187S IDT-IDT7187S Datasheet
70Kb / 8P
   CMOS STATIC RAM 64K (64K x 1-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com