Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7J643682M-FC20 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # K7J643682M-FC20
Description  72Mb M-die DDRII SRAM Specification
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7J643682M-FC20 Datasheet(HTML) 5 Page - Samsung semiconductor

  K7J643682M-FC20 Datasheet HTML 1Page - Samsung semiconductor K7J643682M-FC20 Datasheet HTML 2Page - Samsung semiconductor K7J643682M-FC20 Datasheet HTML 3Page - Samsung semiconductor K7J643682M-FC20 Datasheet HTML 4Page - Samsung semiconductor K7J643682M-FC20 Datasheet HTML 5Page - Samsung semiconductor K7J643682M-FC20 Datasheet HTML 6Page - Samsung semiconductor K7J643682M-FC20 Datasheet HTML 7Page - Samsung semiconductor K7J643682M-FC20 Datasheet HTML 8Page - Samsung semiconductor K7J643682M-FC20 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
2Mx36 & 4Mx18 DDR II SIO b2 SRAM
K7J643682M
K7J641882M
- 5 -
Rev 1.0
Aug. 2005
PIN CONFIGURATIONS(TOP VIEW) K7J641882M(4Mx18)
Notes: 1. * Checked No Connect(NC) pins are reserved for higher density address, i.e. 2A for 144Mb.
2. BW0 controls write to D0:D8 and BW1 controls write to D9:D17.
1
2
3
4
5
6
7
8
9
10
11
A
CQ
VSS/SA*
SA
R/W
BW1
K
NC
LD
SA
SA
CQ
B
NC
Q9
D9
SA
NC
K
BW0
SA
NC
NC
Q8
C
NC
NC
D10
VSS
SA
SA
SA
VSS
NC
Q7
D8
D
NC
D11
Q10
VSS
VSS
VSS
VSS
VSS
NC
NC
D7
E
NC
NC
Q11
VDDQ
VSS
VSS
VSS
VDDQ
NC
D6
Q6
F
NC
Q12
D12
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
Q5
G
NC
D13
Q13
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
D5
H
Doff
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
D14
VDDQ
VDD
VSS
VDD
VDDQ
NC
Q4
D4
K
NC
NC
Q14
VDDQ
VDD
VSS
VDD
VDDQ
NC
D3
Q3
L
NC
Q15
D15
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
Q2
M
NC
NC
D16
VSS
VSS
VSS
VSS
VSS
NC
Q1
D2
N
NC
D17
Q16
VSS
SA
SA
SA
VSS
NC
NC
D1
P
NC
NC
Q17
SA
SA
C
SA
SA
NC
D0
Q0
R
TDO
TCK
SA
SA
SA
C
SA
SA
SA
TMS
TDI
PIN NAME
Notes: 1. C, C, K or K cannot be set to VREF voltage.
2. When ZQ pin is directly connected to VDD output impedance is set to minimum value and it cannot be connected to ground or left unconnected.
3. Not connected to chip pad internally.
SYMBOL
PIN NUMBERS
DESCRIPTION
NOTE
K, K
6B, 6A
Input Clock
C, C
6P, 6R
Input Clock for Output Data
1
CQ, CQ
11A, 1A
Output Echo Clock
Doff
1H
DLL Disable when low
SA
3A,9A,10A,4B,8B,5C-7C,5N-7N,4P,5P,7P,8P,3R-5R,7R-9R
Address Inputs
D0-17
10P,11N,11M,10K,11J,11G,10E,11D,11C,3B,3C,2D,
3F,2G,3J,3L,3M,2N
Data Inputs
Q0-17
11P,10M,11L,11K,10J,11F,11E,10C,11B,2B,3D,3E,
2F,3G,3K,2L,3N,3P
Data Outputs
R/W
4A
Read, Write Control Pin, Read active
when high
LD
8A
Synchronous Load Pin, bus Cycle
sequence is to be defined when low
BW0, BW1
7B, 5A
Block Write Control Pin,active when low
VREF
2H,10H
Input Reference Voltage
ZQ
11H
Output Driver Impedance Control Input
2
VDD
5F,7F,5G,7G,5H,7H,5J,7J,5K,7K
Power Supply ( 1.8 V )
VDDQ
4E,8E,4F,8F,4G,8G,3H,4H,8H,9H,4J,8J,4K,8K,4L,8L
Output Power Supply ( 1.5V or 1.8V )
VSS
2A,10A,4C,8C,4D-8D,5E-7E,6F,6G,6H,6J,6K,5L-7L,4M-8M,4N,8N
Ground
TMS
10R
JTAG Test Mode Select
TDI
11R
JTAG Test Data Input
TCK
2R
JTAG Test Clock
TDO
1R
JTAG Test Data Output
NC
7A,1B,5B,9B,10B,1C,2C,9C,1D,9D,10D,1E,2E,9E,1F,9F,
10F,1G,9G,10G,1J,2J,9J,1K,2K,9K,1L,9L,10L,1M,2M,
9M,1N,9N,10N,1P,2P,9P
No Connect
3


Similar Part No. - K7J643682M-FC20

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7J643682M SAMSUNG-K7J643682M_07 Datasheet
434Kb / 18P
   2Mx36 & 4Mx18 DDR II SIO b2 SRAM
More results

Similar Description - K7J643682M-FC20

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7I643684M SAMSUNG-K7I643684M Datasheet
412Kb / 18P
   72Mb DDRII SRAM Specification
K7I643682M SAMSUNG-K7I643682M Datasheet
309Kb / 17P
   72Mb M-die DDRII SRAM Specification 165 FBGA with Pb & Pb-Free (RoHS compliant)
K7D323674A SAMSUNG-K7D323674A Datasheet
485Kb / 19P
   32Mb A-die DDR SRAM Specification
K7I163682B SAMSUNG-K7I163682B_06 Datasheet
416Kb / 18P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7I163684B SAMSUNG-K7I163684B Datasheet
422Kb / 18P
   512Kx36 & 1Mx18 DDRII CIO b4 SRAM
K7I323684C SAMSUNG-K7I323684C Datasheet
419Kb / 18P
   1Mx36 & 2Mx18 DDRII CIO b4 SRAM
K7I323682M SAMSUNG-K7I323682M Datasheet
377Kb / 17P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
K7I643682M SAMSUNG-K7I643682M_07 Datasheet
417Kb / 18P
   2Mx36 & 4Mx18 DDRII CIO b2 SRAM
K7K1636T2C SAMSUNG-K7K1636T2C Datasheet
407Kb / 19P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
K7K1636U2C SAMSUNG-K7K1636U2C Datasheet
600Kb / 19P
   512Kx36 & 1Mx18 DDRII CIO b2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com