Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR3517-B Datasheet(PDF) 2 Page - AUK corp

Part # SR3517-B
Description  Red colored diffusion lens type 3mm(T-1) all plastic mold type High luminosity
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SR3517-B Datasheet(HTML) 2 Page - AUK corp

  SR3517-B Datasheet HTML 1Page - AUK corp SR3517-B Datasheet HTML 2Page - AUK corp SR3517-B Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KLR-2003-000
2
SR3517-H / SR3517-H(B)
Absolute maximum ratings
Characteristic
Symbol
Ratings
Unit
Power Dissipation
PD
70
mW
Forward Current
IF
30
mA
*1Peak Forward Current
IFP
50
mA
Reverse Voltage
VR
4
V
Operating Temperature
Topr
-25∼85
°C
Storage Temperature
Tstg
-30∼100
°C
*2Soldering Temperature
Tsol
260°C for 5 seconds
*1.Duty ratio = 1/16, Pulse width = 0.1ms
*2.Keep the distance more than 2.0mm from PCB to the bottom of LED package
Electrical Characteristics
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Forward Voltage
VF
IF= 20mA
-
1.8
2.3
V
*4Luminous Intensity
IV
IF= 20mA
25
65
100
mcd
Peak Wavelength
λP
IF= 20mA
-
660
-
nm
Spectrum Bandwidth
Δ λ
IF= 20mA
-
20
-
nm
Reverse Current
IR
VR=4V
-
-
10
uA
*3Half Angle
θ1/2
IF= 20mA
-
±25
-
deg
*3. θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity
*4. Luminous Intensity Maximum tolerance for each Grade Classification limit is ±18%
*4. Luminous Intensity classification
I
J
K
27
~
43
43
~
68
68
~
100


Similar Part No. - SR3517-B

ManufacturerPart #DatasheetDescription
logo
AUK corp
SR3517-U AUK-SR3517-U Datasheet
210Kb / 3P
   High Brightness LED Lamp
SR3517-UB AUK-SR3517-UB Datasheet
210Kb / 3P
   High Brightness LED Lamp
SR3517-V AUK-SR3517-V Datasheet
198Kb / 4P
   High Brightenss LED Lamp
logo
KODENSHI_AUK CORP.
SR3517-V KODENSHI-SR3517-V Datasheet
271Kb / 3P
   LAMP LED
logo
AUK corp
SR3517-VB AUK-SR3517-VB Datasheet
198Kb / 4P
   High Brightenss LED Lamp
More results

Similar Description - SR3517-B

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SA5711 KODENSHI-SA5711 Datasheet
273Kb / 3P
   Red colored diffusion lens type
SA3417 KODENSHI-SA3417 Datasheet
278Kb / 3P
   Red Colored tramsparency lens type
logo
Sharp Corporation
GL3UR8 SHARP-GL3UR8 Datasheet
94Kb / 4P
   첩3mmT-1, Cylinder Type, Colored Diffusion, High-luminosity LED Lamps for Indicator
logo
List of Unclassifed Man...
SA3411 ETC1-SA3411 Datasheet
72Kb / 3P
   Red Colored transparency lens type
logo
Sharp Corporation
GL5UR8 SHARP-GL5UR8 Datasheet
71Kb / 3P
   첩5mm(T-1 3/4), Cylinder Type, Colored Diffusion, High-luminosity LED Lamps for Outdoor Use
logo
List of Unclassifed Man...
SSL-LX3044ID ETC1-SSL-LX3044ID Datasheet
53Kb / 1P
   T-3mm (T-1) 635nm RED LED. RED DIFFUSED LENS.
logo
KODENSHI_AUK CORP.
SO3517 KODENSHI-SO3517 Datasheet
259Kb / 3P
   Orange colored diffusion lens
logo
Sharp Corporation
LT9526D SHARP-LT9526D Datasheet
100Kb / 4P
   첩20mm, Dome Type, Colored Diffusion, High-luminosity, Large LED Lamps for Indoor Use
GL8TR42 SHARP-GL8TR42 Datasheet
41Kb / 2P
   2.0 X 3.9mm, Rectangle Type, Colored Diffusion, High-luminosity LED Lamp for Indicator
GL8UR21 SHARP-GL8UR21 Datasheet
48Kb / 2P
   2.0 X 5.0mm, Rectangle Type, Colored Diffusion, High-luminosity LED Lamps for Indicator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com