Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT71T016SA15PH Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT71T016SA15PH
Description  2.5V CMOS Static RAM 1 Meg (64K x 16-Bit)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71T016SA15PH Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT71T016SA15PH Datasheet HTML 1Page - Integrated Device Technology IDT71T016SA15PH Datasheet HTML 2Page - Integrated Device Technology IDT71T016SA15PH Datasheet HTML 3Page - Integrated Device Technology IDT71T016SA15PH Datasheet HTML 4Page - Integrated Device Technology IDT71T016SA15PH Datasheet HTML 5Page - Integrated Device Technology IDT71T016SA15PH Datasheet HTML 6Page - Integrated Device Technology IDT71T016SA15PH Datasheet HTML 7Page - Integrated Device Technology IDT71T016SA15PH Datasheet HTML 8Page - Integrated Device Technology IDT71T016SA15PH Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
6.42
4
IDT71T016SA, 2.5V CMOS Static RAM
1 Meg (64K x 16-Bit)
Commercial and Industrial Temperature Ranges
AC Test Conditions
AC Test Loads
Figure 3. Output Capacitive Derating
Figure 1. AC Test Load
Figure 2. AC Test Load
(for tCLZ, tOLZ, tCHZ, tOHZ, tOW, and tWHZ)
*Including jig and scope capacitance.
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
AC Test Load
0V to 2.5V
1.5ns
(VDD/2)
(VDD/2)
See Figure 1, 2 and 3
5326 tbl 09
+1.25V
50
I/O
Z0 =50
5326 drw 03
30pF
5326 drw 04
320
350
5pF*
DATA OUT
2.5V
1
2
3
4
5
6
7
20 40 60 80 100 120 140 160 180 200
∆tAA, tACS
(Typical, ns)
CAPACITANCE (pF)
8
5326 drw 05
·


Similar Part No. - IDT71T016SA15PH

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71T016 IDT-IDT71T016 Datasheet
80Kb / 8P
   LOW POWER 2V CMOS SRAM 1 MEG (64K x 16-BIT)
IDT71T016L150PH IDT-IDT71T016L150PH Datasheet
80Kb / 8P
   LOW POWER 2V CMOS SRAM 1 MEG (64K x 16-BIT)
IDT71T016L150PHI IDT-IDT71T016L150PHI Datasheet
80Kb / 8P
   LOW POWER 2V CMOS SRAM 1 MEG (64K x 16-BIT)
IDT71T016L200PH IDT-IDT71T016L200PH Datasheet
80Kb / 8P
   LOW POWER 2V CMOS SRAM 1 MEG (64K x 16-BIT)
IDT71T016L200PHI IDT-IDT71T016L200PHI Datasheet
80Kb / 8P
   LOW POWER 2V CMOS SRAM 1 MEG (64K x 16-BIT)
More results

Similar Description - IDT71T016SA15PH

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71016S IDT-IDT71016S_14 Datasheet
82Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016 IDT-IDT71016 Datasheet
482Kb / 9P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Renesas Technology Corp
71016S RENESAS-71016S Datasheet
201Kb / 10P
   CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.02.20
logo
Integrated Device Techn...
IDT71V016SA12PHG IDT-IDT71V016SA12PHG Datasheet
289Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Renesas Technology Corp
71V016SA RENESAS-71V016SA Datasheet
210Kb / 11P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
logo
Integrated Device Techn...
71V016SA10PHG IDT-71V016SA10PHG Datasheet
289Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016 IDT-IDT71V016 Datasheet
80Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016SA IDT-IDT71V016SA Datasheet
100Kb / 9P
   3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Pyramid Semiconductor C...
P3C1021 PYRAMID-P3C1021 Datasheet
451Kb / 10P
   HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
logo
Integrated Device Techn...
IDT7187S IDT-IDT7187S Datasheet
70Kb / 8P
   CMOS STATIC RAM 64K (64K x 1-BIT)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com