Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7D321874A-HGC37 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K7D321874A-HGC37
Description  32Mb A-die DDR SRAM Specification
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7D321874A-HGC37 Datasheet(HTML) 2 Page - Samsung semiconductor

  K7D321874A-HGC37 Datasheet HTML 1Page - Samsung semiconductor K7D321874A-HGC37 Datasheet HTML 2Page - Samsung semiconductor K7D321874A-HGC37 Datasheet HTML 3Page - Samsung semiconductor K7D321874A-HGC37 Datasheet HTML 4Page - Samsung semiconductor K7D321874A-HGC37 Datasheet HTML 5Page - Samsung semiconductor K7D321874A-HGC37 Datasheet HTML 6Page - Samsung semiconductor K7D321874A-HGC37 Datasheet HTML 7Page - Samsung semiconductor K7D321874A-HGC37 Datasheet HTML 8Page - Samsung semiconductor K7D321874A-HGC37 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Rev 1.4
1Mx36 & 2Mx18 SRAM
- 2 -
Oct. 2005
K7D321874A
K7D323674A
Document Title
32M DDR SYNCHRONOUS SRAM
Revision History
The attached data sheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the
right to change the specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions on the parameters
of this device. If you have any questions, please contact the SAMSUNG branch office near your office, call or cortact Headquarters.
Rev No.
Rev. 0.0
Rev. 0.1
Rev 0.2
Remark
Advance
Advance
Advance
History
Initial document.
Remove /G operation thru the Spec.
- Remove /G from PUNCTIONAL BLOCK DIAGRAM, PIN CONFIGURA-
TION, TRUTH TABLE and TIMING WAVEFORMs
Add 300MHz Speed bin.
- Add Part ID at ORDERING INFORMATION & IDD30 at DC CHARACTERIS-
TICS
Change ILI and ILo at DC CHARCATERISTICS
- ILI : MIN -1 -> -3, MAX 1 -> 3, ILo : MIN -1 -> -5, MAX 1 -> 5
Change the comment of Programmable Impedance Output Driver.
Change RECOMMENDED DC OPERATING CONDITIONS.
- VREF : Min 0.68 -> 0.65, Max 1.0 -> 0.85
Change PIN CAPACITANCE : CIN : 3 -> 3.1
Change AC TEST CONDITIONS : TR/RF: 0.4/0.4 -> 0.5/0.5
Change AC TIMING CHARACTERISTICS
- tCHCL : tKHKL -0.1 -> tKHKL -0.2 , tCLCH : tKLKH -0.1 -> tKLKH -0.2
- tCXCV : 2.10 -> 2.30
Change VDDQ RANGE
- In FEATURES : 1.5V VDDQ -> 1.5~.1.8V VDDQ
- In RECOMENDED DC OPERATING CONDITIONS : Max VDDQ : 1.6 -> 1.9
Change TRUTH TABLE : Remove Clock Stop
Change DC CHARACTERISTICS
- x36 IDD :
IDD50 : 950 -> 1050, IDD45 : 850 -> 950, IDD40: 800 -> 860, IDD30: 750 -> 760
- x18 IDD:
IDD50 : 850 -> 1000, IDD45 : 800 -> 900, IDD40: 750 -> 810, IDD30: 700 -> 710
- ISB1 : 150 -> 200
Change PIN CAPACITANCE : CIN : 3.1 -> 3.2, COUT : 4 -> 4.2
Change AC TIMING CHARACTERISTICS
- MIN tKHKL, tKHKL : -40 : 1.1 -> 1.2, -30 : 1.1 -> 1.4
- MIN tAVKH, tBVKH, tKHAX, tKHBX : -45 : 0.25 -> 0.27
- tKXCV MIN/MAX : 0.8/2.3 -> 1.0/2.5
Change PACKAGE THERMAL CHARACTERISTICS
DraftData
Dec. 2002
Jan. 2003
Feb. 2003


Similar Part No. - K7D321874A-HGC37

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7D321874C SAMSUNG-K7D321874C Datasheet
462Kb / 18P
   1Mx36 & 2Mx18 SRAM
K7D321874C-GC33 SAMSUNG-K7D321874C-GC33 Datasheet
462Kb / 18P
   1Mx36 & 2Mx18 SRAM
K7D321874C-GC37 SAMSUNG-K7D321874C-GC37 Datasheet
462Kb / 18P
   1Mx36 & 2Mx18 SRAM
K7D321874C-GC40 SAMSUNG-K7D321874C-GC40 Datasheet
462Kb / 18P
   1Mx36 & 2Mx18 SRAM
K7D321874C-HC33 SAMSUNG-K7D321874C-HC33 Datasheet
462Kb / 18P
   1Mx36 & 2Mx18 SRAM
More results

Similar Description - K7D321874A-HGC37

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H511638B-G SAMSUNG-K4H511638B-G Datasheet
392Kb / 24P
   512Mb B-die DDR SDRAM Specification
K4H510438F SAMSUNG-K4H510438F Datasheet
367Kb / 24P
   512Mb F-die DDR SDRAM Specification
FMB857B SAMSUNG-FMB857B Datasheet
329Kb / 23P
   256Mb F-die DDR SDRAM Specification
K4H1G0438M SAMSUNG-K4H1G0438M Datasheet
206Kb / 23P
   1Gb M-die DDR SDRAM Specification
K4H561638H SAMSUNG-K4H561638H Datasheet
416Kb / 24P
   256Mb H-die DDR SDRAM Specification
K4H510438 SAMSUNG-K4H510438 Datasheet
332Kb / 24P
   512Mb B-die DDR SDRAM Specification
K4H560438H SAMSUNG-K4H560438H Datasheet
367Kb / 24P
   256Mb H-die DDR SDRAM Specification
K4H511638C-Z SAMSUNG-K4H511638C-Z Datasheet
391Kb / 24P
   512Mb C-die DDR SDRAM Specification
K4H561638F-UC SAMSUNG-K4H561638F-UC Datasheet
206Kb / 23P
   256Mb F-die DDR SDRAM Specification
K4H280438F SAMSUNG-K4H280438F Datasheet
206Kb / 23P
   128Mb F-die DDR SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com