Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6854 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6854
Description  Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6854 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6854 Datasheet HTML 3Page - Maxim Integrated Products MAX6854 Datasheet HTML 4Page - Maxim Integrated Products MAX6854 Datasheet HTML 5Page - Maxim Integrated Products MAX6854 Datasheet HTML 6Page - Maxim Integrated Products MAX6854 Datasheet HTML 7Page - Maxim Integrated Products MAX6854 Datasheet HTML 8Page - Maxim Integrated Products MAX6854 Datasheet HTML 9Page - Maxim Integrated Products MAX6854 Datasheet HTML 10Page - Maxim Integrated Products MAX6854 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Nanopower µP Supervisory Circuits with
Manual Reset and Watchdog Timer
_______________________________________________________________________________________
7
MAX6861/MAX6862/MAX6863 Pin Description
PIN
MAX6861/
MAX6863
MAX6862
NAME
FUNCTION
11
CT
Reset Timeout Select Input. Connect CT low to select the D1 reset timeout output
period (see Tables 1 and 4). Connect CT high (normally VCC) to select the D3
reset timeout period.
22
GND
Ground
33
MR
Active-Low Manual Reset Input. Drive MR low to initiate a reset. The reset output
remains asserted while MR is held low and for the reset timeout period after MR
transitions high. Leave MR unconnected or connect to VCC if unused. MR is
internally pulled up to VCC through 10kΩ.
4—
RESET
Active-Low Open-Drain or Push-Pull Reset Output. RESET transitions from high to
low when VCC drops below the selected reset threshold or MR is pulled low.
RESET remains low for the reset timeout period after VCC exceeds the device
reset threshold and MR deasserts. Push-pull RESET outputs are referenced to
VCC. Open-drain RESET outputs require an external pullup resistor.
55
VCC
Supply Voltage. Input for VCC reset monitor. For noisy systems, bypass VCC with
a 0.1µF capacitor to GND.
—4
RESET
Active-High Push-Pull Reset Output. RESET transitions from low to high when
VCC drops below the selected reset threshold or MR is pulled low. RESET
remains high for the reset timeout period after VCC exceeds the device reset
threshold and MR deasserts. RESET is referenced to VCC.


Similar Part No. - MAX6854

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6854 MAXIM-MAX6854 Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854UK16D3 MAXIM-MAX6854UK16D3 Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854UK16D3 MAXIM-MAX6854UK16D3 Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854UK23D3 MAXIM-MAX6854UK23D3 Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
More results

Similar Description - MAX6854

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854UK16D3 MAXIM-MAX6854UK16D3 Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
Maxim Integrated Produc...
MAX823TEXK MAXIM-MAX823TEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX825ZEXK MAXIM-MAX825ZEXK Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX823SEUK-T MAXIM-MAX823SEUK-T Datasheet
213Kb / 10P
   5-Pin Microprocessor Supervisory Circuits With Watchdog Timer and Manual Reset
Rev 5; 12/05
MAX6320PUK29CY MAXIM-MAX6320PUK29CY Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
MAX6316 MAXIM-MAX6316_11 Datasheet
158Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 10; 10/11
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
   Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com