Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM2191L Datasheet(PDF) 3 Page - New Japan Radio

Part # NJM2191L
Description  SRS 3D Stereo & SRS HEADPHONE AUDIO PROCESSOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2191L Datasheet(HTML) 3 Page - New Japan Radio

  NJM2191L Datasheet HTML 1Page - New Japan Radio NJM2191L Datasheet HTML 2Page - New Japan Radio NJM2191L Datasheet HTML 3Page - New Japan Radio NJM2191L Datasheet HTML 4Page - New Japan Radio NJM2191L Datasheet HTML 5Page - New Japan Radio NJM2191L Datasheet HTML 6Page - New Japan Radio NJM2191L Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NJM2191
- 3 -
s
s
s
sELECTRICAL CHARACTERISTICS (V
+=12V, Ta=25
°C, VIN=-10dBV(316mVrms), unless otherwise specification)
CONDITION
INPUT
PARAMETER
SYMBOL
LR
OUTPUT
MODE
WIDTH
VR
MIN
TYP
MAX
UNIT
00
L
R
BYPASS
3D Stereo
--
-110
(3.2)
-100
(10.0)
00
L
R
3D Stereo
MAX
-
-95
(17.8)
-84
(63.1)
00
L
R
BYPASS
SRS HP
--
-110
(3.16)
-100
(10.0)
00
L
R
SRS HP
MIN
-
-95
(17.8)
-84
(63.1)
Output Noise
VNOISE
Rg=0
A-Weighted
00
L
R
SRS HP
MAX
-
-95
(17.8)
-84
(63.1)
dBV
(uVrms)
VIN
-
-
VIN
L
R
BYPASS
3D Stereo
-
-
0.01
0.05
VIN
-
L
3D Stereo
MAX
-
0.10
0.20
-VIN
R
3D Stereo
MAX
-
0.10
0.20
VIN
-
-
VIN
L
R
BYPASS
SRS HP
-
-
0.01
0.05
VIN
-
-
VIN
L
R
SRS HP
MIN
-
0.10
0.30
VIN
-
L
SRS HP
MAX
-
0.01
0.10
Total
Harmonic
Distortion
THD
f=1kHz
-VIN
R
SRS HP
MAX
-
0.20
0.40
%
VIN
-
-
VIN
L
R
BYPASS
3D Stereo
-
-1.0
0.0
1.0
Bypass
Gain
GVBYP
f=1kHz
VIN
-
-
VIN
L
R
BYPASS
SRS HP
-
-1.0
0.0
1.0
dB
VIN
-
-
VIN
L
R
3D Stereo
MAX
9.2
11.2
13.2
VIN
-
-
VIN
L
R
3D Stereo
MIN
-2.5
-0.5
1.5
3D Stereo
Gain
GVSRS
f=125Hz
-
VIN
VIN
L
R
3D Stereo
MAX
6.5
8.5
10.5
dB
VIN
VIN
VIN
VIN
L
R
SRS HP
MIN
-2.0
0.0
2.0
L+R
Gain
GL+R
Vin=-20dBV
f=100Hz
VIN
VIN
VIN
VIN
L
R
SRS HP
MAX
-2.0
0.0
2.0
dB
VIN
VIN
-VIN
-VIN
L
R
SRS HP
MIN
3.3
5.3
7.3
L-R
Gain
GL-R
Vin=-20dBV
f=100Hz
VIN
VIN
-VIN
-VIN
L
R
SRS HP
MAX
18.9
20.9
22.9
dB
VIN = ”High
Level”
--
-
-
-
2.0
-
V
+
Mode Select
Control
Switch
VMODE
VIN = ”Low
Level”
-
-
-
-
-
0.0
-
0.7
V
✔ The word “-VIN” signifies opposite phase of “VIN


Similar Part No. - NJM2191L

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2190 NJRC-NJM2190 Datasheet
327Kb / 13P
   SRS Headphone 3D SURROUND PROCESSOR
NJM2190D NJRC-NJM2190D Datasheet
327Kb / 13P
   SRS Headphone 3D SURROUND PROCESSOR
NJM2190M NJRC-NJM2190M Datasheet
327Kb / 13P
   SRS Headphone 3D SURROUND PROCESSOR
NJM2190V NJRC-NJM2190V Datasheet
327Kb / 13P
   SRS Headphone 3D SURROUND PROCESSOR
NJM2192 NJRC-NJM2192 Datasheet
160Kb / 16P
   SRS TruBass Bass Enhancement Processor
More results

Similar Description - NJM2191L

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1161 NJRC-NJW1161 Datasheet
554Kb / 25P
   AUDIO PROCESSOR with SRS 3D STEREO
NJM2190 NJRC-NJM2190 Datasheet
327Kb / 13P
   SRS Headphone 3D SURROUND PROCESSOR
NJM2178 NJRC-NJM2178 Datasheet
288Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
logo
Mitsubishi Electric Sem...
M62494FP MITSUBISHI-M62494FP Datasheet
90Kb / 7P
   SRS 3D Stereo SRS 3D Mono 1Chip
logo
Renesas Technology Corp
M62494SP RENESAS-M62494SP Datasheet
131Kb / 8P
   SRS 3D Stereo SRS 3D Mono 1Chip
logo
New Japan Radio
NJM2199 NJRC-NJM2199 Datasheet
63Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
NJM2179 NJRC-NJM2179 Datasheet
219Kb / 8P
   SRS 3D SURROUND AUDIO PROCESSOR?
logo
Mitsubishi Electric Sem...
M62459P MITSUBISHI-M62459P Datasheet
80Kb / 7P
   SRS 3D Stereo SRS 3D Mono 1Chip
logo
New Japan Radio
NJM2198 NJRC-NJM2198 Datasheet
84Kb / 13P
   SRS 3D SURROUND AUDIO PROCESSOR
NJW1160 NJRC-NJW1160 Datasheet
620Kb / 26P
   AUDIO PROCESSOR with SOUND ENHANCEMENT and SRS 3D STEREO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com