Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT71XXL-T92-B-K Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT71XXL-T92-B-K
Description  THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT71XXL-T92-B-K Datasheet(HTML) 1 Page - Unisonic Technologies

  UT71XXL-T92-B-K Datasheet HTML 1Page - Unisonic Technologies UT71XXL-T92-B-K Datasheet HTML 2Page - Unisonic Technologies UT71XXL-T92-B-K Datasheet HTML 3Page - Unisonic Technologies UT71XXL-T92-B-K Datasheet HTML 4Page - Unisonic Technologies UT71XXL-T92-B-K Datasheet HTML 5Page - Unisonic Technologies UT71XXL-T92-B-K Datasheet HTML 6Page - Unisonic Technologies UT71XXL-T92-B-K Datasheet HTML 7Page - Unisonic Technologies UT71XXL-T92-B-K Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT71XX
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2005 Unisonic Technologies Co., LTD
QW-R502-017,D
THREE-TERMINAL LOW POWER
VOLTAGE REGULATORS
DESCRIPTION
The UTC UT71XX series is a set of three- Terminal low power
voltage regulators implemented in CMOS technology. They are
available with several fixed output voltages ranging from 1.5V~7.0V.
The advantage of CMOS technology is low voltage dropout and low
quiescent current.
Although designed primarily as fixed voltage regulators, these
devices can be used with external components to obtain variable
voltages and currents.
FEATURES
* Accurate Output Voltage Range (±2.4%)
* Low Power Consumption
* Low Voltage Dropout
* Low Temperature Coefficient
* Wide Operating Voltage (24V Max.)
TO-92
1
SOT-89
1
*Pb-free plating product number: UT71XXL
ORDERING INFORMATION
Order Number
Pin Assign.
Normal
Lead free plating
Package
1
2
3
Packing
UT71XX-AB3-C-R
UT71XXL-AB3-C-R
SOT-89
G
I
O
Tape Reel
UT71XX-T92-B-B
UT71XXL-T92-B-B
TO-92
O
G
I
Tape Box
UT71XX-T92-B-K
UT71XXL-T92-B-K
TO-92
O
G
I
Bulk
UT71XX-T92-C-B
UT71XXL-T92-C-B
TO-92
G
I
O
Tape Box
UT71XX-T92-C-K
UT71XXL-T92-C-K
TO-92
G
I
O
Bulk
Note: 1. xx: Output Voltage, refer to Marking Information.
2. Pin assignment: I: VIN O: VOUT G:Ground


Similar Part No. - UT71XXL-T92-B-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT71XXL-T92-B-K UTC-UT71XXL-T92-B-K Datasheet
219Kb / 9P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UT71XXL-T92-B-K ETL-UT71XXL-T92-B-K Datasheet
240Kb / 8P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
More results

Similar Description - UT71XXL-T92-B-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT71XX UTC-UT71XX_16 Datasheet
289Kb / 8P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
UT1018 UTC-UT1018_13 Datasheet
258Kb / 10P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
UT7115 UTC-UT7115 Datasheet
239Kb / 9P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
UT71XX UTC-UT71XX_10 Datasheet
219Kb / 9P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UT71XX ETL-UT71XX Datasheet
240Kb / 8P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
UT10XX ETL-UT10XX Datasheet
252Kb / 10P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
logo
Unisonic Technologies
HT10XX UTC-HT10XX Datasheet
118Kb / 8P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
UT10XX UTC-UT10XX_14 Datasheet
245Kb / 9P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
UT10XX UTC-UT10XX_11 Datasheet
239Kb / 10P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC28L05F MCC-MC28L05F Datasheet
502Kb / 4P
   Three-terminal Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com