Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT90224AG2 Datasheet(PDF) 11 Page - Zarlink Semiconductor Inc

Part # MT90224AG2
Description  4/8/16 Port IMA/TC PHY Device
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT90224AG2 Datasheet(HTML) 11 Page - Zarlink Semiconductor Inc

Back Button MT90224AG2 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT90224AG2 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT90224AG2 Datasheet HTML 9Page - Zarlink Semiconductor Inc MT90224AG2 Datasheet HTML 10Page - Zarlink Semiconductor Inc MT90224AG2 Datasheet HTML 11Page - Zarlink Semiconductor Inc MT90224AG2 Datasheet HTML 12Page - Zarlink Semiconductor Inc MT90224AG2 Datasheet HTML 13Page - Zarlink Semiconductor Inc MT90224AG2 Datasheet HTML 14Page - Zarlink Semiconductor Inc MT90224AG2 Datasheet HTML 15Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
MT90222/3/4
Data Sheet
11
Zarlink Semiconductor Inc.
Pin Diagram - MT90222
The MT90222 uses a 384 pin PBGA with a 1.0 mm ball pitch.
Figure 2 - MT90222 Pinout (Bottom View)
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654
321
A
DSTi[4]
NC
VDD5
NC
NC
RXSYN
Ci[0]
TXRing-
Data[1]
TXRing-
Data[5]
TXRing-
Sync
sr_cs_1 sr_a[1] sr_a[4]
VDD5
sr_a[7]
sr_a
[11]
sr_a
[15]
sr_a
[18]
VDD5
sr_d[6]
NC
TMS
Reset
NC
NC
A
B
NC
VSS
RXSYN
Ci[4]
NC
IC
NC
DSTi[0] TXRing-
Data[0]
TXRing-
Data[4]
TXRing-
Data[7]
sr_cs_0 sr_a[0] sr_a[3] sr_a[5] sr_a[8]
sr_a
[12]
sr_a
[16]
sr_d[0] sr_d[3] sr_d[7]
TDI
TRST
Test4
NC
VSS
NC
B
C
NC
NC
VSS
RXCKi
[4]
NC
IC
RXCKi
[0]
Latch
Clk
TXRing-
Data[2]
TXRing-
Data[6]
VDD5
NC
sr_a[2] sr_a[6]
sr_a
[10]
sr_a
[14]
sr_a
[17]
sr_d
[1]
sr_d[4]
Test3
TDO
VDD5
NC
VSS
URx
Data[0]
URx
Data[2]
C
D
IC
NC
NC
VSS
V3.3
NC
VDD5
Test2 TXRing-
Data[3]
V2.5
TXRing-
Clk
sr_we
V3.3
V2.5
sr_a[9]
sr_a
[13]
V3.3
sr_d[2] sr_d[5]
TCK
V3.3
VSS
VSS
URx
Data[1]
URx
Data[3]
URx
Data[4]
D
E
NC
NC
NC
V3.3
VSS
URx
Data[5]
VDD5
URx
Data[6]
E
F
VDD5
NC
IC
NC
V3.3
URx
Data[7]
URx
Data[8]
URx
Data[9]
F
G
RXCKi
[8]
DSTi[8]
NC
RXSYN
Ci[8]
URxD
ata[10]
URxD
ata[11]
URxD
ata[12]
URxD
ata[13]
G
H
VDD5
NC
NC
NC
URxD
ata[14]
URxD
ata[15]
URx
Par
VDD5
H
J
NC
IC
IC
NC
URx
SOC
URx
Clav
NC
VDD5
J
K
RXSYN
Ci[12]
NC
NC
V3.3
V2.5
URx-
CLK
URx
Enb
URxA
ddr[0]
K
L
NC
RXCKi
[12]
DSTi
[12]
NC
VSS
VSS
VSS
VSS
VSS
VSS
URxA
ddr[2]
URxA
ddr[1]
URxA
ddr[3]
URxA
ddr[4]
L
M
NC
IC
NC
NC
VSS
VSS
VSS
VSS
VSS
VSS
UTx
Data[0]
VDD5
UTx
Data[1]
NC
M
N
NC
VDD5
IC
V2.5
VSS
VSS
VSS
VSS
VSS
VSS
V3.3
UTx
Data[2]
UTx
Data[3]
UTx
Data[4]
N
P
NC
NC
NC
V3.3
VSS
VSS
VSS
VSS
VSS
VSS
V2.5
UTx
Data[6]
VDD5
UTx
Data[5]
P
R
PD
PD
NC
NC
VSS
VSS
VSS
VSS
VSS
VSS
UTx
Data[9]
UTxD
ata[10]
UTxD
ata[8]
UTxD
ata[7]
R
T
PD
PD
PD
NC
VSS
VSS
VSS
VSS
VSS
VSS
UTxD
ata[13]
VDD5
UTxD
ata[12]
UTxD
ata[11]
T
U
PD
DSTo
[12]
TXCKio
[12]
V2.5
V3.3
UTxPar
UTxD
ata[15]
UTxD
ata[14]
U
V
VDD5
TXSyn
cio[12]
NC
PD
UTxClk
UTx
Enb
UTx
Clav
UTx
SOC
V
W
PD
NC
PD
PD
UTx
Addr[2]
UTx
Addr[3]
UTx
Addr[1]
UTx
Addr[0]
W
Y
NC
PD
PD
DSTo
[8]
UTx
Addr[4]
REFCK
[0]
VDD5
NC
Y
AA
TXCKio
[8]
VDD5
TXSyn
cio[8]
V3.3
REFCK
[2]
REFCK
[3]
NC
REFCK
[1]
AA
AB
NC
PD
PD
VSS
V3.3
VDD5
PLL
REF[1]
PLL
REF[0]
AB
AC
NC
PD
NC
VSS
V3.3
PD
NC
VDD5
NC
V3.3
RXRing
Data[7]
RXRing
Data[4]
V2.5
V3.3
up_a
[10]
up_a[7]
V2.5
up_irq
NC
up_d
[10]
V3.3
VSS
VSS
NC
NC
Clk
AC
AD
PD
VDD5
VSS
NC
NC
NC
TXSyn
cio[4]
PD
PD
DSTo
[0]
TXSyn
cio[0]
VDD5 RXRing
Data[1]
up_oe
or up_rd
VDD5
up_a[6] up_a[3] up_a[0]
up_d
[14]
up_d
[11]
up_d[8] up_d[5] up_d[2]
VSS
NC
Test1
AD
AE
NC
VSS
NC
NC
PD
DSTo
[4]
NC
NC
PD
NC
RXRing
Data[6]
RXRing
Data[3]
RXRing
Data[0]
up_cs
up_a
[11]
up_a[8] up_a[4] up_a[1]
up_d
[15]
up_d
[12]
VDD5
up_d[6] up_d[4] up_d[1]
VSS
NC
AE
AF
NC
NC
NC
NC
TXCKio
[4]
PD
PD
PD
TXCKio
[0]
RXRing
Data[5]
RXRing
Data[2]
RXRing
Sync
RXRing
Clk
up_r/w
or
up_wr
up_a[9] up_a[5] up_a[2]
VDD5
up_d
[13]
up_d[9] up_d[7]
NC
up_d[3] up_d[0]
AF
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987654
321


Similar Part No. - MT90224AG2

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT90220 MITEL-MT90220 Datasheet
306Kb / 116P
   Octal IMA/UNI PHY Device
MT90220AL MITEL-MT90220AL Datasheet
306Kb / 116P
   Octal IMA/UNI PHY Device
MT90221 MITEL-MT90221 Datasheet
304Kb / 114P
   Quad IMA/UNI PHY Device
MT90221AL MITEL-MT90221AL Datasheet
304Kb / 114P
   Quad IMA/UNI PHY Device
More results

Similar Description - MT90224AG2

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30226 ZARLINK-ZL30226 Datasheet
801Kb / 141P
   4/8/16 Port IMA/TC PHY Device for xDSL
logo
Mitel Networks Corporat...
MT90220 MITEL-MT90220 Datasheet
306Kb / 116P
   Octal IMA/UNI PHY Device
MT90221 MITEL-MT90221 Datasheet
304Kb / 114P
   Quad IMA/UNI PHY Device
logo
Maxim Integrated Produc...
DS26102 MAXIM-DS26102 Datasheet
607Kb / 64P
   16-Port TDM-to-ATM PHY
REV: 021403
DS26101 MAXIM-DS26101 Datasheet
560Kb / 62P
   8-Port TDM-to-ATM PHY
REV: 032503
logo
List of Unclassifed Man...
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
Intel Corporation
LXT9785 INTEL-LXT9785 Datasheet
2Mb / 226P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
PMC-Sierra, Inc
PM7342 PMC-PM7342 Datasheet
65Kb / 2P
   32 Link Inverse Multiplexer for ATM (IMA) / UNI PHY
logo
Texas Instruments
TSB83AA22C TI1-TSB83AA22C_16 Datasheet
1Mb / 115P
[Old version datasheet]   PHY and OHCI Link Device
TSB83AA22C TI-TSB83AA22C Datasheet
146Kb / 8P
[Old version datasheet]   Phy and OHCI Link Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com