Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJ2951ACS Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # PJ2951ACS
Description  150mA Low Dropout Voltage Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PJ2951ACS Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  PJ2951ACS Datasheet HTML 1Page - List of Unclassifed Manufacturers PJ2951ACS Datasheet HTML 2Page - List of Unclassifed Manufacturers PJ2951ACS Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ2951ACS Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ2951ACS Datasheet HTML 5Page - List of Unclassifed Manufacturers PJ2951ACS Datasheet HTML 6Page - List of Unclassifed Manufacturers PJ2951ACS Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PJ2950/PJ2951
150mA Low Dropout Voltage Regulators
7-7
2002/01.rev.A
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.80
5.00
0.189
0.196
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27BSC
0.05BSC
K
0.10
0.25
0.004
0.009
M
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019


Similar Part No. - PJ2951ACS

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
PJ20168 HAMMOND-PJ20168 Datasheet
160Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PJ20168H HAMMOND-PJ20168H Datasheet
169Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PJ20168HW HAMMOND-PJ20168HW Datasheet
171Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
PJ20168HW HAMMOND-PJ20168HW Datasheet
143Kb / 3P
   Boite de jonction en polyester de type 4X avec regard
PJ20168L HAMMOND-PJ20168L Datasheet
216Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - PJ2951ACS

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM2930 CALOGIC-CLM2930 Datasheet
84Kb / 4P
   150mA Low Dropout Voltage Regulators
logo
Sipex Corporation
SPX2950 SIPEX-SPX2950 Datasheet
258Kb / 12P
   150mA Low Dropout Voltage Regulators
logo
Calogic, LLC
CLM2950 CALOGIC-CLM2950 Datasheet
154Kb / 10P
   150mA Low Dropout Voltage Regulators
logo
ams AG
AS1353 AMSCO-AS1353 Datasheet
80Kb / 2P
   Linear Low-Dropout 150mA Voltage Regulators
AS1353 AMSCO-AS1353_04 Datasheet
726Kb / 14P
   Linear Low-Dropout 150mA Voltage Regulators
logo
Unisonic Technologies
L1913 UTC-L1913_11 Datasheet
218Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Interpoint Corporation ...
G913 INTERPOINT-G913 Datasheet
214Kb / 10P
   150mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
L1913 UTC-L1913 Datasheet
206Kb / 9P
   150mA LOW-DROPOUT LINEAR REGULATORS
logo
Global Mixed-mode Techn...
G909 GMT-G909 Datasheet
36Kb / 2P
   150mA Low-Dropout Linear Regulators
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com