Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS70Y Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS70Y
Description  Filter Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS70Y Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS70Y Datasheet HTML 1Page - Vectron International, Inc TFS70Y Datasheet HTML 2Page - Vectron International, Inc TFS70Y Datasheet HTML 3Page - Vectron International, Inc TFS70Y Datasheet HTML 4Page - Vectron International, Inc TFS70Y Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
tfs70y.doc
Version 3.0
06.06.2003
VI TELEFILTER
Filter Specification
TFS 70 Y
1/5
Tele Filter GmbH
Potsdamer Stra
ße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
1. Measurement condition :
Ambient temperature TA:
23
°C.
Input power level:
0
dBm.
Terminating impedances in fc * ) :
for input:
2,9 kOhm -3,8 pF
for output:
2,9 kOhm -3,8 pF
External coil:
820 nH
2. Characteristics :
Remark:
Reference level for the relative attenuation arel of the TFS70Y is the minimum of the pass band attenuation amin. The minimum of the
pass band attenuation amin is defined as the insertion loss ae. The reference frequency fc is the arithmetic mean value of the upper and lower
frequencies at the 3 dB filter attenuation level relative to the insertion loss ae. The temperature coefficient of frequency Tcf is valid both for the
reference frequency fc and the frequency response of the filter in the operating temperature range. The frequency shift of the filter in the operating
temperature range is not included in the production tolerance scheme.
Data
typ. value
Variation / Limitation
Insertion Loss
ae
3,7
dB
max
6,0
dB
(Reference Level)
Centre frequency
fc
70,002 MHz
70,0 ± 0,015 MHz
(at ambient temperature TA)
Relative Attenuation
arel
fN - 35
kHz ... fN + 35
kHz
0,5 dB
max.
1
dB
fN ± 35
kHz ... fN ± 47
kHz
2
dB
max.
3
dB
fN ± 60
kHz ... fN ± 90
kHz
2,5 dB
min.
1
dB
fN ± 90
kHz ... fN ± 450
kHz
10
dB
min.
3
dB
fN ± 450
kHz ... fN ± 500
kHz
45
dB
min.
35
dB
fN ± 500
kHz ... fN ± 10
MHz
43
dB
min.
40
dB
Temperature Coefficient
Tcf 2nd order **)
- 0,043 ppm/K
-
Turn over temperature
T0
25
°C
-
Operating Temperature Range
-
- 5 °C ... + 70 °C
Storage Temperature Range
-
- 30 °C ... + 90 °C
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as
reference values only. Should there be additional questions, do not hesitate to ask for an application note or contact our design team.
**)
fc(Hz) = Tcf(ppm/K) x (T - To)² x fTo (MHz)
generated:
checked / approved:


Similar Part No. - TFS70Y

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS704A VECTRON-TFS704A Datasheet
108Kb / 5P
   Vectron International Filter specification
TFS706 VECTRON-TFS706 Datasheet
232Kb / 5P
   Filter specification
TFS707 VECTRON-TFS707 Datasheet
213Kb / 5P
   Vectron International
TFS70AA VECTRON-TFS70AA Datasheet
95Kb / 5P
   Filter specification
TFS70AC VECTRON-TFS70AC Datasheet
135Kb / 5P
   Filter Specification
More results

Similar Description - TFS70Y

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com