Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS75 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS75
Description  Filter specification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS75 Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS75 Datasheet HTML 1Page - Vectron International, Inc TFS75 Datasheet HTML 2Page - Vectron International, Inc TFS75 Datasheet HTML 3Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
tfs75v1.doc
Version 3.2
06.01.02
__________________________________________________________________________________
VI TELEFILTER
Filter specification
TFS 75
1/3
__________________________________________________________________________________
____________________________________________________________________________________________________________________________________________________________________________________________________________
VI TELEFILTER
Vectron International, Inc.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail: tft@telefilter.com
E-Mail: vti@vtinh.com
____________________________________________________________________________________________________________________________________________________________________________________________________________
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information
1. Measurement condition
Package, pin connection and 50
Ω matching network
(see page 2.)
Ambient temperature TA:
25 °C
Input power level:
0 dBm (typ.)
Max 10 dBm.
Terminating impedances at fc:
for input:
190
Ω  49 pF.
for output:
2,1
Ω  24 pF.
2. Characteristics
Remark:
Reference level for the relative attenuation arel of the TFS 75 is the minimum of the pass band attenuation amin. The minimum of the pass
band attenuation amin is defined as the insertion loss ae. The reference frequence fc is the arithmetic mean value of the upper and lower
frequencies at the 20 dB filter attenuation level relative to the insertion loss ae.
Data
typ. value
tolerance / limit
___________________________________________________________________________________________________
Insertion loss (Reference level)
ae
24,8
dB
max 26
dB
___________________________________________________________________________________________________
Reference frequency fc at operation temperature TO=70°C (fCOT) *) 75.30
MHz
75.30 ± 0,20
MHz
___________________________________________________________________________________________________
Relative frequency distance of fCAT within one set of 3 filters
1nd filter with fCAT = 65,9 MHz ± 200 kHz *)
9400
kHz
max ± 20
kHz
3rd filter with fCAT = 87,1 MHz ± 200 kHz
11800
kHz
max ± 20
kHz
___________________________________________________________________________________________________
1 dB - band width
6,00
MHz
3 dB - band width
6,06
MHz
10 dB - band width
6,27
MHz
20 dB - band width
6,41
MHz
40 dB - band width
6,55
MHz
45 dB - band width
6,60
MHz
____________________________________________________________________________________________________________________________________________________________________________________________________________
Amplitude ripple (p-p):
fc ... fc ± 2,8 MHz
0,9
dB
max 1,0
dB
____________________________________________________________________________________________________________________________________________________________________________________________________________
Relative attenuation
arel
fc
fc ± 2.8
MHz
-
max 1,0
dB
fc ± 2.8
MHz
fc ± 3.0
MHz
-
max 3
dB
fc ± 3,3
MHz
45
dB
min 40
dB
In the frequency range fc ± 3,3 MHz ... fc ± 20 MHz the limit line is of type SLOPING LINE.
fc ± 20
MHz
60
dB
min 45
dB
In the frequency range fc ± 20 MHz ... fc ± 25 MHz the limit line is of type SLOPING LINE.
fc ± 25
MHz
55
dB
min 50
dB
fc ± 25
MHz
fc ± 50
MHz
75
dB
-
____________________________________________________________________________________________________________________________________________________________________________________________________________
Group delay at operation temperature 25°C
4.96
µs
Group delay at operation temperature 70°C
4.98
µs
max 5,0
µs
____________________________________________________________________________________________________________________________________________________________________________________________________________
Group delay ripple (p-p):
fc ... fc ± 3,0 MHz
± 175
ns
± max 200
ns
____________________________________________________________________________________________________________________________________________________________________________________________________________
Deviation from linear phase (p-p): fc ... fc ± 2,8 (3,0) MHz
6,5° (16°)
____________________________________________________________________________________________________________________________________________________________________________________________________________
Triple transit attenuation compared to main signal
48
dB
____________________________________________________________________________________________________________________________________________________________________________________________________________
Input/Output return loss with matching network (S11/S22):
1,6/1,7
dB
____________________________________________________________________________________________________________________________________________________________________________________________________________
Crosstalk
60
dB
____________________________________________________________________________________________________________________________________________________________________________________________________________
Substrate material
LiNbO3
____________________________________________________________________________________________________________________________________________________________________________________________________________
Temperature coefficient of frequency ( Tcf )
-76,466
ppm/K
-94
ppm/K
____________________________________________________________________________________________________________________________________________________________________________________________________________
Frequency deviation of fc over temperature
∆fc(Hz) = Tcf(ppm/K) x (T - TA) x fCAT (MHz)
____________________________________________________________________________________________________________________________________________________________________________________________________________
Operating temperature range
+ 70 ° ± 1° C
Storage temperature range
- 40 °C ... + 85 °C
___________________________________________________________________________________________________
*) For the 2nd filter fCOT is its reference frequency fC at the operation temperature OT = 70 °C ± 1 °C.
The reference frequency at ambient temperature fCAT for this 2nd filter and the from it resulting relative frequency distance have
to be determined.
Responsible:
Generated:
Weinberg
Checked/Approved:
Dr. Bert Wall


Similar Part No. - TFS75

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS751 VECTRON-TFS751 Datasheet
182Kb / 5P
   Vectron International Filter specification
TFS755A VECTRON-TFS755A Datasheet
190Kb / 5P
   Vectron International Filter specification
TFS755B VECTRON-TFS755B Datasheet
211Kb / 5P
   Vectron International Filter specification
TFS756 VECTRON-TFS756 Datasheet
186Kb / 5P
   VI TELEFILTER Filter specification
logo
Power Integrations, Inc...
TFS757 POWERINT-TFS757 Datasheet
4Mb / 36P
   Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High Voltage MOSFETs
More results

Similar Description - TFS75

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com