Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS75 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS75
Description  Filter specification
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS75 Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS75 Datasheet HTML 1Page - Vectron International, Inc TFS75 Datasheet HTML 2Page - Vectron International, Inc TFS75 Datasheet HTML 3Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
tfs75v1.doc
Version 3.2
06.01.02
__________________________________________________________________________________
VI TELEFILTER
Filter specification
TFS 75
2/3
__________________________________________________________________________________
____________________________________________________________________________________________________________________________________________________________________________________________________________
VI TELEFILTER
Vectron International, Inc.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail: tft@telefilter.com
E-Mail: vti@vtinh.com
____________________________________________________________________________________________________________________________________________________________________________________________________________
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information
3. Package
Pin 4
Input
Pin 6
Input RF Return
Pin 17
Output
Pin 15
Output RF Return
Pin 12,14,26,28
Pakage Ground
4. 50
Ω matching network:
C1 =
8 pF.
C2 = 18 pF.
L1 = 150 nH.
C3= 27 pF.
25,4 mm
38,10 mm
TFS 75
tft
L1
top view
5.0±0.5
5.0 Max
4
6
12 14
20,32
33,02
22,86
3,81
5,08
28 26
17 15
C3
28 26
17 15
4
6
12 14
C2
C1
L1


Similar Part No. - TFS75

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS751 VECTRON-TFS751 Datasheet
182Kb / 5P
   Vectron International Filter specification
TFS755A VECTRON-TFS755A Datasheet
190Kb / 5P
   Vectron International Filter specification
TFS755B VECTRON-TFS755B Datasheet
211Kb / 5P
   Vectron International Filter specification
TFS756 VECTRON-TFS756 Datasheet
186Kb / 5P
   VI TELEFILTER Filter specification
logo
Power Integrations, Inc...
TFS757 POWERINT-TFS757 Datasheet
4Mb / 36P
   Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High Voltage MOSFETs
More results

Similar Description - TFS75

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com