Selected language     English  â–¼


TDA4916GG Datasheet(PDF) 5 Page - Infineon Technologies AG

Part No. TDA4916GG
Description  PWM-FF IC, SMPS IC with MOSFET Driver Output
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 
 5 page
background image
TDA 4916 GG
Version 2.0
5
1 May 1996
Pin Definitions and Functions
Pin No.
Symbol
Function
1
0V GND
GND
2
V
S
Supply voltage
3
0V QSIP
Ground QSIP
4
Q SIP
SIPMOS driver
5
V
S QSIP
Supply voltage driver
6
SF
Series feed
7
– I K5/– I K6
Current sensor negative input
8
+ I K5
Current sensor K5
9
+ I K6
Current turn-OFF K6
10
Q K6
Output K6
11
PO
Pulse omission
12
C
SS
Soft start
13
I SYN
Input synchronization
14
Q SYN
Output synchronization
15
R
T
Frequency generator
16
C
T
Frequency generator
17
C
R
Ramp generator
18
I K4
Input undervoltage
19
I K3
Input overvoltage
20
I K1
Input K1
21
Q OP
Output operational amplifier
22
– I OP
Input operational amplifier
23
+ I OP
Input operational amplifier
24
V
REF
Reference voltage




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADP3120Dual Bootstrapped 12 V MOSFET Driver with Output Disable 1 2 3 4 5 MoreAnalog Devices
NCP3418Dual Bootstrapped 12 V MOSFET Driver with Output Disable 1 2 3 4 5 MoreON Semiconductor
TDA4916GGSMPS-IC with MOSFET Driver Output 1 2 3 4 5 MoreSiemens Semiconductor Group
ADP3413Dual Bootstrapped MOSFET Driver with Output Disable 1 2 3 4 5 MoreAnalog Devices
ADP3418Dual Bootstrapped 12 V MOSFET Driver with Output Disable 1 2 3 4 5 MoreAnalog Devices
ADP3419Dual Bootstrapped High Voltage MOSFET Driver with Output Disable 1 2 3 4 5 MoreAnalog Devices
TDA4918GSMPS - IC with SIPMOS Driver Output 1 2 3 4 5 MoreSiemens Semiconductor Group
SN74AUC1G07SINGLE BUFFER /DRIVER WITH OPEN - DRAIN OUTPUT 1 2 3 4 5 MoreTexas Instruments
UPD16662240 OUTPUT LCD COLUMN SEGMENT DRIVER WITH BUILT-IN RAM 1 2 3 4 5 MoreNEC
NB100LVEP2242.5V/3.3V 1:24 Differential ECL/PECL Clock Driver with Clock Select and Output Enable 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl