Selected language     English  ā–¼


TDA4916GG Datasheet(PDF) 8 Page - Infineon Technologies AG

Part No. TDA4916GG
Description  PWM-FF IC, SMPS IC with MOSFET Driver Output
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 8 page
background image
TDA 4916 GG
Version 2.0
8
1 May 1996
Comparator K1 (duty factor setting for voltage mode control)
The two plus inputs of the comparator are so connected that the lower plus level is
always compared with the minus input level. As soon as the voltage of the rising edge of
the sawtooth (minus input) exceeds the lower of the two plus input levels, the output is
inhibited via the turn-OFF Flip-Flop, that is to say the High time of the output can be
continuously varied. Since the frequency remains constant, this corresponds to a duty
factor change.
Comparator K2
The comparator has a switching threshold at 1.5 V. Its output sets the fault Flip-Flop
when the voltage on capacitor
C
a lies below 1.5 V. However, the fault Flip-Flop accepts
the setting pulse only if no reset pulse (fault) is applied. This prevents resetting of the
output as long as a fault signal is present.
Comparators K3 (overvoltage), K4 (undervoltage),
V
S Undervoltage, VREF
Overcurrent
These are fault detectors which cause the output to be inhibited immediately by the fault
Flip-Flop when faults occur. When faults are no longer present, the duty factor is
reestablished via the soft start
C
SS. In the event of undervoltage, a current is injected at
the input of K4 with the aid of which an adjustable hysteresis or latching is made
possible. The value of the hysteresis is determined by the internal resistance of the
external drive source and the current injected internally at the input of K4. In the event
of undervoltage at K4, the injected current flows into the device.
Comparator K5 (duty factor setting for current mode control)
K5 is used to sense the source current at the switching transistor. The plus input of the
comparator is fed out. Enabling of output Q SIP after cessation of the fault is effected
with an H signal at the turn-OFF Flip-Flop output.
Comparator K6 (overcurrent turn-OFF)
The turn-OFF Flip-Flop is reset when overcurrent is detected by K6. In combination with
the pulse-omission facility, individual pulses can then be omitted. This then results in a
limited rise in the output current with a rising overload at the output.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADP3120Dual Bootstrapped 12 V MOSFET Driver with Output Disable 1 2 3 4 5 MoreAnalog Devices
NCP3418Dual Bootstrapped 12 V MOSFET Driver with Output Disable 1 2 3 4 5 MoreON Semiconductor
TDA4916GGSMPS-IC with MOSFET Driver Output 1 2 3 4 5 MoreSiemens Semiconductor Group
ADP3413Dual Bootstrapped MOSFET Driver with Output Disable 1 2 3 4 5 MoreAnalog Devices
ADP3418Dual Bootstrapped 12 V MOSFET Driver with Output Disable 1 2 3 4 5 MoreAnalog Devices
ADP3419Dual Bootstrapped High Voltage MOSFET Driver with Output Disable 1 2 3 4 5 MoreAnalog Devices
TDA4918GSMPS - IC with SIPMOS Driver Output 1 2 3 4 5 MoreSiemens Semiconductor Group
SN74AUC1G07SINGLE BUFFER /DRIVER WITH OPEN - DRAIN OUTPUT 1 2 3 4 5 MoreTexas Instruments
UPD16662240 OUTPUT LCD COLUMN SEGMENT DRIVER WITH BUILT-IN RAM 1 2 3 4 5 MoreNEC
NB100LVEP2242.5V/3.3V 1:24 Differential ECL/PECL Clock Driver with Clock Select and Output Enable 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl