Selected language     English  ā–¼


TDA4916GG Datasheet(PDF) 10 Page - Infineon Technologies AG

Part No. TDA4916GG
Description  PWM-FF IC, SMPS IC with MOSFET Driver Output
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 10 page
background image
TDA 4916 GG
Version 2.0
10
1 May 1996
Reference Voltage
V
REF
The reference voltage source makes available a source with a high-stability temperature
characteristic which can be used for external connection to the operational amplifier, the
fault comparators, the frequency generator, or to other external units. The voltage
source is short-circuit-proof to ground.
Synchronization I SYN, Q SYN
The device has an input and an output for synchronization. In the case of a synchronized
device (slave), its output Q SIP is in phase opposition to the output Q SIP of the
synchronizing device (master). In the case of an unconnected input I SYN, or with
connection to
V
REF, or also when a series capacitor (without switching transitions) is
connected, the device receives its clock from the internal frequency generator in
accordance with the circuit connected to it. As soon as switching transitions appear at
I SYN, switchover to external synchronization and vice versa takes place after a delay.
After a switchover process, a few clock cycles must elapse in addition to the delay before
the frequency and phase achieve their steady states.
Series Feed SF
The Series Feed circuit section is used to turn-OFF the external series-feed transistor
when energy recovery commences. As a result there is minimum power loss in the
supply to the device. With the series-feed transistor turned-OFF, its drive current flows
via VS to
V
S.
SIPMOS Driver Output Q SIP
The output is High active. The time during which the output is active can be continuously
varied.
The duration of the rising edge of the frequency generator signal is the minimum time
during which the output can be Low.
The duration of the falling edge of the frequency generator signal is the maximum time
during which the output can be High.
The output driver is designed as a push-pull stage. The output current is limited internally
to the specified values.
Output Q SIP is connected via diodes to the supply
V
S QSIP and 0V QSIP.
A protection circuit SS lies between Q SIP and GND to clamp the output to ground at low
impedance in the event of undervoltage at
V
S.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADP3120Dual Bootstrapped 12 V MOSFET Driver with Output Disable 1 2 3 4 5 MoreAnalog Devices
NCP3418Dual Bootstrapped 12 V MOSFET Driver with Output Disable 1 2 3 4 5 MoreON Semiconductor
TDA4916GGSMPS-IC with MOSFET Driver Output 1 2 3 4 5 MoreSiemens Semiconductor Group
ADP3413Dual Bootstrapped MOSFET Driver with Output Disable 1 2 3 4 5 MoreAnalog Devices
ADP3418Dual Bootstrapped 12 V MOSFET Driver with Output Disable 1 2 3 4 5 MoreAnalog Devices
ADP3419Dual Bootstrapped High Voltage MOSFET Driver with Output Disable 1 2 3 4 5 MoreAnalog Devices
TDA4918GSMPS - IC with SIPMOS Driver Output 1 2 3 4 5 MoreSiemens Semiconductor Group
SN74AUC1G07SINGLE BUFFER /DRIVER WITH OPEN - DRAIN OUTPUT 1 2 3 4 5 MoreTexas Instruments
UPD16662240 OUTPUT LCD COLUMN SEGMENT DRIVER WITH BUILT-IN RAM 1 2 3 4 5 MoreNEC
NB100LVEP2242.5V/3.3V 1:24 Differential ECL/PECL Clock Driver with Clock Select and Output Enable 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl