Selected language     English  ā–¼


TDA4916GG Datasheet(PDF) 11 Page - Infineon Technologies AG

Part No. TDA4916GG
Description  PWM-FF IC, SMPS IC with MOSFET Driver Output
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

 11 page
background image
TDA 4916 GG
Version 2.0
11
1 May 1996
When the supply to the switch-mode power supply is switched on, the capacitive
displacement current from the gate of the SIPMOS transistor is conducted to the
smoothing capacitor at
V
S QSIP by the diode connected to VS QSIP. The voltage at
V
S QSIP may reach about 2.3 V in the process without the SIPMOS transistor being
turned-ON.
The diode connected to ground clamps negative voltages at Q SIP to minus 0.7 V.
Capacitive currents which occur with voltage dips at the drain terminal of the SIPMOS
transistor can then flow away unimpeded.
The output is active Low with supply voltages at
V
S and VS QSIP from about 4 V on. The
function of the diode connected to
V
S QSIP and the resistor are then taken over by the
pull-down source.
The two ground terminals 0V SQIP and 0V GND can lie at different levels. This permits
connections to be made to the SIPMOS transistor in such a way that the drive currents
for the gate do not flow to the source via the current-sensing resistor. The maximum
permissible level differences between 0V GND and 0V SQIP are given under Functional
Range. If greater level differences are anticipated, it is better to join the two terminals.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADP3120Dual Bootstrapped 12 V MOSFET Driver with Output Disable 1 2 3 4 5 MoreAnalog Devices
NCP3418Dual Bootstrapped 12 V MOSFET Driver with Output Disable 1 2 3 4 5 MoreON Semiconductor
TDA4916GGSMPS-IC with MOSFET Driver Output 1 2 3 4 5 MoreSiemens Semiconductor Group
ADP3413Dual Bootstrapped MOSFET Driver with Output Disable 1 2 3 4 5 MoreAnalog Devices
ADP3418Dual Bootstrapped 12 V MOSFET Driver with Output Disable 1 2 3 4 5 MoreAnalog Devices
ADP3419Dual Bootstrapped High Voltage MOSFET Driver with Output Disable 1 2 3 4 5 MoreAnalog Devices
TDA4918GSMPS - IC with SIPMOS Driver Output 1 2 3 4 5 MoreSiemens Semiconductor Group
SN74AUC1G07SINGLE BUFFER /DRIVER WITH OPEN - DRAIN OUTPUT 1 2 3 4 5 MoreTexas Instruments
UPD16662240 OUTPUT LCD COLUMN SEGMENT DRIVER WITH BUILT-IN RAM 1 2 3 4 5 MoreNEC
NB100LVEP2242.5V/3.3V 1:24 Differential ECL/PECL Clock Driver with Clock Select and Output Enable 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl