Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25VF040-20-4C-S2AE Datasheet(PDF) 8 Page - Silicon Storage Technology, Inc

Part # SST25VF040-20-4C-S2AE
Description  2 Mbit / 4 Mbit SPI Serial Flash
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF040-20-4C-S2AE Datasheet(HTML) 8 Page - Silicon Storage Technology, Inc

Back Button SST25VF040-20-4C-S2AE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25VF040-20-4C-S2AE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25VF040-20-4C-S2AE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF040-20-4C-S2AE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF040-20-4C-S2AE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF040-20-4C-S2AE Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25VF040-20-4C-S2AE Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25VF040-20-4C-S2AE Datasheet HTML 11Page - Silicon Storage Technology, Inc SST25VF040-20-4C-S2AE Datasheet HTML 12Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
Data Sheet
2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 / SST25VF040
©2004 Silicon Storage Technology, Inc.
S71231-04-000
6/04
Instructions
Instructions are used to Read, Write (Erase and Program),
and configure the SST25VF020/040. The instruction bus
cycles are 8 bits each for commands (Op Code), data, and
addresses. Prior to executing any Byte-Program, Auto
Address Increment (AAI) programming, Sector-Erase,
Block-Erase, or Chip-Erase instructions, the Write-Enable
(WREN) instruction must be executed first. The complete
list of the instructions is provided in Table 6. All instructions
are synchronized off a high to low transition of CE#. Inputs
will be accepted on the rising edge of SCK starting with the
most significant bit. CE# must be driven low before an
instruction is entered and must be driven high after the last
bit of the instruction has been shifted in (except for Read,
Read-ID and Read-Status-Register instructions). Any low
to high transition on CE#, before receiving the last bit of an
instruction bus cycle, will terminate the instruction in
progress and return the device to the standby mode.
Instruction commands (Op Code), addresses, and data are
all input from the most significant bit (MSB) first.
TABLE
6: DEVICE OPERATION INSTRUCTIONS1
1. AMS = Most Significant Address
AMS = A17 for SST25VF020 and A18 for SST25VF040
Address bits above the most significant bit of each density can be VIL or VIH
Bus Cycle2
2. One bus cycle is eight clock periods.
12
3
4
5
Cycle Type/Operation3,4
3. Operation: SIN = Serial In, SOUT = Serial Out
4. X = Dummy Input Cycles (VIL or VIH); - = Non-Applicable Cycles (Cycles are not necessary)
SIN
SOUT
SIN
SOUT
SIN
SOUT
SIN
SOUT
SIN
SOUT
Read
03H
Hi-Z
A23-A16
Hi-Z
A15-A8
Hi-Z
A7-A0
Hi-Z
X
DOUT
Sector-Erase5,6
5. Sector addresses: use AMS-A12, remaining addresses can be VIL or VIH
6. Prior to any Byte-Program, AAI-Program, Sector-Erase, Block-Erase, or Chip-Erase operation, the Write-Enable (WREN) instruction
must be executed.
20H
Hi-Z
A23-A16
Hi-Z
A15-A8
Hi-Z
A7-A0
Hi-Z
-
-
Block-Erase5,7
7. Block addresses for: use AMS-A15, remaining addresses can be VIL or VIH
52H
Hi-Z
A23-A16
Hi-Z
A15-A8
Hi-Z
A7-A0
Hi-Z
-
-
Chip-Erase6
60H
Hi-Z
-
-
-
-
-
-
-
-
Byte-Program6
02H
Hi-Z
A23-A16
Hi-Z
A15-A8
Hi-Z
A7-A0
Hi-Z
DIN
Hi-Z
Auto Address Increment (AAI) Program6,8
8. To continue programming to the next sequential address location, enter the 8-bit command, AFH,
followed by the data to be programmed.
AFH
Hi-Z
A23-A16
Hi-Z
A15-A8
Hi-Z
A7-A0
Hi-Z
DIN
Hi-Z
Read-Status-Register (RDSR)
05H
Hi-Z
X
DOUT
-Note9
9. The Read-Status-Register is continuous with ongoing clock cycles until terminated by a low to high transition on CE#.
-Note9
-Note9
Enable-Write-Status-Register (EWSR)10
10. The Enable-Write-Status-Register (EWSR) instruction and the Write-Status-Register (WRSR) instruction must work in conjunction of
each other. The WRSR instruction must be executed immediately (very next bus cycle) after the EWSR instruction to make both
instructions effective.
50H
Hi-Z
-
-
-
-
-
-
-
-
Write-Status-Register (WRSR)10
01H
Hi-Z
Data
Hi-Z
-
-
-.
-
-
-
Write-Enable (WREN)
06H
Hi-Z
-
-
-
-
-
-
-
-
Write-Disable (WRDI)
04H
Hi-Z
-
-
-
-
-
-
-
-
Read-ID
90H or
ABH
Hi-Z
00H
Hi-Z
00H
Hi-Z
ID Addr11
11. Manufacturer’s ID is read with A0=0, and Device ID is read with A0=1. All other address bits are 00H. The Manufacturer’s and Device
ID output stream is continuous until terminated by a low to high transition on CE#
Hi-Z
X
DOUT12
12. Device ID = 43H for SST25VF020 and 44H for SST25VF040
T6.0 1231


Similar Part No. - SST25VF040-20-4C-S2AE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF040-20-4C-S2AE SST-SST25VF040-20-4C-S2AE Datasheet
379Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF040-20-4C-S2AE SST-SST25VF040-20-4C-S2AE Datasheet
472Kb / 23P
   4 Mbit SPI Serial Flash
More results

Similar Description - SST25VF040-20-4C-S2AE

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A Datasheet
300Kb / 26P
   2 Mbit / 4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
logo
Silicon Storage Technol...
SST25VF020B SST-SST25VF020B Datasheet
887Kb / 33P
   2 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_11 Datasheet
3Mb / 35P
   2 Mbit SPI Serial Flash
2011 Silicon
logo
Silicon Storage Technol...
SST25LF020A SST-SST25LF020A_10 Datasheet
620Kb / 25P
   2 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B Datasheet
1Mb / 33P
   2-Mbit SPI Serial Flash
Revision D / March 2020
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
   4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B Datasheet
350Kb / 28P
   4 Mbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com