Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2510-EPU-SG Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TGA2510-EPU-SG
Description  Ku Band 2 Watt Packaged Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2510-EPU-SG Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TGA2510-EPU-SG Datasheet HTML 1Page - TriQuint Semiconductor TGA2510-EPU-SG Datasheet HTML 2Page - TriQuint Semiconductor TGA2510-EPU-SG Datasheet HTML 3Page - TriQuint Semiconductor TGA2510-EPU-SG Datasheet HTML 4Page - TriQuint Semiconductor TGA2510-EPU-SG Datasheet HTML 5Page - TriQuint Semiconductor TGA2510-EPU-SG Datasheet HTML 6Page - TriQuint Semiconductor TGA2510-EPU-SG Datasheet HTML 7Page - TriQuint Semiconductor TGA2510-EPU-SG Datasheet HTML 8Page - TriQuint Semiconductor TGA2510-EPU-SG Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Advance Product Information
October 30, 2003
Note: Devices designated as EPU are typically early in their characterization process prior to finalizing all electrical and process
specifications. Specifications are subject to change without notice.
TriQuint Semiconductor Texas Phone: (972)994-8465 Fax: (972)994 8504 Email: info-mmw@tqs.com Web: www.triquint.com
5
TGA2510-EPU-SG
Typical Fixtured Performance
Id=650mA
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
10
11
12
13
14
15
16
17
18
19
20
Frequency (GHz)
Vd=5V
Vd=7.5V
-70
-60
-50
-40
-30
-20
-10
0
10
11
12
13
14
15
16
17
18
19
20
Frequency (GHz)
Vd=5V
Vd=7.5V


Similar Part No. - TGA2510-EPU-SG

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2510-EPU TRIQUINT-TGA2510-EPU Datasheet
264Kb / 11P
   Ku Band, 2 Watt Power Amplifier
More results

Similar Description - TGA2510-EPU-SG

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2904-FL TRIQUINT-TGA2904-FL Datasheet
154Kb / 7P
   Ku Band 2 Watt Packaged Amplifier
TGA2904-FL TRIQUINT-TGA2904-FL_15 Datasheet
422Kb / 8P
   Ku Band 2 Watt Packaged Amplifier
TGA2508-SM TRIQUINT-TGA2508-SM_15 Datasheet
386Kb / 9P
   Ku-Band VSAT Packaged Amplifier
TGA8658-SG TRIQUINT-TGA8658-SG_15 Datasheet
215Kb / 9P
   Ku Band 2W Packaged Amplifier
TGA2508-EPU-SM TRIQUINT-TGA2508-EPU-SM Datasheet
142Kb / 10P
   Ku-Band VSAT Packaged Amplifier
TGA2510-EPU TRIQUINT-TGA2510-EPU Datasheet
264Kb / 11P
   Ku Band, 2 Watt Power Amplifier
TGA2510 TRIQUINT-TGA2510_15 Datasheet
557Kb / 11P
   Ku Band, 2 Watt Power Amplifier
TGA2510-TS TRIQUINT-TGA2510-TS_15 Datasheet
504Kb / 12P
   Ku Band, 2 Watt Power Amplifier
TGA8658-EPU-SG TRIQUINT-TGA8658-EPU-SG Datasheet
106Kb / 8P
   Ku Band 2W Packaged Amplifier
TGA2706-SM TRIQUINT-TGA2706-SM Datasheet
613Kb / 16P
   2 Watt C-Band Packaged Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com