Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-500-KFF-HNN622.0800 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # VS-500-KFF-HNN622.0800
Description  Voltage Controlled SAW Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VS-500-KFF-HNN622.0800 Datasheet(HTML) 2 Page - Vectron International, Inc

  VS-500-KFF-HNN622.0800 Datasheet HTML 1Page - Vectron International, Inc VS-500-KFF-HNN622.0800 Datasheet HTML 2Page - Vectron International, Inc VS-500-KFF-HNN622.0800 Datasheet HTML 3Page - Vectron International, Inc VS-500-KFF-HNN622.0800 Datasheet HTML 4Page - Vectron International, Inc VS-500-KFF-HNN622.0800 Datasheet HTML 5Page - Vectron International, Inc VS-500-KFF-HNN622.0800 Datasheet HTML 6Page - Vectron International, Inc VS-500-KFF-HNN622.0800 Datasheet HTML 7Page - Vectron International, Inc VS-500-KFF-HNN622.0800 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VS-500 Voltage Controlled SAW Oscillator
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Page 2 of 8
Rev: 14Nov03
Electrical Performance
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
Frequency
Nominal Frequency
Absolute Pull Range
Linearity
Gain Transfer @ 155.52 MHz (See Pg 5/6)
Gain Transfer @ 622.08 MHz (See Pg 5/6)
Temperature Stability @ 155.52 MHz
Temperature Stability @ 622.08 MHz
fN
APR
Lin
KV
KV
fSTAB
fSTAB
±50
150 - 850
±5
+691/+435
+434/+281
±100
±150
MHz
ppm
%
ppm/V
ppm/V
ppm
ppm
1,2,3
1,2,3,9/10
2,4,9/10
2,9/10
2,9/10
1,6
1,6
Supply
Voltage
Current (No Load)
VCC
ICC
2.97/4.5
3.3/5.0
55
3.63/5.5
80
V
mA
2,3
3
Outputs
Mid Level
Swing
Current
Rise & Fall Time
Symmetry
Spurious Suppression
Jitter @ 155.52 MHz (See Pg 5/6)
Jitter @ 622.08 MHz (See Pg 5/6)
IOUT
tR, tF
SYM
φJ
φJ
VCC-1.5
45
50
VCC-1.3
850
250
50
60
0.440
0.230
VCC-1.1
20
400
55
V
mV-pp
mA
ps
%
dBc
ps-rms
ps-rms
2,3
2,3
6
5,6
2,3
6
6,7
6,8
Control Voltage
Input Impedance (LV-PECL or PECL)
Input Impedance (ECL)
Modulation Bandwidth
Zc
Zc
BW
100
10
500
k
k
kHz
6
6
6
Operating Temperature
TOP
-40
85
°C
1,3
Package Size
9.0 x 14.0 x 4.5
mm
1. See Standard Frequencies and Ordering Information (Pg 8).
2. Parameters are tested with production test circuit below (Fig 2).
3. Parameters are tested at ambient temperature with test limits guardbanded for specified operating temperature.
4. Measured as the maximum deviation from the best straight-line fit, per MIL-0-55310.
5. Measured from 20% to 80% of a full output swing (Fig 1).
6. Not tested in production, guaranteed by design, verified at qualification.
7. Integrated across 12 kHz to 20 MHz, per GR-253-CORE Issue3.
8. Integrated across 50 kHz to 80 MHz, per GR-253-CORE Issue3.
9. Tested with Vc = 0.3V to 3.0V.
10. Tested with Vc = 0.5V to 4.5V.
Figure 1. 10K LV-PECL Waveform
Figure 2. 3.3V Test Circuit
Vcc - 1.6V
Vcc - 1.3V
Vcc - 1.0V
80%
20%
tR
tF
tA
tB
SYM = 100 x tA/ tB
2
5
50
50
Test Circuit Notes:
1) To Permit 50
Ω Measurement of Outputs, all DC Inputs are Biased Down 1.3V.
2) All Voltage Sources Contain Bypass Capacitors to Minimize Supply Noise.
3) 50
Ω Terminations are Within Test Equipment.
(-1.3V to +2V)
(-1.3V, Open)
(-1.3V)
(+2V)
COutput
Output
Disable, Enable
1
6
3
4


Similar Part No. - VS-500-KFF-HNN622.0800

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-500-KFF-HNN VECTRON-VS-500-KFF-HNN Datasheet
362Kb / 8P
   Voltage Controlled SAW Oscillator
More results

Similar Description - VS-500-KFF-HNN622.0800

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
M675 IDT-M675 Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M630 ICST-M630 Datasheet
87Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M624 ICST-M624 Datasheet
52Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS700 VECTRON-VS700_09 Datasheet
840Kb / 7P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
VCSO-OC12-1 SYNERGY-VCSO-OC12-1 Datasheet
419Kb / 3P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS-502 VECTRON-VS-502 Datasheet
202Kb / 8P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501_12 Datasheet
408Kb / 6P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501 Datasheet
205Kb / 5P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
MSO1000-3 SYNERGY-MSO1000-3 Datasheet
326Kb / 4P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M660-01 ICST-M660-01 Datasheet
552Kb / 3P
   Voltage Controlled SAW Oscillator
logo
API Technologies Corp
TOM9339 APITECH-TOM9339 Datasheet
58Kb / 1P
   Voltage Controlled SAW Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com