Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-500-KEF-HNN625.0000 Datasheet(PDF) 6 Page - Vectron International, Inc

Part # VS-500-KEF-HNN625.0000
Description  Voltage Controlled SAW Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VS-500-KEF-HNN625.0000 Datasheet(HTML) 6 Page - Vectron International, Inc

  VS-500-KEF-HNN625.0000 Datasheet HTML 1Page - Vectron International, Inc VS-500-KEF-HNN625.0000 Datasheet HTML 2Page - Vectron International, Inc VS-500-KEF-HNN625.0000 Datasheet HTML 3Page - Vectron International, Inc VS-500-KEF-HNN625.0000 Datasheet HTML 4Page - Vectron International, Inc VS-500-KEF-HNN625.0000 Datasheet HTML 5Page - Vectron International, Inc VS-500-KEF-HNN625.0000 Datasheet HTML 6Page - Vectron International, Inc VS-500-KEF-HNN625.0000 Datasheet HTML 7Page - Vectron International, Inc VS-500-KEF-HNN625.0000 Datasheet HTML 8Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
VS-500 Voltage Controlled SAW Oscillator
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Page 6 of 8
Rev: 14Nov03
y = 435.42x - 979.81
y = 281.23x - 597.87
-900
-800
-700
-600
-500
-400
-300
-200
-100
0
100
200
300
400
500
600
700
800
900
1000
1100
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Control Voltage (V)
155_5V Vc Pull
622_5V Vc Pull
Linear (155_5V Vc Pull)
Linear (622_5V Vc Pull)
Typical Characteristics (5.0V Operation)
Vc Pull Characteristics (22.5
oC)
Typical Gain Transfer @ 155.52 = +435 ppm/V
Typical Gain Transfer @ 622.08 = +281 ppm/V
Calculated Jitter @ 155.52 MHz (22.5
oC)
SONET OC-48 (12kHz-20MHz) = 0.418 ps-rms; 2.93 ps-pp
SONET OC-192 (50kHz-80MHz) = 0.656 ps-rms; 4.59 ps-pp
Calculated Jitter @ 622.08 MHz (22.5
oC)
SONET OC-48 (12kHz-20MHz) = 0.215 ps-rms; 1.51 ps-pp
SONET OC-192 (50kHz-80MHz) = 0.226 ps-rms; 1.58 ps-pp


Similar Part No. - VS-500-KEF-HNN625.0000

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VS-500-KEF-HNN VECTRON-VS-500-KEF-HNN Datasheet
362Kb / 8P
   Voltage Controlled SAW Oscillator
More results

Similar Description - VS-500-KEF-HNN625.0000

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
M675 IDT-M675 Datasheet
111Kb / 6P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M630 ICST-M630 Datasheet
87Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
M624 ICST-M624 Datasheet
52Kb / 1P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS700 VECTRON-VS700_09 Datasheet
840Kb / 7P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
VCSO-OC12-1 SYNERGY-VCSO-OC12-1 Datasheet
419Kb / 3P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Vectron International, ...
VS-502 VECTRON-VS-502 Datasheet
202Kb / 8P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501_12 Datasheet
408Kb / 6P
   Voltage Controlled SAW Oscillator
VS-501 VECTRON-VS-501 Datasheet
205Kb / 5P
   Voltage Controlled SAW Oscillator
logo
SYNERGY MICROWAVE CORPO...
MSO1000-3 SYNERGY-MSO1000-3 Datasheet
326Kb / 4P
   VOLTAGE CONTROLLED SAW OSCILLATOR
logo
Integrated Circuit Syst...
M660-01 ICST-M660-01 Datasheet
552Kb / 3P
   Voltage Controlled SAW Oscillator
logo
API Technologies Corp
TOM9339 APITECH-TOM9339 Datasheet
58Kb / 1P
   Voltage Controlled SAW Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com