Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS111B Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS111B
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS111B Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS111B Datasheet HTML 1Page - Vectron International, Inc TFS111B Datasheet HTML 2Page - Vectron International, Inc TFS111B Datasheet HTML 3Page - Vectron International, Inc TFS111B Datasheet HTML 4Page - Vectron International, Inc TFS111B Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
file: tfs111b.doc
version 2.0
26.02.2002
VI TELEFILTER
Filter specification
TFS 111B
1/5
VI TELEFILTER
Vectron International, Inc.
Potsdamer Straße 18
267 Lowell Road
D 14 513 TELTOW / Germany
Hudson, NH 03051 / USA
Measurement condition
Ambient temperature:
23°C
Input power level:
0dBm
Terminating impedances *)
for input:
3,2 k
Ω ||- 5,6pF
for output:
3,1 k
Ω || -6.2pF
Characteristics
Remark:
The reference level for the relative attenuation arel of TFS 111B is the minimum of the pass band attenuation amin. This value is defined as the
insertion loss ae. The centre frequency fc is the arithmetic mean value of the upper and lower frequencies at the 20,0 dB filter attenuation level
relative to the insertion loss ae.
D a t a
typ. value
tolerance / limit
Insertion loss
ae = amin
7
dB
11
dB
(reference level)
Centre frequency
fc (30 dB-BW)
111
MHz
± 60
kHz
Relative attenuation
arel
fc -
500
kHz ... fc + 500
kHz
1
dB
max.
2
dB
fc ±
1
MHz ... fc ±
2
MHz
22
dB
min.
20
dB
fc ±
2
MHz ... fc ±
3
MHz
33
dB
min.
30
dB
fc ±
3
MHz ... fc ± 10
MHz
45
dB
min.
40
dB
**)
Group delay
GD
Ripple fc ± 500 kHz
300
ns
max 500
ns
Temperature coefficient
TC 2nd order **
)
- 0,032 ppm/K²
-
Frequency inversion temperature To
25
°C
Operating temperature range
- 10 °C ... + 60 °C
Storage temperature range
- 40 °C ... + 85 °C
Input power level
-
max. + 10
dBm
*) The terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understood as
reference values only. Should there be additional questions, do not hesitate to ask for an application note or contact our design team.
**) -
∆f (Hz) = TC (ppm/K²) x (T - To)² x FTo (MHz)
Generated:
Checked / approved:
Tel: (+49) 3328 4784-52 / Fax: (+49) 3328 4784-30
Tel: (603) 598-0070 Fax: (603) 598-0075
E-Mail:
tft@telefilter.com
E-Mail:
vti@vtinh.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is
assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.


Similar Part No. - TFS111B

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS111 VECTRON-TFS111 Datasheet
67Kb / 4P
   Filter Specification
More results

Similar Description - TFS111B

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com