Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS117 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS117
Description  Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS117 Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS117 Datasheet HTML 1Page - Vectron International, Inc TFS117 Datasheet HTML 2Page - Vectron International, Inc TFS117 Datasheet HTML 3Page - Vectron International, Inc TFS117 Datasheet HTML 4Page - Vectron International, Inc TFS117 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs117.doc
Version 2.0
21.03.2003
VI TELEFILTER
Filter specification
TFS 117
2/5
TELEFILTER GmbH
Potsdamer Stra
ße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No
liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s)
Construction and pin connection
(All dimensions in mm)
TFS 117
R12
1
2
3
4
6
5
7
8
9
10
1
Output
2
Ground
3
Ground
4
Ground
5
Ground
6
Input
7
Ground
8
Ground
9
Ground
10
Ground
date code
date code
year + month
N
2001
P
2002
R
2003
...
50
matching network:
L2
Output
50 Ohm
C2
Input
50 Ohm
C1
L1
SAW
2,3,4,5,7
1
6
8,9,10
or information.


Similar Part No. - TFS117

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS1176 VECTRON-TFS1176 Datasheet
236Kb / 5P
   Filter specification
TFS1176A VECTRON-TFS1176A Datasheet
170Kb / 5P
   VI TELEFILTER Filter specification
TFS117A VECTRON-TFS117A Datasheet
51Kb / 5P
   Filter Specification
More results

Similar Description - TFS117

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS35F VECTRON-TFS35F_08 Datasheet
251Kb / 5P
   Filter specification
TFS44M VECTRON-TFS44M Datasheet
174Kb / 5P
   Filter specification
TFS70BA VECTRON-TFS70BA Datasheet
228Kb / 5P
   Filter specification
TFS70H24A VECTRON-TFS70H24A Datasheet
147Kb / 5P
   Filter specification
TFS70L9 VECTRON-TFS70L9_07 Datasheet
219Kb / 5P
   Filter specification
TFS70L14A VECTRON-TFS70L14A Datasheet
216Kb / 5P
   Filter specification
TFS70R VECTRON-TFS70R Datasheet
35Kb / 3P
   Filter Specification
TFS71C VECTRON-TFS71C_05 Datasheet
161Kb / 5P
   Filter specification
TFS75F VECTRON-TFS75F Datasheet
180Kb / 5P
   Filter specification
TFS76B VECTRON-TFS76B Datasheet
180Kb / 5P
   Filter specification
TFS76E VECTRON-TFS76E Datasheet
224Kb / 5P
   Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com