Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMT-18-6005 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # CMT-18-6005
Description  Temperature Compensated Amplifier 6 GHz - 18 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CMT-18-6005 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  CMT-18-6005 Datasheet HTML 1Page - Teledyne Technologies Incorporated CMT-18-6005 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1274 Terra Bella Avenue, Mountain View, CA 94043 • PHN# 800.832.6869 or +1.650.962.6944 • FAX# 650.962.6845
www.teledynemicrowave.com • microwave@teledyne.com
TELEDYNE
MICROWAVE
All Specifications are subject to change. Please contact Teledyne Microwave for the latest information on this product
Teledyne Microwave amplifiers are balanced or feedback
designs and manufactured with the latest MIC & MMIC
technology. The GaAs FET’s used in these amplifiers are well
established proven devices from multiple sources.
Specifications:
Model Number:
Frequency Range:
Gain (min):
Noise Figure (max):
Output Power @ 1dB Compression:
Gain Flatness Vs Frequency:
3rd Order Intercept (Typ):
Power Supply:
Input Voltage: 11.5 to 15 VDC
Current @ 12 VDC (typ):
Current @ 12 VDC (max):
Case Type (See attached Outline):
Temperature Range:
Teledyne Microwave offers a complete line of Narrow and
broadband Amplifiers covering the frequency range 500 MHz
to 40 GHz. These products are available in either
connectorized packages or as modules. For a complete list of
these products and more, please visit our website.
Other products from Teledyne Microwave include:
Transceivers, Synthesizers, and YIG Products
CMT-18-6005
Temperature Compensated Amplifier
6 GHz - 18 GHz
08/05
ISO 9001:2000
6 GHz - 18 GHz
CMT-18-6005
24 dB
Gain Vs Temp at any Frequency: +/-1.50 dB
8.5 dB
18 dBm
+/-1.5 dB
27 dBm
350 mA
400 mA
SX6
-54 to +90C
This Amplifier offers exceptional performance over the band 6
GHz to 18 GHz with 18 dBm P1dB output power and 24 dB
Gain.


Similar Part No. - CMT-18-6005

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CMT-18-6004 TELEDYNE-CMT-18-6004 Datasheet
892Kb / 2P
   Temperature Compensated Amplifier 6 GHz - 18 GHz
CMT-18-6006 TELEDYNE-CMT-18-6006 Datasheet
892Kb / 2P
   Temperature Compensated Amplifier 6 GHz - 18 GHz
CMT-18-6007 TELEDYNE-CMT-18-6007 Datasheet
892Kb / 2P
   Temperature Compensated Amplifier
More results

Similar Description - CMT-18-6005

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CPT-18-6004 TELEDYNE-CPT-18-6004 Datasheet
892Kb / 2P
   Temperature Compensated Amplifier 6 GHz - 18 GHz
TPT-18-6005 TELEDYNE-TPT-18-6005 Datasheet
887Kb / 2P
   Temperature Compensated Amplifier 6 GHz - 18 GHz
TPT-18-6004 TELEDYNE-TPT-18-6004 Datasheet
887Kb / 2P
   Temperature Compensated Amplifier 6 GHz - 18 GHz
CPT-18-6008 TELEDYNE-CPT-18-6008 Datasheet
892Kb / 2P
   Temperature Compensated Amplifier 6 GHz - 18 GHz
CPT-18-6007 TELEDYNE-CPT-18-6007 Datasheet
892Kb / 2P
   Temperature Compensated Amplifier 6 GHz - 18 GHz
CPT-18-6016 TELEDYNE-CPT-18-6016 Datasheet
892Kb / 2P
   Temperature Compensated Amplifier 6 GHz - 18 GHz
CMT-18-6004 TELEDYNE-CMT-18-6004 Datasheet
892Kb / 2P
   Temperature Compensated Amplifier 6 GHz - 18 GHz
CMT-18-6006 TELEDYNE-CMT-18-6006 Datasheet
892Kb / 2P
   Temperature Compensated Amplifier 6 GHz - 18 GHz
CLT-18-6007 TELEDYNE-CLT-18-6007 Datasheet
892Kb / 2P
   Temperature Compensated Amplifier 6 GHz - 18 GHz
CPT-18-6019 TELEDYNE-CPT-18-6019 Datasheet
892Kb / 2P
   Temperature Compensated Amplifier 6 GHz - 18 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com