Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNA4501F Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # LNA4501F
Description  GaAlAs Red Light Emitting Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LNA4501F Datasheet(HTML) 2 Page - Panasonic Semiconductor

  LNA4501F Datasheet HTML 1Page - Panasonic Semiconductor LNA4501F Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
LNA4501F
Visible Light Emitting Diodes (Red)
IF — Ta
60
50
40
30
20
10
Ambient temperature
Ta (˚C )
0
20406080
100
0
– 20
tw = 10µs
Duty Cycle = 10%
Ta = 25˚C
IFP — VF
10 3
10 2
10
Forward voltage
V
F (V)
2.4
1.6
2.0
1.8
2.2
1
IFP — Duty cycle
10 4
10 3
10 2
10
1
Duty cycle (%)
10 –1
10
10 2
1
10 –1
10 –2
Ta = 25˚C
∆P
O — Ta
10
Ambient temperature
Ta (˚C )
IF = 20mA
– 40
0
40
80
10 2
10 3
Wavelength
λ (nm)
Spectral characteristics
100
80
60
40
20
640
660
680
700
720
0
620
IF = 20mA
Directivity characteristics
10˚
20˚
30˚
40˚
50˚
60˚
70˚
80˚
90˚
Coupling loss characteristics
0
1
2
3
4
Distance Z (mm)
0.4
1.2
1.6
0.8
5
0
X,Y = 0mm
Y
X
Z
Fiber
Coupling loss characteristics
0
1
2
3
4
Distance X, Y (mm)
– 0.4
0.4
0.8
0
5
– 0.8
Y
X
Z
Fiber
PO — IF
10 5
10 4
10 3
10 2
10
Forward current
I
F (mA)
10 2
10
10 3
Ta = 25˚C
1
20
100
80
60
40
Z = 0mm
Z = 0.3mm


Similar Part No. - LNA4501F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNA4501F PANASONIC-LNA4501F Datasheet
58Kb / 3P
   GaAlAs Red Light Emitting Diode For optical fiber communications and control systems
LNA4501F PANASONIC-LNA4501F_01 Datasheet
58Kb / 3P
   GaAlAs Red Light Emitting Diode For optical fiber communications and control systems
More results

Similar Description - LNA4501F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN145W PANASONIC-LN145W Datasheet
26Kb / 1P
   GaAlAs Red Light Emitting Diode
logo
KODENSHI_AUK CORP.
KLP-32R KODENSHI-KLP-32R Datasheet
243Kb / 2P
   Light Emitting Diode(GaAlAs)
logo
OSRAM GmbH
SFH-4860 OSRAM-SFH-4860 Datasheet
223Kb / 9P
   GaAlAs Light Emitting Diode
SFH4860 OSRAM-SFH4860_16 Datasheet
223Kb / 9P
   GaAlAs Light Emitting Diode
logo
Panasonic Semiconductor
LN77L PANASONIC-LN77L Datasheet
40Kb / 2P
   GaAlAs Infrared Light Emitting Diode
LN78 PANASONIC-LN78 Datasheet
35Kb / 2P
   GaAlAs Infrared Light Emitting Diode
LN175 PANASONIC-LN175 Datasheet
42Kb / 2P
   GaAlAs Infrared Light Emitting Diode
LNA4401L PANASONIC-LNA4401L Datasheet
35Kb / 2P
   GaAlAs Infrared Light Emitting Diode
LN671 PANASONIC-LN671 Datasheet
43Kb / 2P
   GaAlAs Infrared Light Emitting Diode
LN75X PANASONIC-LN75X Datasheet
35Kb / 2P
   GaAlAs Infrared Light Emitting Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com