Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS28F400AMB90BDBJL Datasheet(PDF) 6 Page - Texas Instruments

Part # TMS28F400AMB90BDBJL
Description  524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F400AMB90BDBJL Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS28F400AMB90BDBJL Datasheet HTML 2Page - Texas Instruments TMS28F400AMB90BDBJL Datasheet HTML 3Page - Texas Instruments TMS28F400AMB90BDBJL Datasheet HTML 4Page - Texas Instruments TMS28F400AMB90BDBJL Datasheet HTML 5Page - Texas Instruments TMS28F400AMB90BDBJL Datasheet HTML 6Page - Texas Instruments TMS28F400AMB90BDBJL Datasheet HTML 7Page - Texas Instruments TMS28F400AMB90BDBJL Datasheet HTML 8Page - Texas Instruments TMS28F400AMB90BDBJL Datasheet HTML 9Page - Texas Instruments TMS28F400AMB90BDBJL Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
TMS28F004Axy, TMS28F400Axy
524288 BY 8-BIT/262144 BY 16-BIT
AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
SMJS829A – JANUARY 1996 – REVISED AUGUST 1997
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
functional block diagram
Counter
Address
Address
Latch
Control
Reduction
Power-
X Decoder
Y Decoder
Y Gating / Sensing
Block
Main
128K-Byte
Block
Main
96K-Byte
Block
Parameter
8K-Byte
Block
Parameter
8K-Byte
Block
Boot
16K-Byte
I/O Logic
Program/
Voltage
Switch
Erase
Machine
State
Write
Machine
State
Command
Data
Comparator
Register
Data
Input
Buffer
Input
Buffer
Register
Status
Register
Identification
Multiplexer
Output
Input Buffer
DQ15/A –1
Output
Buffer
Buffer
Output
DQ8 – DQ15/A –1
DQ0 – DQ7
A0 –
A17
BYTE
E
W
G
RP
VPP
Input
Buffer
17
8
8
8
Block
Main
128K-Byte
Block
Main
128K-Byte
WP
architecture
The TMS28F400Axy uses a blocked architecture to allow independent erasure of selected memory blocks. The
block to be erased is selected by using any valid address within that block.
block memory maps
The TMS28F400Axy is available with the block architecture mapped in either of two configurations: the boot
block located at the top or at the bottom of the memory array, as required by different microprocessors. The
TMS28F400AxB (bottom boot block) is mapped with the 16K-byte boot block located at the low-order address
range (00000h to 01FFFh). The TMS28F400AxT (top boot block) is inverted with respect to the TMS28F400AxB
with the boot block located at the high-order address range (3E000h to 3FFFFh). Both of these address ranges
are for word-wide mode. Figure 1 and Figure 2 show the memory maps for these configurations. The
TMS28F004Axy is mapped as the 8-bit configuration of the TMS28F400Axy, except that the least significant
bit (LSB) is A0 instead of A–1.


Similar Part No. - TMS28F400AMB90BDBJL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F400AMB TI1-TMS28F400AMB Datasheet
1Mb / 80P
[Old version datasheet]   AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
More results

Similar Description - TMS28F400AMB90BDBJL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F004AEB TI1-TMS28F004AEB Datasheet
1Mb / 80P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F002AXY TI-TMS28F002AXY Datasheet
1Mb / 79P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS29F400B TI-TMS29F400B Datasheet
670Kb / 51P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT FLASH MEMORIES
TMS28F200BZT TI-TMS28F200BZT Datasheet
405Kb / 29P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
TMS28F400BZT TI-TMS28F400BZT Datasheet
404Kb / 29P
[Old version datasheet]   8-BIT/262144 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
TMS29F800T TI-TMS29F800T Datasheet
685Kb / 51P
[Old version datasheet]   1048576 BY 8-BIT/ 524288 BY 16-BIT FLASH MEMORIES
TMS28F008AEB TI1-TMS28F008AEB Datasheet
696Kb / 52P
[Old version datasheet]   1 048 576 BY 8-BIT/524 288 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS28F008AXY TI-TMS28F008AXY Datasheet
714Kb / 52P
[Old version datasheet]   1 048 576 BY 8-BIT/524 288 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES
TMS29F002B TI1-TMS29F002B Datasheet
453Kb / 38P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORIES
TMS29F002RB TI1-TMS29F002RB Datasheet
517Kb / 41P
[Old version datasheet]   262144 BY 8-BIT FLASH MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com