Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VTC4-C43B-12M800 Datasheet(PDF) 4 Page - Vectron International, Inc

Part # VTC4-C43B-12M800
Description  Voltage Controlled Temperature Compensated Crystal Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VTC4-C43B-12M800 Datasheet(HTML) 4 Page - Vectron International, Inc

  VTC4-C43B-12M800 Datasheet HTML 1Page - Vectron International, Inc VTC4-C43B-12M800 Datasheet HTML 2Page - Vectron International, Inc VTC4-C43B-12M800 Datasheet HTML 3Page - Vectron International, Inc VTC4-C43B-12M800 Datasheet HTML 4Page - Vectron International, Inc VTC4-C43B-12M800 Datasheet HTML 5Page - Vectron International, Inc VTC4-C43B-12M800 Datasheet HTML 6Page - Vectron International, Inc VTC4-C43B-12M800 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
VTC4 Data Sheet
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
VCXO Functional Description
VCXO Feature: The VTC4 can be ordered with a VCXO function for applications were it will be used in a
PLL, or the output frequency needs fine tune adjustments. This is a high impedance input, 1 Mohm, and can
be driven with an op-amp or terminated with adjustable resistors etc. Pin 1 should not be left floating on
the VCXO optional devices.
“No Adjust” Feature: In applications were the VTC4 will be not be used in a PLL, or the output frequency
does not fine tune adjustments, the best device to use would be a VTC4-x0xxx. By using the “no adjust”
option, the circuit is simplified as Vc does not need to adjusted or set to a predetermined voltage and pin 1
should be grounded (pin 1 can be left open but should not be set to a voltage such as the supply).
Outline Diagrams, Pad Layout and Pin Out
Table 2. Pinout
Pin #
Symbol
Function
1
N/C or
VC
No Connect (VTC4-x0xx)
or VCXO Control Voltage
2
GND
Electrical and Case Ground
3
fO
Output Frequency
4
VDD
Supply Voltage
NOTE: Additional pads are used to program and adjust the TCXO during manufacturing and should be left
open; do not terminate these to the supply voltage. Some designs do not include these additional pads.
Contact Pads are gold over nickel
Figure 3, Package drawing


Similar Part No. - VTC4-C43B-12M800

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VTC4 VECTRON-VTC4 Datasheet
440Kb / 7P
   Voltage Controlled Temperature Compensated Crystal Oscillator
logo
VITALCONN ELECTRONICS H...
VTC402011882-A VITALCONN-VTC402011882-A Datasheet
381Kb / 2P
   SIM H=1.8 LCP vinyl terminal C5191 shell stainless steel
REV: A
VTC402012992 VITALCONN-VTC402012992 Datasheet
273Kb / 1P
   Under the board SD NO PUSH external welding H=3.0 LCP vinyl terminal C5191 shell stainless steel
REV: A
VTC402013032-A VITALCONN-VTC402013032-A Datasheet
352Kb / 2P
   NANO SIM CARD flip cover H=1.40 LCP vinyl terminal C5191 shell stainless steel
REV: A
VTC402013062 VITALCONN-VTC402013062 Datasheet
518Kb / 2P
   Micro SIM H=1.8 LP vinyl terminal C5191 shell stainless steel
REV: A
More results

Similar Description - VTC4-C43B-12M800

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASTX-12 ABRACON-ASTX-12 Datasheet
2Mb / 2P
   TEMPERATURE COMPENSATED/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
03.01.07
ASVTX-09 ABRACON-ASVTX-09 Datasheet
154Kb / 2P
   VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
5.03.07
logo
RF Monolithics, Inc
XVT9009 RFM-XVT9009 Datasheet
564Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9006 RFM-XVT9006 Datasheet
453Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003-1 RFM-XVT9003-1 Datasheet
462Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003 RFM-XVT9003 Datasheet
284Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASVTX-09 ABRACON-ASVTX-09_07 Datasheet
155Kb / 2P
   VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
09.20.07
logo
Vectron International, ...
VTC1 VECTRON-VTC1 Datasheet
202Kb / 9P
   Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CVT32 CRYSTEKCRYSTAL-CVT32_15 Datasheet
74Kb / 1P
   Temperature Compensated Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VTC21 VECTRON-VTC21 Datasheet
187Kb / 6P
   Voltage Controlled Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com