Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VTC4-C43B-12M800 Datasheet(PDF) 6 Page - Vectron International, Inc

Part # VTC4-C43B-12M800
Description  Voltage Controlled Temperature Compensated Crystal Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VTC4-C43B-12M800 Datasheet(HTML) 6 Page - Vectron International, Inc

  VTC4-C43B-12M800 Datasheet HTML 1Page - Vectron International, Inc VTC4-C43B-12M800 Datasheet HTML 2Page - Vectron International, Inc VTC4-C43B-12M800 Datasheet HTML 3Page - Vectron International, Inc VTC4-C43B-12M800 Datasheet HTML 4Page - Vectron International, Inc VTC4-C43B-12M800 Datasheet HTML 5Page - Vectron International, Inc VTC4-C43B-12M800 Datasheet HTML 6Page - Vectron International, Inc VTC4-C43B-12M800 Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
VTC4 Data Sheet
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail vectron@vectron.com
6
Handling Precautions
Although ESD protection circuitry has been designed into the the VTC4, proper precautions should be taken
when handling and mounting. VI employs a Human Body Model and a Charged-Device Model (CDM) for
ESD susceptibility testing and design protection evaluation. ESD thresholds are dependent on the circuit
parameters used to define the model. Although no industry wide standard has been adopted for the CDM, a
standard HBM of resistance = 1.5kohms and capacitance = 100pF is widely used and therefore can be
used for comparison purposes.
Table 6. ESD Ratings
Model
Minimum
Conditions
Human Body Model
1000
MIL-STD-883 Method 3115
Charged Device Model
1500
JESD 22-C101
Suggested IR profile
Devices are built using lead free epoxy and can also be subjected to standard lead free IR reflow conditions,
Table 7 shows max temperatures and lower temperatures can also be used e.g. peak temperature of 220C.
Table 7. Reflow Profile (IPC/JEDEC J-STD-020B)
Parameter
Symbol
Value
PreHeat Time
t S
150 sec Min, 200 sec Max
Ramp Up
R UP
3
oC/sec Max
Time Above 217
oC
t L
60 sec Min, 150 sec Max
Time To Peak Temperature
t AMB-P
480 sec Max
Time At 260
oC (max)
t P
10 sec Max
Time At 240 °C (max)
tp2
60 sec Max
Ramp Down
R DN
6
oC/sec Max


Similar Part No. - VTC4-C43B-12M800

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VTC4 VECTRON-VTC4 Datasheet
440Kb / 7P
   Voltage Controlled Temperature Compensated Crystal Oscillator
logo
VITALCONN ELECTRONICS H...
VTC402011882-A VITALCONN-VTC402011882-A Datasheet
381Kb / 2P
   SIM H=1.8 LCP vinyl terminal C5191 shell stainless steel
REV: A
VTC402012992 VITALCONN-VTC402012992 Datasheet
273Kb / 1P
   Under the board SD NO PUSH external welding H=3.0 LCP vinyl terminal C5191 shell stainless steel
REV: A
VTC402013032-A VITALCONN-VTC402013032-A Datasheet
352Kb / 2P
   NANO SIM CARD flip cover H=1.40 LCP vinyl terminal C5191 shell stainless steel
REV: A
VTC402013062 VITALCONN-VTC402013062 Datasheet
518Kb / 2P
   Micro SIM H=1.8 LP vinyl terminal C5191 shell stainless steel
REV: A
More results

Similar Description - VTC4-C43B-12M800

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASTX-12 ABRACON-ASTX-12 Datasheet
2Mb / 2P
   TEMPERATURE COMPENSATED/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
03.01.07
ASVTX-09 ABRACON-ASVTX-09 Datasheet
154Kb / 2P
   VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
5.03.07
logo
RF Monolithics, Inc
XVT9009 RFM-XVT9009 Datasheet
564Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9006 RFM-XVT9006 Datasheet
453Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003-1 RFM-XVT9003-1 Datasheet
462Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003 RFM-XVT9003 Datasheet
284Kb / 3P
   Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASVTX-09 ABRACON-ASVTX-09_07 Datasheet
155Kb / 2P
   VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
09.20.07
logo
Vectron International, ...
VTC1 VECTRON-VTC1 Datasheet
202Kb / 9P
   Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CVT32 CRYSTEKCRYSTAL-CVT32_15 Datasheet
74Kb / 1P
   Temperature Compensated Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
VTC21 VECTRON-VTC21 Datasheet
187Kb / 6P
   Voltage Controlled Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com