Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS211D Datasheet(PDF) 3 Page - Vectron International, Inc

Part # TFS211D
Description  Prelimenary Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS211D Datasheet(HTML) 3 Page - Vectron International, Inc

  TFS211D Datasheet HTML 1Page - Vectron International, Inc TFS211D Datasheet HTML 2Page - Vectron International, Inc TFS211D Datasheet HTML 3Page - Vectron International, Inc TFS211D Datasheet HTML 4Page - Vectron International, Inc TFS211D Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TFS 211D.doc
version 1.2
10.12.2003
VI TELEFILTER
Prelimenary Specification
TFS 211D
3/5
TELEFILTER GmbH
Potsdamer Stra
ße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail:
tft@telefilter.com
Stability characteristics
After the following tests the filter shall meet the whole specification:
1. Shock:
500g, 18 ms, half sine wave, 3 shocks each plane;
DIN IEC 68 T2 - 27
2. Vibration:
10 Hz to 500 Hz, 0,35 mm or 5g respectively, 1 octave per min, 10 cycles per plan, 3 plans;
DIN IEC 68 T2 - 6
3. Change of
temperature:
-55 °C to 125°C / 30 min. each / 10 cycles
DIN IEC 68 part 2 – 14 Test N
4. Resistance to
solder heat (reflow):
reflow possible: twice max.;
for temperature conditions, please refer to the attached "Air reflow temperature conditions" on page 4;
Packing
Tape & Reel:
DIN IEC 286 – 3, with exception of value for N and minimum bending radius;
tape type II, embossed carrier tape with top cover tape on the upper side;
max. pieces of filters per reel:
1700
reel of empty components at start:
min 300 mm
reel of empty components at start including leader:
min 500 mm
trailer
min 300 mm
D o
Po
E
F
W
P1
EMBOSSED CARR IER TAPE
COVE R TAPE
G
P 2
B o
A o
Ct
D 1
Tape (all dim en sions in mm)
W
:
24
± 0,3
Po
:4
± 0,1
Do
:
1,5
+ 0,1
E
:
1,75 ± 0,1
F
:
11,5 ± 0,1
G (min) :
0,60
P2
:
2
± 0,1
P1
:
12
± 0,1
D1(min) :
1,5
Ao
:
7,1
± 0,2
Bo
:
13,9
± 0,2
Ct
:
21,5
± 0,1
A
C
N
W 1
W 2
Reel (all dimensions in mm):
A
:
330
W1
:
24,40 +2,0
W2 (max) :
30,4
N (min)
:
60
C
:
13 ± 0,5/-0.2
The minimum bending radius is 45 mm. The mounting surface of the filters faces the bottom side of the embossed carrier tape.
Markings on the filters can be read if the upper side of the carrier tape is regarded with the sprocket holes on its right.
VI TELEFILTER reserves the right to make changes to the product(s) and/or information contained herein without notice. No liability is assumed as
a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information


Similar Part No. - TFS211D

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS211 VECTRON-TFS211 Datasheet
211Kb / 5P
   Filter specification
TFS211-1 VECTRON-TFS211-1 Datasheet
94Kb / 5P
   Filter specification
TFS211-1 VECTRON-TFS211-1_05 Datasheet
174Kb / 5P
   Filter specification
TFS211A VECTRON-TFS211A Datasheet
43Kb / 4P
   Filter Specification
TFS211B VECTRON-TFS211B Datasheet
56Kb / 5P
   Filter specification
More results

Similar Description - TFS211D

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMD4532-400 LEIDITECH-SMD4532-400 Datasheet
271Kb / 3P
   SPECIFICATION ELECTRICAL SPECIFICATION
logo
Vectron International, ...
TFS71D VECTRON-TFS71D Datasheet
37Kb / 3P
   Specification
TFS161A VECTRON-TFS161A Datasheet
39Kb / 5P
   Specification
logo
Samsung semiconductor
CL21B105KBFNNNF SAMSUNG-CL21B105KBFNNNF Datasheet
139Kb / 2P
   SPECIFICATION
CL21B473KCFNNNE SAMSUNG-CL21B473KCFNNNE Datasheet
140Kb / 2P
   SPECIFICATION
logo
List of Unclassifed Man...
ISR3SAD100 ETC2-ISR3SAD100 Datasheet
93Kb / 1P
   SPECIFICATION
logo
Samsung semiconductor
CL05A474KQ5NNNC SAMSUNG-CL05A474KQ5NNNC Datasheet
135Kb / 2P
   SPECIFICATION
CL31A226KAHNNNE SAMSUNG-CL31A226KAHNNNE Datasheet
80Kb / 2P
   SPECIFICATION
CL31B105KCHSNNE SAMSUNG-CL31B105KCHSNNE Datasheet
152Kb / 2P
   SPECIFICATION
logo
Fuji Electric
PH967C6 FUJI-PH967C6 Datasheet
136Kb / 12P
   SPECIFICATION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com