Electronic Components Datasheet Search |
|
TMS28F004AZB80CDCDL Datasheet(PDF) 11 Page - Texas Instruments |
|
TMS28F004AZB80CDCDL Datasheet(HTML) 11 Page - Texas Instruments |
11 / 80 page TMS28F004Axy, TMS28F400Axy 524288 BY 8-BIT/262144 BY 16-BIT AUTO-SELECT BOOT-BLOCK FLASH MEMORIES SMJS829A – JANUARY 1996 – REVISED AUGUST 1997 11 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251–1443 status register (continued) Table 5. Status-Register Bit Definitions and Functions STATUS FUNCTION DATA COMMENTS BIT FUNCTION DATA COMMENTS SB7 Write state machine status 1 = Ready If SB7 = 0 (busy), the WSM has not completed an erase or programming operation. If SB7 = 1 (ready), other polling operations can be performed. Until this occurs, the other status bits are not valid If the WSM status bit shows busy (0) the user SB7 Write-state-machine status y 0 = Busy bits are not valid. If the WSM status bit shows busy (0), the user must toggle E or G periodically to determine when the WSM has completed an operation (SB7 = 1) since SB7 is not updated automatically at the completion of a WSM task. SB6 Erase-suspend status (ESS) 1 = Erase suspended 0 = Erase in progress or completed When an erase-suspend command is issued, the WSM halts execution and sets the ESS bit high (SB6 = 1) indicating that the erase operation has been suspended. The WSM status bit also is set high (SB7 = 1) indicating that the erase-suspend operation has been completed successfully. The ESS bit remains at a logic-high level until an erase-resume command is input to the CSM (code D0h ). SB5 Erase status (ES) 1 = Block erase error 0 = Block erase good SB5 = 0 indicates that a successful block erasure has occurred. SB5 = 1 indicates that an erase error has occurred. In this case, the WSM has completed the maximum allowed erase pulses determined by the internal algorithm, but this was insufficient to erase the device completely. SB4 Program status (PS) 1 = Byte/word program error 0 = Byte/word program good SB4 = 0 indicates successful programming has occurred at the addressed block location. SB4 = 1 indicates that the WSM was unable to program the addressed block location correctly. SB3 VPP status (VPPS) 1 = Program abort: VPP range error 0= VPP good SB3 provides information on the status of VPP during programming. If VPP is lower than VPPL after a program or erase command has been issued, SB3 is set to a 1 indicating that the programming operation is aborted. If VPP is between VPPH and VPPL, SB3 is not set. SB2 – SB0 Reserved These bits must be masked out when reading the status register. byte-wide or word-wide mode selection The memory array is divided into two parts: an upper-half that outputs data through I/O pins DQ8 – DQ15, and a lower-half that outputs data through DQ0 – DQ7. Device operation in either byte-wide or word-wide mode is user-selectable and is determined by the logic state of BYTE. When BYTE is at a logic-high level, the device is in the word-wide mode and data is written to, or read from, I/O pins DQ0 – DQ15. When BYTE is at a logic-low level, the device is in the byte-wide mode and data is written to or read from I/O pins DQ0 – DQ7. In the byte-wide mode, I/O pins DQ8 – DQ14 are placed in the high-impedance state and DQ15/A –1 becomes the low-order address pin and selects either the upper or lower half of the array. Array data from the upper half (DQ8 – DQ15 ) and the lower half (DQ0 – DQ7 ) are multiplexed to appear on DQ0 – DQ7. Table 6, Table 7, and Table 8 summarize operational modes. |
Similar Part No. - TMS28F004AZB80CDCDL |
|
Similar Description - TMS28F004AZB80CDCDL |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |